Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BG650 Datasheet(PDF) 4 Page - Baumer IVO GmbH & Co. KG

Part # BG650
Description  EC-motor with planetary gear unit for automatic spindle positioning cycles
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

BG650 Datasheet(HTML) 4 Page - Baumer IVO GmbH & Co. KG

  BG650 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG BG650 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG BG650 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG BG650 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.baumerivo.com
www.baumerivo.com
Motors
www.baumerivo.com
4
BG650
EC-motor with planetary gear unit
for automatic spindle positioning cycles
Dimensions
A
A
0.06
0.03
A
0.15
BG650.25 = 111°±0.2
(BG650.50 = 136°±0.2)
(BG650.75 = 161°±0.2)
5
90°±0.5°
ø40 ±0.1
4x ø3.7 -0.11
4x ø4.66 -0.11
4x ø4.66 -0.11
3
25±1
ø30±0.1
45°
12
L ±1
ø36±0.1
ø40±0.1
ø48±0.1
disc spring
4x6.5 DIN6888
row A
12-pin connection
8-pin connection
M5x7.5
L
gear stages
65,5
2


Similar Part No. - BG650

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
BG600L-M3 QUECTEL-BG600L-M3 Datasheet
1Mb / 2P
   LTE Cat M1/Cat NB2/EGPRS Module
logo
Bolymin, Inc
BG640480A BOLYMIN-BG640480A Datasheet
181Kb / 1P
   FSTN LCD, TAB IC, TCP package with frame No built-in controller (Recommending SED1375)
More results

Similar Description - BG650

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
BG440 IVO-BG440 Datasheet
537Kb / 4P
   EC-motor with planetary gear unit for automatic spindle positioning cycles
logo
Ningbo Leison Motor Co....
PG92-80ZY115 NINGBO-PG92-80ZY115 Datasheet
1Mb / 1P
   DC Planetary Gear Motor
PG82-80ZY115 NINGBO-PG82-80ZY115 Datasheet
1Mb / 1P
   DC Planetary Gear Motor
PG120-96ZY140 NINGBO-PG120-96ZY140 Datasheet
1Mb / 1P
   DC Planetary Gear Motor
PG56-63ZY125 NINGBO-PG56-63ZY125 Datasheet
1Mb / 1P
   DC Planetary Gear Motor
PG56-80ZY115 NINGBO-PG56-80ZY115 Datasheet
1Mb / 1P
   DC Planetary Gear Motor
PG72-71ZY110 NINGBO-PG72-71ZY110 Datasheet
1Mb / 1P
   DC Planetary Gear Motor
PG92-80ZY125 NINGBO-PG92-80ZY125 Datasheet
1Mb / 1P
   DC Planetary Gear Motor
logo
List of Unclassifed Man...
MOT-IG42GM ETC2-MOT-IG42GM Datasheet
253Kb / 1P
   42mm Planetary Gear Motor Carbon - Brushed
2022
logo
Festo Corporation.
8141735 FESTO-8141735 Datasheet
73Kb / 1P
   Gear unit
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com