Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY22393ZXI-XXX Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY22393ZXI-XXX
Description  Three-PLL Serial-Programmable Flash-Programmable Clock Generator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22393ZXI-XXX Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY22393ZXI-XXX Datasheet HTML 1Page - Cypress Semiconductor CY22393ZXI-XXX Datasheet HTML 2Page - Cypress Semiconductor CY22393ZXI-XXX Datasheet HTML 3Page - Cypress Semiconductor CY22393ZXI-XXX Datasheet HTML 4Page - Cypress Semiconductor CY22393ZXI-XXX Datasheet HTML 5Page - Cypress Semiconductor CY22393ZXI-XXX Datasheet HTML 6Page - Cypress Semiconductor CY22393ZXI-XXX Datasheet HTML 7Page - Cypress Semiconductor CY22393ZXI-XXX Datasheet HTML 8Page - Cypress Semiconductor CY22393ZXI-XXX Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
CY22393, CY22394, CY22395
Three-PLL Serial-Programmable
Flash-Programmable Clock Generator
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-07186 Rev. *D
Revised October 10, 2008
Features
Three integrated phase-locked loops (PLLs)
Ultra wide divide counters (8-bit Q, 11-bit P, and 7-bit post
divide)
Improved linear crystal load capacitors
Flash programmability with external programmer
Field-programmable
Low jitter, high accuracy outputs
Power management options (Shutdown, OE, Suspend)
Configurable crystal drive strength
Frequency select through three external LVTTL inputs
3.3V operation
16-pin TSSOP package
CyClocksRT™ software support
Advanced Features
2-wire serial interface for in-system configurability
Configurable output buffer
Digital VCXO
High frequency LVPECL output (CY22394 only)
3.3/2.5V outputs (CY22395 only)
Benefits
Generates up to three unique frequencies on up to six
outputs from an external source.
Allows for 0 ppm frequency generation and frequency
conversion in the most demanding applications.
Improves frequency accuracy over temperature, age,
process, and initial ppm offset.
Nonvolatile programming enables easy customization,
ultra-fast turnaround, performance tweaking, design timing
margin testing, inventory control, lower part count, and more
secure product supply. In addition, any part in the family can
be programmed multiple times, which reduces programming
errors and provides an easy upgrade path for existing
designs.
In-house programming of samples and prototype quantities
is available using the CY3672 FTG Development Kit.
Production quantities are available through Cypress
Semiconductor’s value-added distribution partners or by
using third-party programmers from BP Microsystems, HiLo
Systems, and others.
Performance suitable for high-end multimedia, communica-
tions, industrial, A/D converters, and consumer applications.
Supports numerous low power application schemes and
reduces electromagnetic interference (EMI) by allowing
unused outputs to be turned off.
Adjust crystal drive strength for compatibility with virtually all
crystals.
3-bit external frequency select options for PLL1, CLKA, and
CLKB.
Industry standard packaging saves on board space.
Easy to use software support for design entry.
2-wire serial interface allows in-system programming into
volatile configuration memory. All frequency settings can be
changed, providing literally millions of frequency options.
Adjust output buffer strength to lower EMI or improve timing
margin.
Fine tune crystal oscillator frequency by changing load
capacitance.
Differential output up to 400 MHz.
Provides interfacing option for low voltage parts.
[+] Feedback


Similar Part No. - CY22393ZXI-XXX

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22393ZXI-XXX CYPRESS-CY22393ZXI-XXX Datasheet
412Kb / 17P
   Three-PLL Serial-Programmable Flash-Programmable Clock Generator
CY22393ZXI-XXXT CYPRESS-CY22393ZXI-XXXT Datasheet
412Kb / 17P
   Three-PLL Serial-Programmable Flash-Programmable Clock Generator
More results

Similar Description - CY22393ZXI-XXX

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22393 CYPRESS-CY22393_09 Datasheet
418Kb / 19P
   Three-PLL Serial-Programmable Flash-Programmable Clock Generator
CY22393 CYPRESS-CY22393 Datasheet
412Kb / 17P
   Three-PLL Serial-Programmable Flash-Programmable Clock Generator
CY22381 CYPRESS-CY22381_08 Datasheet
346Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381 CYPRESS-CY22381 Datasheet
143Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_08 Datasheet
344Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_13 Datasheet
504Kb / 13P
   Three-PLL General Purpose Flash Programmable Clock Generator
CY22381 CYPRESS-CY22381_11 Datasheet
344Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392 Datasheet
157Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381_1105 CYPRESS-CY22381_1105 Datasheet
450Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY25403 CYPRESS-CY25403 Datasheet
261Kb / 8P
   Three PLL Programmable Clock Generator with Spread Spectrum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com