Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2309SC-1H Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY2309SC-1H
Description  Low-Cost 3.3V Zero Delay Buffer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2309SC-1H Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY2309SC-1H Datasheet HTML 1Page - Cypress Semiconductor CY2309SC-1H Datasheet HTML 2Page - Cypress Semiconductor CY2309SC-1H Datasheet HTML 3Page - Cypress Semiconductor CY2309SC-1H Datasheet HTML 4Page - Cypress Semiconductor CY2309SC-1H Datasheet HTML 5Page - Cypress Semiconductor CY2309SC-1H Datasheet HTML 6Page - Cypress Semiconductor CY2309SC-1H Datasheet HTML 7Page - Cypress Semiconductor CY2309SC-1H Datasheet HTML 8Page - Cypress Semiconductor CY2309SC-1H Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CY2305
CY2309
Document #: 38-07140 Rev. *I
Page 4 of 15
Absolute Maximum Conditions
Supply Voltage to Ground Potential................–0.5V to +7.0V
DC Input Voltage (Except REF) ............ –0.5V to VDD + 0.5V
DC Input Voltage REF .........................................–0.5V to 7V
Storage Temperature ................................. –65°C to +150°C
Junction Temperature ................................................. 150°C
Static Discharge Voltage
(per MIL-STD-883, Method 3015) ........................... > 2,000V
Operating Conditions for CY2305SC-XX and CY2309SC-XX Commercial Temperature Devices
Parameter
Description
Min
Max
Unit
VDD
Supply Voltage
3.0
3.6
V
TA
Operating Temperature (Ambient Temperature)
0
70
°C
CL
Load Capacitance, below 100 MHz
30
pF
CL
Load Capacitance, from 100 MHz to 133 MHz
10
pF
CIN
Input Capacitance
7
pF
tPU
Power up time for all VDDs to reach minimum specified voltage
(power ramps must be monotonic)
0.05
50
ms
Electrical Characteristics for CY2305SC-XX and CY2309SC-XX Commercial Temperature
Devices
Parameter
Description
Test Conditions
Min
Max
Unit
VIL
Input LOW Voltage[5]
–0.8
V
VIH
Input HIGH Voltage[5]
2.0
V
IIL
Input LOW Current
VIN = 0V
50.0
μA
IIH
Input HIGH Current
VIN = VDD
–100.0
μA
VOL
Output LOW Voltage[6]
IOL = 8 mA (–1)
IOH = 12 mA (–1H)
–0.4
V
VOH
Output HIGH Voltage[6]
IOH = –8 mA (–1)
IOL = –12 mA (–1H)
2.4
V
IDD (PD mode) Power Down Supply Current
REF = 0 MHz
25.0
μA
IDD
Supply Current
Unloaded outputs at 66.67 MHz,
SEL inputs at VDD
32.0
mA
Switching Characteristics for CY2305SC-1 and CY2309SC-1 Commercial Temperature
Devices
Parameter[7]
Name
Test Conditions
Min
Typ.
Max
Unit
t1
Output Frequency
30-pF load
10 pF load
10
10
100
133.33
MHz
MHz
tDC
Duty Cycle[6] = t2 ÷ t1
Measured at 1.4V, Fout = 66.67
MHz
40.0
50.0
60.0
%
t3
Rise Time[6]
Measured between 0.8V and
2.0V
2.50
ns
t4
Fall Time[6]
Measured between 0.8V and
2.0V
2.50
ns
t5
Output to Output Skew[6]
All outputs equally loaded
85
250
ps
t6A
Delay, REF Rising Edge to
CLKOUT Rising Edge[6]
Measured at VDD/2
0
±350
ps
Notes
5. REF input has a threshold voltage of VDD/2.
6. Parameter is guaranteed by design and characterization. Not 100% tested in production.
[+] Feedback


Similar Part No. - CY2309SC-1H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2309SC-1H CYPRESS-CY2309SC-1H Datasheet
200Kb / 13P
   LOW-COST 3.3V ZERO DELAY BUFFER
CY2309SC-1H CYPRESS-CY2309SC-1H Datasheet
210Kb / 14P
   Low-Cost 3.3V Zero Delay Buffer
CY2309SC-1H CYPRESS-CY2309SC-1H Datasheet
490Kb / 19P
   Low Cost 3.3-V Zero Delay Buffer
CY2309SC-1HT CYPRESS-CY2309SC-1HT Datasheet
200Kb / 13P
   LOW-COST 3.3V ZERO DELAY BUFFER
CY2309SC-1HT CYPRESS-CY2309SC-1HT Datasheet
210Kb / 14P
   Low-Cost 3.3V Zero Delay Buffer
More results

Similar Description - CY2309SC-1H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2305 CYPRESS-CY2305_09 Datasheet
380Kb / 15P
   Low Cost 3.3V Zero Delay Buffer
CY2305 CYPRESS-CY2305_05 Datasheet
210Kb / 14P
   Low-Cost 3.3V Zero Delay Buffer
CY2309 CYPRESS-CY2309 Datasheet
200Kb / 13P
   LOW-COST 3.3V ZERO DELAY BUFFER
logo
Exar Corporation
XRK32309 EXAR-XRK32309 Datasheet
302Kb / 13P
   LOW-COST 3.3V ZERO DELAY BUFFER
logo
Renesas Technology Corp
MPC962305 RENESAS-MPC962305 Datasheet
801Kb / 19P
   Low-Cost, 3.3V Zero Delay Buffer
2019
logo
Integrated Device Techn...
MPC962305EF-1H IDT-MPC962305EF-1H Datasheet
500Kb / 18P
   Low-Cost, 3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY23S09 CYPRESS-CY23S09_09 Datasheet
313Kb / 9P
   Low Cost 3.3V Spread Aware Zero Delay Buffer
CY23S09 CYPRESS-CY23S09_04 Datasheet
188Kb / 9P
   Low-Cost 3.3V Spread Aware??Zero Delay Buffer
CY23S05 CYPRESS-CY23S05 Datasheet
302Kb / 9P
   Low Cost 3.3V Spread Aware Zero Delay Buffer
CY23S09 CYPRESS-CY23S09 Datasheet
184Kb / 9P
   Low-Cost 3.3V Spread Aware??Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com