Electronic Components Datasheet Search |
|
BE134.012AX01 Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG |
|
BE134.012AX01 Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG |
2 / 2 page www.baumerivo.com www.baumerivo.com Time and hours meters electronic www.baumerivo.com 2 BE134 Part number BE134. AX01 Voltage supply 1 22...50 VAC 2 85...265 VAC 3 12...30 VDC Outputs 1 Relay outputs 2 Optocoupler outputs Interface 0 Without interface 1 RS485 2 presets, PNP, NPN or AC logic Display LCD, 6-digits, programmable Comparator inputs Input circuit Inputs PNP- / NPN- / AC-logic Input level Programmable Input level Low 0...2 VDC Input level High 3...40 VDC Input resistance 3 kΩ Relay outputs Output circuit Switching voltage max. 250 VAC / 110 VDC Switching current max. 1 A Switching capacity max. 150 VA / 30 W Relay responding time 5 ms Electronical outputs Output circuit Optocoupler short-circuit proof Switching voltage max. 40 V Switching current max. 25 mA Trigger level 1 2 3 A (Start) B (Stop) Totalizer Main counter with presets Batch counter with or without preset Interface RS485 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 Voltage supply Control input T,R- T,R+ Output P1 P2 Sensor supply + - + - Block circuit diagram Dimensions 60.8 48 100 10 1-6 7 Relay outputs Electronic outputs 15 14 13 12 11 10 98 7 6 P2 P1 54 32 1 RS485 Sensor- supply Control input Signal input terminal - terminal/ max. 265 V - terminal 15 14 13 12 11 10 98 7 6 P2 P1 54 32 1 RS485 Sensor supply Control input Signal input terminal - terminal / max. 265 V - terminal Outputs Outputs Connection diagram Accessories Adaptor plates (page %S) Z 118.033 Adaptor plate for screw mount, face 60 x 75 mm Z 118.034 Adaptor plate for clip mount, face 53.2 x 53.2 mm Z 118.035 Adaptor plate for clip mount, face 60 x 75 mm |
Similar Part No. - BE134.012AX01 |
|
Similar Description - BE134.012AX01 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |