Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC5602CEMLQ Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # SPC5602CEMLQ
Description  Microcontroller
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5602CEMLQ Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button SPC5602CEMLQ Datasheet HTML 2Page - Freescale Semiconductor, Inc SPC5602CEMLQ Datasheet HTML 3Page - Freescale Semiconductor, Inc SPC5602CEMLQ Datasheet HTML 4Page - Freescale Semiconductor, Inc SPC5602CEMLQ Datasheet HTML 5Page - Freescale Semiconductor, Inc SPC5602CEMLQ Datasheet HTML 6Page - Freescale Semiconductor, Inc SPC5602CEMLQ Datasheet HTML 7Page - Freescale Semiconductor, Inc SPC5602CEMLQ Datasheet HTML 8Page - Freescale Semiconductor, Inc SPC5602CEMLQ Datasheet HTML 9Page - Freescale Semiconductor, Inc SPC5602CEMLQ Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 98 page
background image
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Overview
Freescale Semiconductor
6
Two full CAN 2.0B controllers with 64 configurable buffers each; the bit rate can be programmed up to 1 Mb/s
Up to four Inter-integrated circuit (I2C) internal bus controllers with master/slave bus interface
Up to 132 configurable general purpose pins supporting input and output operations
Real Time Counter (RTC). Clock sources are:
— Internal 128 kHz or 16 MHz RC oscillator supporting autonomous wake-up with 1 ms resolution with maximum
timeout of 2 seconds
— External 32 kHz crystal oscillator, supporting wake-up with 1 s resolution and maximum timeout of one hour
— External 4 - 16 MHz oscillator
System Timers:
— 4-channel 32-bit System Timer Module (STM)—included in processor platform
— 4-channel 32-bit Periodic Interrupt Timer (PIT) module
— System watchdog timer
System Integration Unit (SIU) module to manage resets, external interrupts, GPIO and pad control
System Status and Configuration Module (SSCM) to provide information for identification of the device, last boot
mode, or debug status and provides an entry point for the censorship password mechanism
Clock Generation Module (CGM) to generate system clock sources and provide a unified register interface, enabling
access to all clock sources
Clock Monitor Unit (CMU) to monitor the integrity of the main crystal oscillator and the PLL and act as a frequency
meter, measuring the frequency of one clock source and comparing it to a reference clock
Mode Entry Module (MEM) to control the device power mode, i.e., RUN, HALT, STOP, or STANDBY, control mode
transition sequences, and manage the power control, voltage regulator, clock generation and clock management
modules
Reset Generation Module (RGM) to manage reset assertion and release to the device at initial power-up
Nexus development interface (NDI) per IEEE-ISTO 5001-2003 Class Two Plus standard
Device/board boundary-scan testing supported per Joint Test Action Group (JTAG) of IEEE (IEEE 1149.1)
On-chip voltage regulator controller for regulating the 3.3 or 5 V supply voltage down to 1.2 V for core logic (requires
external ballast transistor)
The MPC5606S microcontrollers are offered in the following packages:1
— 144 LQFP, 0.5 mm pitch, 20 mm
× 20 mm outline
— 176 LQFP, 0.5 mm pitch, 24 mm
× 24 mm outline
— 208 MAPBGA, 1.0 mm pitch, 17 mm
× 17 mm outline
1.3
MPC5606S Series Blocks
1.3.1
Block Diagram
Figure 1 shows a top-level block diagram of the MPC5606S series.
1. See the device comparison table or orderable parts summary for package offerings for each device in the family.


Similar Part No. - SPC5602CEMLQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SPC5602C1CLH4R NXP-SPC5602C1CLH4R Datasheet
1Mb / 109P
   MPC5604B/C Microcontroller Data Sheet
Rev. 14, 11/2017
SPC5602C1CLH6R NXP-SPC5602C1CLH6R Datasheet
1Mb / 109P
   MPC5604B/C Microcontroller Data Sheet
Rev. 14, 11/2017
SPC5602C1CLL4R NXP-SPC5602C1CLL4R Datasheet
1Mb / 109P
   MPC5604B/C Microcontroller Data Sheet
Rev. 14, 11/2017
SPC5602C1CLL6R NXP-SPC5602C1CLL6R Datasheet
1Mb / 109P
   MPC5604B/C Microcontroller Data Sheet
Rev. 14, 11/2017
SPC5602C1CLQ4R NXP-SPC5602C1CLQ4R Datasheet
1Mb / 109P
   MPC5604B/C Microcontroller Data Sheet
Rev. 14, 11/2017
More results

Similar Description - SPC5602CEMLQ

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com