Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F503010AA1C Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

Part # F503010AA1C
Description  Totalizers electromechanic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

F503010AA1C Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  F503010AA1C Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG F503010AA1C Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG F503010AA1C Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG F503010AA1C Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.baumerivo.com
www.baumerivo.com
Totalizers electromechanic
www.baumerivo.com
2
F 503, F 513, F 523
Small impulse counters, adding
Display 5- or 7-digits, with/without reset button
+(-)
-(+)
Voltage
Encoder
Back opinion
3
7.5
14
18
9 11
Litz connection
Alignment pin 0.5 mm high
Connection diagram
Technical data - mechanical design
Display
White numbers on black
Number of digits
5-digits with reset button
7-digits without reset button
Digit height
4 mm
Count mode
1 impulse = 1 count
Step-by-step switching
Adding in 2 half steps
Measuring range
99 999 and 9 999 999
Reset
Manual by reset button
Operating temperature
0...+60 °C
Storing temperature
-20...+70 °C
Relative humidity
80 % non-condensing
Protection DIN EN 60529 IP 41
Housing type
Built-in housing
E-connection
Stranded wires, 300 mm long
Weight approx.
50 g
Material
Housing: Noryl PPO, black
F 503
Mounting
Rear center screw mount
Dimensions W x H x L
36 x 22 x 45 mm
Cutout dimensions
36 x 22 mm
Installation depth
55 mm
F 513
Mounting
Front panel with 2 screws
Dimensions W x H x L
45.7 x 45.7 x 43 mm
Cutout dimensions
37 x 23 mm
Installation depth
43 mm
F 523
Mounting
Front panel with spring clips
Dimensions W x H x L
42 x 28 x 43 mm
Cutout dimensions
37 x 23 mm
Installation depth
43 mm
Features
Voltage DC
Voltage AC
Max. counting speed
10 pulses/s
10 pulses/s
Power
1.8 W
2 VA
Min. pulse duration
50 ms
100 ms
Min. pulse interval
50 ms
100 ms
Switch on time (at 25 °C) 100 %
100 %
Trigger level


Similar Part No. - F503010AA1C

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
F503 IRCTT-F503 Datasheet
209Kb / 2P
   U.L. Approved Dual Function Fuse Resistors
logo
TT Electronics.
F503 TTELEC-F503 Datasheet
347Kb / 2P
   Dual Function Fuse Resistors
logo
Harris Corporation
F5032 HARRIS-F5032 Datasheet
179Kb / 2P
   LIGHTWEIGHT NIGHT VISION BINOCULAR
logo
Fuji Electric
F5033 FUJI-F5033 Datasheet
106Kb / 12P
   INTELLIGENT POWER MOSFET
logo
Seoul Semiconductor
F50360 SEOUL-F50360 Datasheet
530Kb / 19P
   Full color Z-Power LED
More results

Similar Description - F503010AA1C

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
FD270 IVO-FD270 Datasheet
376Kb / 2P
   Totalizers electromechanic
F102 IVO-F102 Datasheet
551Kb / 4P
   Totalizers electromechanic
F304 IVO-F304 Datasheet
571Kb / 4P
   Totalizers electromechanic
F504 IVO-F504 Datasheet
605Kb / 4P
   Totalizers electromechanic
H127 IVO-H127 Datasheet
494Kb / 4P
   Totalizers mechanic
FS218 IVO-FS218 Datasheet
471Kb / 4P
   Preset counters electromechanic
T130 IVO-T130 Datasheet
294Kb / 2P
   Totalizers mechanic
H126 IVO-H126 Datasheet
346Kb / 2P
   Totalizers mechanic
H400 IVO-H400 Datasheet
508Kb / 4P
   Totalizers mechanic
N208 IVO-N208 Datasheet
395Kb / 2P
   Totalizers electronic
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com