Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY23S08SXC-2HT Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY23S08SXC-2HT
Description  3.3V Zero Delay Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY23S08SXC-2HT Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY23S08SXC-2HT Datasheet HTML 1Page - Cypress Semiconductor CY23S08SXC-2HT Datasheet HTML 2Page - Cypress Semiconductor CY23S08SXC-2HT Datasheet HTML 3Page - Cypress Semiconductor CY23S08SXC-2HT Datasheet HTML 4Page - Cypress Semiconductor CY23S08SXC-2HT Datasheet HTML 5Page - Cypress Semiconductor CY23S08SXC-2HT Datasheet HTML 6Page - Cypress Semiconductor CY23S08SXC-2HT Datasheet HTML 7Page - Cypress Semiconductor CY23S08SXC-2HT Datasheet HTML 8Page - Cypress Semiconductor CY23S08SXC-2HT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CY23S08
Document #: 38-07265 Rev. *H
Page 5 of 10
t3
Rise Time[7] (–1, –2, –3, –4) Measured between 0.8V and 2.0V, 30-pF
load
2.20
ns
t3
Rise Time[7] (–1, –2, –3, –4) Measured between 0.8V and 2.0V, 15-pF
load
1.50
ns
t3
Rise Time[7] (–1H, -2H)
Measured between 0.8V and 2.0V, 30-pF
load
1.50
ns
t4
Fall Time[7] (–1, –2, –3, –4) Measured between 0.8V and 2.0V, 30-pF
load
2.20
ns
t4
Fall Time[7] (–1, –2, –3, –4) Measured between 0.8V and 2.0V, 15-pF
load
1.50
ns
t4
Fall Time[7] (–1H, 2H)
Measured between 0.8V and 2.0V, 30-pF
load
1.25
ns
t5
Output to Output Skew on
same Bank (–1)[7]
All outputs equally loaded
45
200
ps
Output to Output Skew on
same Bank
(–1H,–2,–2H,–3)[7]
All outputs equally loaded
105
150
ps
Output to Output Skew on
same Bank (–4)[7]
All outputs equally loaded
70
100
ps
Output to Output Skew
(–1H, -2H)
All outputs equally loaded
200
ps
Output Bank A to Output
Bank B Skew (–1,–2, –3)
All outputs equally loaded
300
ps
Output Bank A to Output
Bank B Skew (–4)
All outputs equally loaded
215
ps
Output Bank A to Output
Bank B Skew (–1H)
All outputs equally loaded
250
ps
t6
Delay, REF Rising Edge to
FBK Rising Edge[7]
Measured at VDD/2
–250
+275
ps
t7
Device to Device Skew[7]
Measured at VDD/2 on the FBK pins of
devices
——
700
ps
t8
Output Slew Rate[7]
Measured between 0.8V and 2.0V on –1H,
–2H device using Test Circuit #2
1—
V/ns
tJ
Cycle to Cycle Jitter[7]
(–1, –1H)
Measured at 66.67 MHz, loaded outputs, 15,
30-pF loads: 133 MHz, 15-pF load
—65
125
ps
Cycle to Cycle Jitter[7]
(–2)
Measured at 66.67 MHz, loaded outputs,
15-pF load
—85
300
ps
Cycle to Cycle Jitter[7]
(–2)
Measured at 66.67 MHz, loaded outputs,
30-pF load
——
400
ps
tJ
Cycle to Cycle Jitter[7]
(–3,–4)
Measured at 66.67 MHz, loaded outputs
15, 30-pF loads
——
200
ps
tLOCK
PLL Lock Time[7]
Stable power supply, valid clocks presented
on REF and FBK pins
——
1.0
ms
Switching Characteristics for CY23S08SC-XX Commercial Temperature Devices (continued)
Parameter[8]
Name
Test Conditions
Min
Typ.
Max
Unit
[+] Feedback


Similar Part No. - CY23S08SXC-2HT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23S08SXC-2HT CYPRESS-CY23S08SXC-2HT Datasheet
264Kb / 10P
   3.3V Zero Delay Buffer
CY23S08SXC-2HT CYPRESS-CY23S08SXC-2HT Datasheet
279Kb / 11P
   3.3V Zero Delay Buffer
More results

Similar Description - CY23S08SXC-2HT

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
logo
Pericom Semiconductor C...
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_05 Datasheet
143Kb / 8P
   3.3V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
   3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
   3.3V Zero-Delay Buffer
logo
Alliance Semiconductor ...
ASM5I23S08A ALSC-ASM5I23S08A Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
ASM5P2304B ALSC-ASM5P2304B Datasheet
376Kb / 13P
   3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304 Datasheet
109Kb / 8P
   3.3V Zero Delay Buffer
CY23S08 CYPRESS-CY23S08_09 Datasheet
279Kb / 11P
   3.3V Zero Delay Buffer
CY2304 CYPRESS-CY2304_08 Datasheet
258Kb / 9P
   3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com