Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BE134.013AX01 Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

Part # BE134.013AX01
Description  Time and hours meters electronic
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

BE134.013AX01 Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  BE134.013AX01 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG BE134.013AX01 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.baumerivo.com
www.baumerivo.com
Time and hours meters electronic
www.baumerivo.com
2
BE134
Part number
BE134.
AX01
Voltage supply
1 22...50 VAC
2 85...265 VAC
3 12...30 VDC
Outputs
1 Relay outputs
2 Optocoupler outputs
Interface
0 Without interface
1 RS485
2 presets, PNP, NPN or AC logic
Display LCD, 6-digits, programmable
Comparator inputs
Input circuit
Inputs
PNP- / NPN- / AC-logic
Input level
Programmable
Input level Low
0...2 VDC
Input level High
3...40 VDC
Input resistance
3 kΩ
Relay outputs
Output circuit
Switching voltage max.
250 VAC / 110 VDC
Switching current max.
1 A
Switching capacity max.
150 VA / 30 W
Relay responding time
5 ms
Electronical outputs
Output circuit
Optocoupler short-circuit proof
Switching voltage max.
40 V
Switching current max.
25 mA
Trigger level
1
2
3
A (Start)
B (Stop)
Totalizer
Main counter with
presets
Batch counter with
or without preset
Interface
RS485
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Voltage
supply
Control input
T,R-
T,R+
Output
P1
P2
Sensor
supply
+
-
+
-
Block circuit diagram
Dimensions
60.8
48
100
10
1-6
7
Relay outputs
Electronic outputs
15 14 13 12 11 10
98
7
6
P2
P1
54
32
1
RS485 Sensor-
supply
Control
input
Signal
input
terminal - terminal/
max. 265 V
- terminal
15 14 13 12 11 10
98
7
6
P2
P1
54
32
1
RS485 Sensor
supply
Control
input
Signal
input
terminal - terminal /
max. 265 V
- terminal
Outputs
Outputs
Connection diagram
Accessories
Adaptor plates (page %S)
Z 118.033
Adaptor plate for screw mount,
face 60 x 75 mm
Z 118.034
Adaptor plate for clip mount,
face 53.2 x 53.2 mm
Z 118.035
Adaptor plate for clip mount,
face 60 x 75 mm


Similar Part No. - BE134.013AX01

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
BE11B-PASK JST-BE11B-PASK Datasheet
340Kb / 12P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
logo
Meder Electronic
BE12-1A66-1B66-M_DE MEDER-BE12-1A66-1B66-M_DE Datasheet
100Kb / 2P
   (deutsch) BE Reed Relay
BE12-1A66-M MEDER-BE12-1A66-M Datasheet
92Kb / 1P
   BE Reed Relays
logo
Standex Electronics, In...
BE12-1A66-M STANDEX-BE12-1A66-M Datasheet
73Kb / 1P
   BE Series Reed Relay
Version: 02
logo
Meder Electronic
BE12-1A66-M_DE MEDER-BE12-1A66-M_DE Datasheet
92Kb / 1P
   (deutsch) BE Reed Relay
More results

Similar Description - BE134.013AX01

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
ISI34 IVO-ISI34 Datasheet
580Kb / 4P
   Time and hours meters electronic
B160 IVO-B160 Datasheet
347Kb / 2P
   Time and hours meters electromechanic
B148 IVO-B148 Datasheet
335Kb / 2P
   Time and hours meters electromechanic
logo
List of Unclassifed Man...
240211ACAB ETC2-240211ACAB Datasheet
1Mb / 4P
   Elapsed Time Meters
logo
IK Semicon Co., Ltd
IN7100N IKSEMICON-IN7100N Datasheet
235Kb / 8P
   Hours and Minutes Setting
logo
Texas Instruments
TDC7200 TI-TDC7200_15 Datasheet
1Mb / 50P
[Old version datasheet]   TDC7200 Time-to-Digital Converter for Time-of-Flight Applications in LIDAR,Magnetostrictive and Flow Meters
logo
Amphenol Wilcoxon Sensi...
PCD100 WILCOXON-PCD100 Datasheet
419Kb / 4P
   Process and temperature meters
Rev.A 08/20
logo
Shenzhen Huazhimei Semi...
HM1302 HMSEMI-HM1302 Datasheet
3Mb / 10P
   real time counting seconds, minutes, hours, day of the month
logo
List of Unclassifed Man...
HP51A6 ETC2-HP51A6 Datasheet
69Kb / 2P
   16 standard time ranges from 5 seconds to 60 hours
logo
Keysight Technologies
N1912A-P KEYSIGHT-N1912A-P Datasheet
1Mb / 14P
   P-Series Power Meters and
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com