Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY25814SXC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY25814SXC
Description  Spread Spectrum Clock Generator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25814SXC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY25814SXC Datasheet HTML 1Page - Cypress Semiconductor CY25814SXC Datasheet HTML 2Page - Cypress Semiconductor CY25814SXC Datasheet HTML 3Page - Cypress Semiconductor CY25814SXC Datasheet HTML 4Page - Cypress Semiconductor CY25814SXC Datasheet HTML 5Page - Cypress Semiconductor CY25814SXC Datasheet HTML 6Page - Cypress Semiconductor CY25814SXC Datasheet HTML 7Page - Cypress Semiconductor CY25814SXC Datasheet HTML 8Page - Cypress Semiconductor CY25814SXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
CY25811/12/14
Document Number: 38-07112 Rev. *G
Page 5 of 13
Absolute Maximum Conditions (both Commercial and Industrial Grades)[1,2]
Parameter
Description
Condition
Min
Max
Unit
VDD
Supply Voltage
–0.5
4.6
V
VIN
Input Voltage
Relative to V SS
–0.5
VDD + 0.5
VDC
TS
Temperature, Storage
Non Functional
–65
150
°C
TA1
Temperature, Operating Ambient
Functional, C-Grade
0
70
°C
TA2
Temperature, Operating Ambient
Functional, I-Grade
–40
85
°C
TJ
Temperature, Junction
Functional
150
°C
ESDHBM
ESD Protection (Human Body Model) MIL-STD-883, Method 3015
2000
V
UL-94
Flammability Rating
@1/8 in.
V–0
MSL
Moisture Sensitivity Level
1
DC Electrical Specifications (Commercial Grade)
Parameter
Description
Condition
Min
Max
Unit
VDD
3.3 Operating Voltage
3.3 ± 10%
3.97
3.63
V
VIL
Input Low Voltage
S0, S1 and FRSEL Inputs
0
0.15VDD
V
VIM
Input Middle Voltage
S0, S1 and FRSEL Inputs
0.40VDD 0.60VDD
V
VIH
Input High Voltage
S0, S1 and FRSEL Inputs
0.85VDD
VDD
V
VOL1
Output Low Voltage
IOL = 4 ma, SSCLK Output
0.4
V
VOL2
Output Low Voltage
IOL = 10 ma, SSCLK Output
1.2
V
VOH1
Output High Voltage
IOH = 4 ma, SSCLK Output
2.4
V
VOH2
Output High Voltage
IOH = 6 ma, SSCLK Output
2.0
V
CIN1
Input Pin Capacitance
XIN (Pin 1) and XOUT (Pin 8)
3.5
9.0
pF
CIN2
Input Pin Capacitance
All Digital Inputs
2.8
6.0
pF
CL
Output Load Capacitor
SSCLK Output
15
pF
IDD1
Dynamic Supply Current
Fin = 12 MHz, no load
28
mA
IDD2
Dynamic Supply Current
Fin = 24 MHz, no load
33
mA
IDD3
Dynamic Supply Current
Fin = 32 MHz, no load
40
mA
Notes
1. Operation at any Absolute Maximum Rating is not implied.
2. Single Power Supply: The voltage on any input or I/O pin cannot exceed the power pin during power up.
[+] Feedback


Similar Part No. - CY25814SXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25814SXC CYPRESS-CY25814SXC Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
CY25814SXC CYPRESS-CY25814SXC Datasheet
340Kb / 12P
   Spread Spectrum Clock Generator
CY25814SXCT CYPRESS-CY25814SXCT Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
CY25814SXCT CYPRESS-CY25814SXCT Datasheet
340Kb / 12P
   Spread Spectrum Clock Generator
More results

Similar Description - CY25814SXC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
CY25566 CYPRESS-CY25566 Datasheet
116Kb / 9P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com