Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8311IDCKT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8311IDCKT
Description  1.8V to 5.5V, 80mA, 14- and 16-Bit, Low-Power, Single-Channel,DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8311IDCKT Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC8311IDCKT Datasheet HTML 5Page - Texas Instruments DAC8311IDCKT Datasheet HTML 6Page - Texas Instruments DAC8311IDCKT Datasheet HTML 7Page - Texas Instruments DAC8311IDCKT Datasheet HTML 8Page - Texas Instruments DAC8311IDCKT Datasheet HTML 9Page - Texas Instruments DAC8311IDCKT Datasheet HTML 10Page - Texas Instruments DAC8311IDCKT Datasheet HTML 11Page - Texas Instruments DAC8311IDCKT Datasheet HTML 12Page - Texas Instruments DAC8311IDCKT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
0.4
0.3
0.2
0.1
0
125
-40 -25 -10
5
20
35
50
65
80
95
110
Temperature( C)
°
AV
=5V
DD
5.5
5.0
4.5
4.0
3.5
3.0
2.5
10
8
6
4
2
0
I
(mA)
SOURCE
AV
=5V
DD
DACLoadedwithFFFFh
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
125
-40 -25 -10
5
20
35
50
65
80
95
110
Temperature( C)
°
AV
=5V
DD
0.6
0.4
0.2
0
10
8
6
4
2
0
I
(mA)
SINK
AV
=5V
DD
DACLoadedwith0000h
0.06
0.04
0.02
0
-0.02
-0.04
-0.06
125
-40 -25 -10
5
20
35
50
65
80
95
110
Temperature( C)
°
AV
=5V
DD
120
100
80
60
65536
8192 16384 24576 32768 40960 49152 57344
0
DigitalInputCode
AV
=5.5V
DD
DAC8311
DAC8411
www.ti.com ................................................................................................................................................................................................ SBAS439 – AUGUST 2008
TYPICAL CHARACTERISTICS: AVDD = +5V (continued)
At TA = +25°C, AVDD = +5V, and DAC loaded with mid-scale code, unless otherwise noted.
ZERO-CODE ERROR
SOURCE CURRENT
vs TEMPERATURE
AT POSITIVE RAIL
Figure 7.
Figure 8.
OFFSET ERROR
SINK CURRENT
vs TEMPERATURE
AT NEGATIVE RAIL
Figure 9.
Figure 10.
FULL-SCALE ERROR
POWER-SUPPLY CURRENT
vs TEMPERATURE
vs DIGITAL INPUT CODE
Figure 11.
Figure 12.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): DAC8311 DAC8411


Similar Part No. - DAC8311IDCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8311IDCKT TI-DAC8311IDCKT Datasheet
2Mb / 38P
[Old version datasheet]   1.8V to 5.5V, 80mA, 14- and 16-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC8311IDCKT TI1-DAC8311IDCKT Datasheet
2Mb / 40P
[Old version datasheet]   Low-Power, Single-Channel, Digital-to-Analog Converters
More results

Similar Description - DAC8311IDCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8311 TI-DAC8311 Datasheet
2Mb / 38P
[Old version datasheet]   1.8V to 5.5V, 80mA, 14- and 16-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC5311 TI-DAC5311_08 Datasheet
2Mb / 41P
[Old version datasheet]   1.8V to 5.5V, 80mA, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC5311 TI1-DAC5311 Datasheet
2Mb / 43P
[Old version datasheet]   1.8V to 5.5V, 80關A, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC5311 TI1-DAC5311_15 Datasheet
2Mb / 39P
[Old version datasheet]   12-Bit, Low-Power, Single-Channel Digital-to-Analog Converters in SC70 Package
DAC5311 TI-DAC5311 Datasheet
2Mb / 40P
[Old version datasheet]   1.8V to 5.5V, 80mA, 8-, 10-, and 12-Bit, Low-Power, Single-Channel,
logo
Intronics Power, Inc.
DAS1157 INTRONICS-DAS1157 Datasheet
904Kb / 4P
   Low Power 14-Bit, 15-Bit & 16-Bit Sampling Analog-to-Digital Converters
logo
Texas Instruments
ADS42JB49 TI1-ADS42JB49_15 Datasheet
5Mb / 76P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_14 Datasheet
4Mb / 73P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_13 Datasheet
4Mb / 73P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42LB49 TI1-ADS42LB49 Datasheet
3Mb / 80P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com