Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY22395FXI Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY22395FXI
Description  Three-PLL Serial-Programmable Flash-Programmable Clock Generator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22395FXI Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY22395FXI Datasheet HTML 2Page - Cypress Semiconductor CY22395FXI Datasheet HTML 3Page - Cypress Semiconductor CY22395FXI Datasheet HTML 4Page - Cypress Semiconductor CY22395FXI Datasheet HTML 5Page - Cypress Semiconductor CY22395FXI Datasheet HTML 6Page - Cypress Semiconductor CY22395FXI Datasheet HTML 7Page - Cypress Semiconductor CY22395FXI Datasheet HTML 8Page - Cypress Semiconductor CY22395FXI Datasheet HTML 9Page - Cypress Semiconductor CY22395FXI Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
CY22393, CY22394, CY22395
Document #: 38-07186 Rev. *D
Page 6 of 19
The Clock outputs have been designed to drive a single point
load with a total lumped load capacitance of 15 pF. While driving
multiple loads is possible with the proper termination it is
generally not recommended.
Power-Saving Features
The SHUTDOWN/OE input tri-states the outputs when pulled
LOW. If system shutdown is enabled, a LOW on this pin also
shuts off the PLLs, counters, reference oscillator, and all other
active components. The resulting current on the VDD pins is less
than 5 mA (typical). Relock the PLLs after leaving shutdown
mode.
The S2/SUSPEND input is configured to shut down a
customizable set of outputs and/or PLLs, when LOW. All PLLs
and any of the outputs are shut off in nearly any combination.
The only limitation is that if a PLL is shut off, all outputs derived
from it must also be shut off. Suspending a PLL shuts off all
associated logic, while suspending an output simply forces a
tri-state condition.
With the serial interface, each PLL and/or output is individually
disabled. This provides total control over the power savings.
Improving Jitter
Jitter Optimization Control is useful for mitigating problems
related to similar clocks switching at the same moment, causing
excess jitter. If one PLL is driving more than one output, the
negative phase of the PLL can be selected for one of the outputs
(CLKA–CLKD). This prevents the output edges from aligning,
allowing superior jitter performance.
Power Supply Sequencing
For parts with multiple VDD pins, there are no power supply
sequencing requirements. The part is not fully operational until
all VDD pins have been brought up to the voltages specified in
the Operating Conditions Table on page 13.
All grounds must be connected to the same ground plane.
CyClocksRT Software
CyClocksRT is our second generation software application that
allows users to configure this family of devices. The easy-to-use
interface offers complete control of the many features of this
family including, but not limited to, input frequency, PLL and
output frequencies, and different functional options. It checks
data sheet frequency range limitations and automatically applies
performance tuning. CyClocksRT also has a power estimation
feature that allows the user to see the power consumption of a
specific configuration. You can download a free copy of
CyberClocks that includes CyClocksRT for free on Cypress’s
web site at www.cypress.com.
CyClocksRT is used to generate P, Q, and divider values used
in serial programming. There are many internal frequency rules
that are not documented in this data sheet, but are required for
proper operation of the device. Check these rules by using the
latest version of CyClocksRT.
Junction Temperature Limitations
It is possible to program this family such that the maximum
Junction Temperature rating is exceeded. The package
θJA is
115 °C/W. Use the CyClocksRT power estimation feature to
verify that the programmed configuration meets the Junction
Temperature and Package Power Dissipation maximum ratings.
Dynamic Updates
The output divider registers are not synchronized with the output
clocks. Changing the divider value of an active output is likely
cause a glitch on that output.
PLL P and Q data is spread between three bytes. Each byte
becomes active on the acknowledge for that byte, so changing
P and Q data for an active PLL is likely cause the PLL to try to
lock on an out-of-bounds condition. For this reason, turn off the
PLL being programmed during the update. Do this by setting the
PLL*_En bit LOW.
PLL1, CLKA, and CLKB each have multiple registers supplying
data. To program these resources safely, always program an
inactive register, and then transition to that register. This allows
these resources to stay active during programming.
The serial interface is active even with the SHUTDOWN/OE pin
LOW as the serial interface logic uses static components and is
completely self timed. The part does not meet the IDDS current
limit with transitioning inputs.
Memory Bitmap Definitions
Clk{A–D}_Div[6:0]
Each of the four main output clocks (CLKA–CLKD) features a
7-bit linear output divider. Any divider setting between 1 and 127
may be used by programming the value of the desired divider
into this register. Odd divide values are automatically duty cycle
corrected. Setting a divide value of zero powers down the divider
and forces the output to a tri-state condition.
CLKA and CLKB have two divider registers, selected by the
DivSel bit (which in turn is selected by S2, S1, and S0). This
allows the output divider value to change dynamically. For the
CY22394 device, ClkD_Div = 000001.
ClkE_Div[1:0]
CLKE has a simpler divider (see Table 1). For the CY22394, set
ClkE_Div = 01.
Table 1. ClkE Divider
ClkE_Div[1:0]
ClkE Output
00
Off
01
PLL1 0
° Phase/4
10
PLL1 0
° Phase/2
11
PLL1 0
° Phase/3
[+] Feedback


Similar Part No. - CY22395FXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22395FXI CYPRESS-CY22395FXI Datasheet
412Kb / 17P
   Three-PLL Serial-Programmable Flash-Programmable Clock Generator
CY22395FXIT CYPRESS-CY22395FXIT Datasheet
412Kb / 17P
   Three-PLL Serial-Programmable Flash-Programmable Clock Generator
More results

Similar Description - CY22395FXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22393 CYPRESS-CY22393_09 Datasheet
418Kb / 19P
   Three-PLL Serial-Programmable Flash-Programmable Clock Generator
CY22393 CYPRESS-CY22393 Datasheet
412Kb / 17P
   Three-PLL Serial-Programmable Flash-Programmable Clock Generator
CY22381 CYPRESS-CY22381_08 Datasheet
346Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381 CYPRESS-CY22381 Datasheet
143Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_08 Datasheet
344Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_13 Datasheet
504Kb / 13P
   Three-PLL General Purpose Flash Programmable Clock Generator
CY22381 CYPRESS-CY22381_11 Datasheet
344Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392 Datasheet
157Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381_1105 CYPRESS-CY22381_1105 Datasheet
450Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY25403 CYPRESS-CY25403 Datasheet
261Kb / 8P
   Three PLL Programmable Clock Generator with Spread Spectrum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com