Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC5602BEVLU Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # SPC5602BEVLU
Description  Microcontroller
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5602BEVLU Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  SPC5602BEVLU Datasheet HTML 1Page - Freescale Semiconductor, Inc SPC5602BEVLU Datasheet HTML 2Page - Freescale Semiconductor, Inc SPC5602BEVLU Datasheet HTML 3Page - Freescale Semiconductor, Inc SPC5602BEVLU Datasheet HTML 4Page - Freescale Semiconductor, Inc SPC5602BEVLU Datasheet HTML 5Page - Freescale Semiconductor, Inc SPC5602BEVLU Datasheet HTML 6Page - Freescale Semiconductor, Inc SPC5602BEVLU Datasheet HTML 7Page - Freescale Semiconductor, Inc SPC5602BEVLU Datasheet HTML 8Page - Freescale Semiconductor, Inc SPC5602BEVLU Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 98 page
background image
Overview
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
5
1.2
MPC5606S Features
Single issue, 32-bit Power Architecture Book E compliant CPU core complex (e200z0h)
— Compatible with classic PowerPC instruction set
— Includes variable length encoding (VLE) instruction set for smaller code size footprint; with the encoding of
mixed 16-bit and 32-bit instructions, it is possible to achieve significant code size footprint reduction over
conventional Book E compliant code
On-chip ECC flash memory with flash controller
— Up to 1 MB primary flash—two 512 KB modules with prefetch buffer and 128-bit data access port
— 64 KB data flash—separate 4
×16 KB flash block for EEPROM Emulation with prefetch buffer and 128-bit data
access port
Up to 48 KB on-chip ECC SRAM with SRAM controller
Up to 160 KB on-chip non-ECC graphics SRAM with SRAM controller
Memory protection unit (MPU) with up to 12 region descriptors and 32-byte region granularity to provide basic
memory access permission
Interrupt controller (INTC) with up to 127 peripheral interrupt sources and eight software interrupts
Two frequency-modulated phase-locked loops (FMPLLs)
— Primary FMPLL provides a 64 MHz system clock
— Auxiliary FMPLL is available for use as an alternate, modulated or non-modulated clock source to eMIOS
modules and as alternate clock to the DCU for pixel clock generation
Crossbar switch architecture enables concurrent access of peripherals, flash memory or RAM from multiple bus
masters (AMBA 2.0 v6 AHB)
16-channel enhanced direct memory access controller (eDMA) with multiple transfer request sources using a DMA
channel multiplexer
Boot assist module (BAM) for embedded boot code supports boot options including download of code via a serial link
(CAN or SPI)
Display control unit to drive TFT LCD displays. It includes processing of up to four planes that can be blended together
and offers a direct un-buffered hardware bit-blitter of up to 16 software-configurable dynamic layers in order to
drastically minimize graphic memory requirements and provide fast animations. Programmable display resolutions are
available up to WVGA.
Parallel Data Interface for digital video input
The LCD segment driver module has two software programmable configurations:
— Up to 40 front plane drivers and 4 backplane drivers
— Up to 38 frontplane drivers and 6 backplane drivers
Stepper Motor Controller module with high-current drivers for up to six instrument cluster gauges driven in full dual
H-Bridge configuration including full diagnostics for short circuit detection
Stepper motor return-to-zero and stall detection module
Sound generation and playback utilizing PWM channels and eDMA; supports monotonic and polyphonic sound
24 eMIOs channels providing up to 16 PWM and 24 input capture / output compare channels
10-bit analog-to-digital converter (ADC) with a maximum conversion time of 1
μs
— 16 internal channels
— Extendable to eight multiplexed external channels
Up to three DSPI (Deserial Serial Peripheral Interface) modules for full-duplex, synchronous, communications with
external devices
QuadSPI serial flash memory controller supporting single, dual and quad modes of operation to interface to external
serial flash memory or optionally can be configured to function as another DSPI module (MPC5606S only)
Two Local Interconnect Network (LIN) controller modules capable of autonomous message handling (master),
autonomous header handling (slave mode), and UART support. Compliant with LIN protocol rev 2.1


Similar Part No. - SPC5602BEVLU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SPC5602B1CLH4R NXP-SPC5602B1CLH4R Datasheet
1Mb / 109P
   MPC5604B/C Microcontroller Data Sheet
Rev. 14, 11/2017
SPC5602B1CLH6R NXP-SPC5602B1CLH6R Datasheet
1Mb / 109P
   MPC5604B/C Microcontroller Data Sheet
Rev. 14, 11/2017
SPC5602B1CLL4R NXP-SPC5602B1CLL4R Datasheet
1Mb / 109P
   MPC5604B/C Microcontroller Data Sheet
Rev. 14, 11/2017
SPC5602B1CLL6R NXP-SPC5602B1CLL6R Datasheet
1Mb / 109P
   MPC5604B/C Microcontroller Data Sheet
Rev. 14, 11/2017
SPC5602B1CLQ4R NXP-SPC5602B1CLQ4R Datasheet
1Mb / 109P
   MPC5604B/C Microcontroller Data Sheet
Rev. 14, 11/2017
More results

Similar Description - SPC5602BEVLU

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com