Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY22395FXIT Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY22395FXIT
Description  Three-PLL Serial-Programmable Flash-Programmable Clock Generator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22395FXIT Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY22395FXIT Datasheet HTML 1Page - Cypress Semiconductor CY22395FXIT Datasheet HTML 2Page - Cypress Semiconductor CY22395FXIT Datasheet HTML 3Page - Cypress Semiconductor CY22395FXIT Datasheet HTML 4Page - Cypress Semiconductor CY22395FXIT Datasheet HTML 5Page - Cypress Semiconductor CY22395FXIT Datasheet HTML 6Page - Cypress Semiconductor CY22395FXIT Datasheet HTML 7Page - Cypress Semiconductor CY22395FXIT Datasheet HTML 8Page - Cypress Semiconductor CY22395FXIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
CY22393, CY22394, CY22395
Document #: 38-07186 Rev. *D
Page 4 of 19
1
2
3
4
5
6
7
8
9
10
CLKC
VDD
AGND
XTALIN
XTALOUT
XBUF
CLKD
CLKE
SHUTDOWN/OE
S2/SUSPEND
AVDD
SCLK (S1)
SDAT (S0)
GND
CLKA
CLKB
16-pin TSSOP
11
12
13
14
15
16
CY22393
1
2
3
4
5
6
7
8
9
10
CLKC
VDD
AGND
XTALIN
XTALOUT
XBUF
P–CLK
P+ CLK
SHUTDOWN/OE
S2/SUSPEND
AVDD
SCLK (S1)
SDAT (S0)
GND
CLKA
CLKB
16-pin TSSOP
11
12
13
14
15
16
CY22394
1
2
3
4
5
6
7
8
9
10
CLKC
VDD
AGND
XTALIN
XTALOUT
LCLKD
LCLKE
SHUTDOWN/OE
S2/SUSPEND
AVDD
SCLK (S1)
SDAT (S0)
GND/LGND
LCLKA
LCLKB
16-pin TSSOP
11
12
13
14
15
16
CY22395
LVDD
Pinouts
Figure 1. Pin diagram - 16-Pin TSSOP CY22393/CY22394/CY22394
Pin Definitions
Name
Pin Number
CY22393
Pin Number
CY22394
Pin Number
CY22395
Description
CLKC
1
1
1
Configurable clock output C
VDD
2
2
2
Power supply
AGND
3
3
3
Analog Ground
XTALIN
4
4
4
Reference crystal input or external reference clock input
XTALOUT
5
5
5
Reference crystal feedback
XBUF
6
6
N/A
Buffered reference clock output
LVDD
N/A
N/A
6
Low voltage clock output power supply
CLKD or LCLKD
7
N/A
7
Configurable clock output D; LCLKD referenced to LVDD
P– CLK
N/A
7
N/A
LV PECL output[1]
CLKE or LCLKE
8
N/A
8
Configurable clock output E; LCLKE referenced to LVDD
P+ CLK
N/A
8
N/A
LV PECL output[1]
CLKB or LCLKB
9
9
9
Configurable clock output B; LCLKB referenced to LVDD
CLKA or LCLKA
10
10
10
Configurable clock output A; LCLKA referenced to LVDD
GND/LGND
11
11
11
Ground
SDAT (S0)
12
12
12
Serial Port Data. S0 value latched during start up
SCLK (S1)
13
13
13
Serial Port Clock. S1 value latched during start up
AVDD
14
14
14
Analog Power Supply
S2/
SUSPEND
15
15
15
General purpose input for frequency control; bit 2. Optionally,
Suspend mode control input
SHUTDOWN/
OE
16
16
16
Places outputs in tri-state condition and shuts down chip when
LOW. Optionally, only places outputs in tri-state condition and
does not shut down chip when LOW
Note
1. LVPECL outputs require an external termination network.
[+] Feedback


Similar Part No. - CY22395FXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22395FXIT CYPRESS-CY22395FXIT Datasheet
412Kb / 17P
   Three-PLL Serial-Programmable Flash-Programmable Clock Generator
More results

Similar Description - CY22395FXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22393 CYPRESS-CY22393_09 Datasheet
418Kb / 19P
   Three-PLL Serial-Programmable Flash-Programmable Clock Generator
CY22393 CYPRESS-CY22393 Datasheet
412Kb / 17P
   Three-PLL Serial-Programmable Flash-Programmable Clock Generator
CY22381 CYPRESS-CY22381_08 Datasheet
346Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381 CYPRESS-CY22381 Datasheet
143Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_08 Datasheet
344Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_13 Datasheet
504Kb / 13P
   Three-PLL General Purpose Flash Programmable Clock Generator
CY22381 CYPRESS-CY22381_11 Datasheet
344Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392 Datasheet
157Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381_1105 CYPRESS-CY22381_1105 Datasheet
450Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY25403 CYPRESS-CY25403 Datasheet
261Kb / 8P
   Three PLL Programmable Clock Generator with Spread Spectrum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com