Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G305.22010A Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

Part # G305.22010A
Description  Special Encoders & Sensors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

G305.22010A Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  G305.22010A Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG G305.22010A Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.baumerivo.com
www.baumerivo.com
Special Encoders & Sensors
www.baumerivo.com
2
G 305
Part number
G 305.
See part number (pulses)
Voltage supply / signals
1 10...30 VDC / 1 track
connector output
4 10...30 VDC / 1 track cable
gland
A 10...30 VDC / 2 tracks
connector output
D 10...30 VDC / 2 tracks cable
gland
E- connection / impulse track
0 Housing connector / 1 track
1 Housing connector / 2 tracks
M Cable gland / 2 m cable / 1 track
T Cable gland / 2 m cable / 2 tracks
Shaft
10 Single protruding
20 Dual protruding
Pulse tracks
0 1 track
2 2 tracks
Incremental encoder, surface mount housing
Resolution 1...120 pulses
Connector
Cable colour Assignment
Pin 1
brown
UB
Pin 2
blue
GND
Pin 3
black
Track A
Pin 4
beige
Track B (2 pulse tracks)
(n.c. 1 pulse track)
1
2
3
4
5
Terminal assignment
Dimensions
70
62
ø3.5
20
36
2.2
20
12
Accessories
Connectors and cables (page %S)
Z 127.001
Mating connector M18, 5-pin, less cable
Z 127.002
Mating connector M18, 5-pin, 2 m cable
Z 127.004
Mating connector M18, 5-pin, 5 m cable
Z 127.006
Mating connector M18, 5-pin, 10 m cable
Part number (pulses)
1 impulse track
2 impulse tracks
08 (5)
10 (40)
13 (80)
A1 (5)
A3 (50)
11 (10)
03 (50)
20 (90)
A7 (25)
A4 (60)
01 (20)
04 (60)
06 (100)
A8 (30)
B1 (64)
12 (25)
18 (64)
07 (120)
A9 (40)
02 (30)
More impulse numbers upon request.


Similar Part No. - G305.22010A

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
G30 MACOM-G30 Datasheet
469Kb / 3P
   Voltage-Controlled Attenuator Module 100 to 2000 MHz
logo
M/A-COM Technology Solu...
G30 MA-COM-G30 Datasheet
1Mb / 3P
   Voltage-Controlled Attenuator Module 100 to 2000 MHz
logo
Powerbox
G30 POWERBOX-G30 Datasheet
503Kb / 1P
   5WATTS SINGLE OUTPUT DC/DC INDUSTRIAL
logo
Shenzhen Taychipst Elec...
G30 TAYCHIPST-G30 Datasheet
1Mb / 3P
   Silicon Z?밆iodes
logo
XP Power Limited
G30 XPPOWER-G30 Datasheet
716Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
More results

Similar Description - G305.22010A

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
GCM2K IVO-GCM2K Datasheet
464Kb / 3P
   Special Encoders & Sensors
G080 IVO-G080 Datasheet
281Kb / 2P
   Special Encoders & Sensors
GCI0L IVO-GCI0L Datasheet
250Kb / 4P
   Special Encoders & Sensors
GNAMG IVO-GNAMG Datasheet
678Kb / 4P
   Special Encoders & Sensors
GCI0K IVO-GCI0K Datasheet
494Kb / 6P
   Special Encoders & Sensors
logo
ASM GmbH
PRAS1 ASM-SENSOR-PRAS1 Datasheet
2Mb / 52P
   Angle Sensors and Encoders Contents
logo
Omron Electronics LLC
E3C-1 OMRON-E3C-1 Datasheet
883Kb / 18P
   Special-Purpose Photoelectric Sensors
E3C-S10 OMRON-E3C-S10 Datasheet
930Kb / 18P
   Special-Purpose Photoelectric Sensors
logo
Sensortechnics GmbH
RPUM050G6B SENSORTECHNICS-RPUM050G6B Datasheet
181Kb / 16P
   Pressure sensors with special fittings
logo
Vishay Siliconix
NTCLP100E3103H VISHAY-NTCLP100E3103H Datasheet
95Kb / 6P
   NTC Thermistors, Special Long Lead Sensors
Revision: 03-May-11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com