Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC02 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74HC02
Description  Quad 2-input NOR gate
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC02 Datasheet(HTML) 5 Page - NXP Semiconductors

  74HC02 Datasheet HTML 1Page - NXP Semiconductors 74HC02 Datasheet HTML 2Page - NXP Semiconductors 74HC02 Datasheet HTML 3Page - NXP Semiconductors 74HC02 Datasheet HTML 4Page - NXP Semiconductors 74HC02 Datasheet HTML 5Page - NXP Semiconductors 74HC02 Datasheet HTML 6Page - NXP Semiconductors 74HC02 Datasheet HTML 7Page - NXP Semiconductors 74HC02 Datasheet HTML 8Page - NXP Semiconductors 74HC02 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
74HC_HCT02_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 18 September 2008
5 of 15
NXP Semiconductors
74HC02; 74HCT02
Quad 2-input NOR gate
10. Dynamic characteristics
74HCT02
VIH
HIGH-level
input voltage
VCC = 4.5 V to 5.5 V
2.0
1.6
-
2.0
-
2.0
-
V
VIL
LOW-level
input voltage
VCC = 4.5 V to 5.5 V
-
1.2
0.8
-
0.8
-
0.8
V
VOH
HIGH-level
output voltage
VI = VIH or VIL; VCC = 4.5 V
IO = −20 µA
4.4
4.5
-
4.4
-
4.4
-
V
IO = −4.0 mA
3.98
4.32
-
3.84
-
3.7
-
V
VOL
LOW-level
output voltage
VI = VIH or VIL; VCC = 4.5 V
IO = 20 µA; VCC = 4.5 V
-
0
0.1
-
0.1
-
0.1
V
IO = 5.2 mA; VCC = 6.0 V
-
0.15
0.26
-
0.33
-
0.4
V
II
input leakage
current
VI = VCC or GND;
VCC = 6.0 V
--
±0.1
-
±1-
±1
µA
ICC
supply current
VI = VCC or GND; IO =0A;
VCC = 6.0 V
-
-
2.0
-
20
-
40
µA
∆ICC
additional
supply current
per input pin;
VI =VCC − 2.1 V; IO =0A;
other inputs at VCC or GND;
VCC = 4.5 V to 5.5 V
-
150
540
-
675
-
735
µA
CI
input
capacitance
-
3.5
-
-
-
-
-
pF
Table 6.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max
Table 7.
Dynamic characteristics
GND=0V; CL =50pF; for load circuit see Figure 7.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C Unit
Min
Typ
Max
Max
(85
°C)
Max
(125
°C)
74HC02
tpd
propagation delay
nA, nB to nY; see Figure 6
[1]
VCC = 2.0 V
-
25
90
115
135
ns
VCC = 4.5 V
-
9
18
23
27
ns
VCC = 5.0 V; CL =15pF
-
7
-
-
-
ns
VCC = 6.0 V
-
7
15
20
23
ns
tt
transition time
see Figure 6
[2]
VCC = 2.0 V
-
19
75
95
110
ns
VCC = 4.5 V
-
7
15
19
22
ns
VCC = 6.0 V
-
6
13
16
19
ns
CPD
power dissipation
capacitance
per package; VI = GND to VCC
[3]
-22-
-
-
pF


Similar Part No. - 74HC02

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC02 PHILIPS-74HC02 Datasheet
28Kb / 5P
   Quad 2-input NOR gate
December 1990
logo
ON Semiconductor
74HC02 ONSEMI-74HC02 Datasheet
121Kb / 7P
   Quad 2?묲nput NOR Gate High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
logo
Silicon Supplies
74HC02 SS-74HC02 Datasheet
786Kb / 5P
   High Speed CMOS Logic
logo
Nexperia B.V. All right...
74HC02 NEXPERIA-74HC02 Datasheet
265Kb / 14P
   Quad 2-input NOR gate
Rev. 8 - 9 February 2023
74HC02-Q100 NEXPERIA-74HC02-Q100 Datasheet
766Kb / 15P
   Quad 2-input NOR gate
More results

Similar Description - 74HC02

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74VHC02 NXP-74VHC02 Datasheet
92Kb / 14P
   Quad 2-input NOR gate
Rev. 01-13 August 2009
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
   Quad 2-Input NOR Gate
logo
Integral Corp.
IN74HC02A INTEGRAL-IN74HC02A Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
[Old version datasheet]   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
   Quad 2 Input NOR Gate
logo
Fairchild Semiconductor
74VHC02 FAIRCHILD-74VHC02_07 Datasheet
291Kb / 9P
   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74AC02F TOSHIBA-TC74AC02F_12 Datasheet
238Kb / 8P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74LVC02AD112 NXP-74LVC02AD112 Datasheet
164Kb / 14P
   Quad 2-input NOR gate
Rev. 8-16 November 2011
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02_05 Datasheet
114Kb / 8P
   Quad 2-Input NOR Gate
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74F02 PHILIPS-74F02 Datasheet
99Kb / 11P
   Quad 2-input NOR gate
1990 Oct 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com