Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT4851BQ Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74HCT4851BQ
Description  8-channel analog multiplexer/demultiplexer with injection-current effect control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT4851BQ Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74HCT4851BQ Datasheet HTML 3Page - NXP Semiconductors 74HCT4851BQ Datasheet HTML 4Page - NXP Semiconductors 74HCT4851BQ Datasheet HTML 5Page - NXP Semiconductors 74HCT4851BQ Datasheet HTML 6Page - NXP Semiconductors 74HCT4851BQ Datasheet HTML 7Page - NXP Semiconductors 74HCT4851BQ Datasheet HTML 8Page - NXP Semiconductors 74HCT4851BQ Datasheet HTML 9Page - NXP Semiconductors 74HCT4851BQ Datasheet HTML 10Page - NXP Semiconductors 74HCT4851BQ Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
74HC_HCT4851_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 2 September 2008
7 of 20
NXP Semiconductors
74HC4851; 74HCT4851
8-channel analog MUX/DEMUX with injection-current effect control
[1]
Typical values are measured at Tamb =25 °C.
[2]
∆V
O here is the maximum variation of output voltage of an enabled analog channel when current is injected into any disabled channel.
[3]
ISW = total current injected into all disabled channels.
Table 7.
Injection current coupling
At recommended operating conditions; voltages are referenced to GND (ground 0 V); For test circuit see Figure 9.
Symbol
Parameter
Conditions
74HC4851
74HCT4851
Unit
Min
Typ[1]
Max
Min
Typ[1]
Max
Tamb = −40 °C to +125 °C
∆VO
output voltage
variation
|I
SW|≤ 1 mA; RS ≤ 3.9 kΩ
[2][3]
VCC = 3.3 V
-
0.05
1
-
-
-
mV
VCC = 5.0 V
-
0.03
1
-
0.03
1
mV
|ISW|≤ 10 mA; RS ≤ 3.9 kΩ
VCC = 3.3 V
-
0.55
5
-
-
-
mV
VCC = 5.0 V
-
0.27
5
-
0.27
5
mV
|ISW|≤ 1 mA; RS ≤ 20 kΩ
VCC = 3.3 V
-
0.04
2
-
-
-
mV
VCC = 5.0 V
-
0.03
2
-
0.03
2
mV
|ISW|≤ 10 mA; RS ≤ 20 kΩ
VCC = 3.3 V
-
0.56
20
-
-
-
mV
VCC = 5.0 V
-
0.48
20
-
0.48
20
mV
Table 8.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground 0 V);
25
°C
−40 °C to +85 °C −40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ
Max
Min
Max
Min
Max
Unit
74HC4851
VIH
HIGH-level
input
voltage
control inputs
VCC = 2.0 V
1.5
-
-
1.5
-
1.5
-
V
VCC = 3.0 V
2.1
-
-
2.1
-
2.1
-
V
VCC = 3.3 V
2.3
-
-
2.3
-
2.3
-
V
VCC = 4.5 V
3.15
-
-
3.15
-
3.15
-
V
VCC = 6.0 V
4.2
-
-
4.2
-
4.2
-
V
VIL
LOW-level
input
voltage
control inputs
VCC = 2.0 V
-
-
0.5
-
0.5
-
0.5
V
VCC = 3.0 V
-
-
0.9
-
0.9
-
0.9
V
VCC = 3.3 V
-
-
1.0
-
1.0
-
1.0
V
VCC = 4.5 V
-
-
1.35
-
1.35
-
1.35
V
VCC = 6.0 V
-
-
1.8
-
1.8
-
1.8
V
II
input
leakage
current
control inputs;
VI = GND or VCC
VCC = 6.0 V
-
-
±0.1
-
±0.1
-
±1.0
µA


Similar Part No. - 74HCT4851BQ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT4851BQ NEXPERIA-74HCT4851BQ Datasheet
310Kb / 19P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 4 - 15 May 2023
logo
NXP Semiconductors
74HCT4851BQ-Q100 NXP-74HCT4851BQ-Q100 Datasheet
260Kb / 21P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 1-2 August 2012
logo
Nexperia B.V. All right...
74HCT4851BQ-Q100 NEXPERIA-74HCT4851BQ-Q100 Datasheet
293Kb / 19P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 3 - 18 February 2020
More results

Similar Description - 74HCT4851BQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC4851 TI-SN74HC4851_08 Datasheet
689Kb / 21P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4851 TI-SN74HC4851_10 Datasheet
630Kb / 22P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
logo
NXP Semiconductors
74HC4851-Q100 NXP-74HC4851-Q100 Datasheet
260Kb / 21P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 1-2 August 2012
74HC_HCT4851 PHILIPS-74HC_HCT4851_15 Datasheet
122Kb / 20P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 02-2 September 2008
logo
Nexperia B.V. All right...
74HC4851-Q100 NEXPERIA-74HC4851-Q100 Datasheet
293Kb / 19P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 3 - 18 February 2020
74HC4851 NEXPERIA-74HC4851 Datasheet
310Kb / 19P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 4 - 15 May 2023
logo
Texas Instruments
SN74HC4851-Q1 TI-SN74HC4851-Q1 Datasheet
294Kb / 15P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION EFFECT CONTROL
logo
NXP Semiconductors
74HC_HCT4852 PHILIPS-74HC_HCT4852_15 Datasheet
123Kb / 20P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 03-2 September 2008
logo
Nexperia B.V. All right...
74HC4852-Q100 NEXPERIA-74HC4852-Q100 Datasheet
847Kb / 21P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
74HCT4852 NEXPERIA-74HCT4852 Datasheet
297Kb / 19P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 4 - 28 April 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com