Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GCI0K.0221200 Datasheet(PDF) 6 Page - Baumer IVO GmbH & Co. KG

Part # GCI0K.0221200
Description  Special Encoders & Sensors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GCI0K.0221200 Datasheet(HTML) 6 Page - Baumer IVO GmbH & Co. KG

  GCI0K.0221200 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GCI0K.0221200 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG GCI0K.0221200 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG GCI0K.0221200 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG GCI0K.0221200 Datasheet HTML 5Page - Baumer IVO GmbH & Co. KG GCI0K.0221200 Datasheet HTML 6Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.baumerivo.com
6
GCI0K
ø72 ±0.05
ø54 ±0.8
8 2 6
16
ø4.1
M2.5 x 5/8
49.5 2.5
Special Encoders & Sensors
Magnetic field sensor with pole wheel
Rotary applications
Accessories
Material:
Durable ferrit
Z 161.M06 Magnetic ring 64 poles
Z 161.W01 Angle for model with zero impulse


Similar Part No. - GCI0K.0221200

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
GCI0L IVO-GCI0L Datasheet
250Kb / 4P
   Special Encoders & Sensors
GCI0L.0220201 IVO-GCI0L.0220201 Datasheet
250Kb / 4P
   Special Encoders & Sensors
GCI0L.0220202 IVO-GCI0L.0220202 Datasheet
250Kb / 4P
   Special Encoders & Sensors
GCI0L.0600201 IVO-GCI0L.0600201 Datasheet
250Kb / 4P
   Special Encoders & Sensors
GCI0L.0600202 IVO-GCI0L.0600202 Datasheet
250Kb / 4P
   Special Encoders & Sensors
More results

Similar Description - GCI0K.0221200

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
G305 IVO-G305 Datasheet
342Kb / 2P
   Special Encoders & Sensors
GCM2K IVO-GCM2K Datasheet
464Kb / 3P
   Special Encoders & Sensors
G080 IVO-G080 Datasheet
281Kb / 2P
   Special Encoders & Sensors
GCI0L IVO-GCI0L Datasheet
250Kb / 4P
   Special Encoders & Sensors
GNAMG IVO-GNAMG Datasheet
678Kb / 4P
   Special Encoders & Sensors
logo
ASM GmbH
PRAS1 ASM-SENSOR-PRAS1 Datasheet
2Mb / 52P
   Angle Sensors and Encoders Contents
logo
Omron Electronics LLC
E3C-1 OMRON-E3C-1 Datasheet
883Kb / 18P
   Special-Purpose Photoelectric Sensors
E3C-S10 OMRON-E3C-S10 Datasheet
930Kb / 18P
   Special-Purpose Photoelectric Sensors
logo
Sensortechnics GmbH
RPUM050G6B SENSORTECHNICS-RPUM050G6B Datasheet
181Kb / 16P
   Pressure sensors with special fittings
logo
Vishay Siliconix
NTCLP100E3103H VISHAY-NTCLP100E3103H Datasheet
95Kb / 6P
   NTC Thermistors, Special Long Lead Sensors
Revision: 03-May-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com