Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT244APW Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVT244APW
Description  3.3 V octal buffer/line driver; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVT244APW Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVT244APW Datasheet HTML 1Page - NXP Semiconductors 74LVT244APW Datasheet HTML 2Page - NXP Semiconductors 74LVT244APW Datasheet HTML 3Page - NXP Semiconductors 74LVT244APW Datasheet HTML 4Page - NXP Semiconductors 74LVT244APW Datasheet HTML 5Page - NXP Semiconductors 74LVT244APW Datasheet HTML 6Page - NXP Semiconductors 74LVT244APW Datasheet HTML 7Page - NXP Semiconductors 74LVT244APW Datasheet HTML 8Page - NXP Semiconductors 74LVT244APW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
74LVT_LVTH244A_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 3 September 2008
3 of 15
NXP Semiconductors
74LVT244A; 74LVTH244A
3.3 V octal buffer/line driver; 3-state
5.
Pinning information
5.1 Pinning
5.2 Pin description
(1) The die substrate is attached to this pad using a
conductive die attach material. It cannot be used as a
supply pin or input.
Fig 3.
Pin configuration for SO20 and (T)SSOP20
Fig 4.
Pin configuration for DHVQFN20
74LVT244A
74LVTH244A
1OE
VCC
1A0
2OE
2Y3
1Y0
1A1
2A3
2Y2
1Y1
1A2
2A2
2Y1
1Y2
1A3
2A1
2Y0
1Y3
GND
2A0
001aae510
1
2
3
4
5
6
7
8
9
10
12
11
14
13
16
15
18
17
20
19
001aah764
74LVT244A
74LVTH244A
Transparent top view
1Y3
1A3
2Y0
2A1
2Y1
1Y2
1A2
2A2
2Y2
1Y1
1A1
2A3
2Y3
1Y0
1A0
2OE
9
12
8
13
7
14
6
15
5
16
4
17
3
18
2
19
terminal 1
index area
GND(1)
Table 2.
Pin description
Symbol
Pin
Description
1OE, 2OE
1, 19
output enable input (active low)
1A0, 1A1, 1A2, 1A3
2, 4, 6, 8
data input
2Y0, 2Y1, 2Y2, 2Y3
9, 7, 5, 3
data output
GND
10
ground (0 V)
2A0, 2A1, 2A2, 2A3
11, 13, 15, 17 data input
1Y0, 1Y1, 1Y2, 1Y3,
18, 16, 14, 12 data output
VCC
20
supply voltage


Similar Part No. - 74LVT244APW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT244APW PHILIPS-74LVT244APW Datasheet
89Kb / 10P
   3.3V Octal buffer/line driver 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74LVT244APW NEXPERIA-74LVT244APW Datasheet
251Kb / 14P
   3.3 V octal buffer/line driver; 3-state
Rev. 7 - 17 August 2021
74LVT244APW-Q100 NEXPERIA-74LVT244APW-Q100 Datasheet
710Kb / 15P
   3.3 V octal buffer/line driver; 3-state
More results

Similar Description - 74LVT244APW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT_LVTH244A PHILIPS-74LVT_LVTH244A_15 Datasheet
107Kb / 15P
   3.3 V octal buffer/line driver; 3-state
Rev. 04-3 September 2008
logo
Nexperia B.V. All right...
74LVT244A NEXPERIA-74LVT244A Datasheet
251Kb / 14P
   3.3 V octal buffer/line driver; 3-state
Rev. 7 - 17 August 2021
logo
NXP Semiconductors
74LVT241 PHILIPS-74LVT241_15 Datasheet
112Kb / 16P
   3.3 V octal buffer/line driver; 3-state
Rev. 03-7 May 2008
logo
Nexperia B.V. All right...
74LVT244A-Q100 NEXPERIA-74LVT244A-Q100 Datasheet
710Kb / 15P
   3.3 V octal buffer/line driver; 3-state
logo
NXP Semiconductors
74LVT241 NXP-74LVT241 Datasheet
112Kb / 16P
   3.3 V octal buffer/line driver; 3-state
Rev. 03-7 May 2008
74LVT_LVTH244B PHILIPS-74LVT_LVTH244B_15 Datasheet
96Kb / 15P
   3.3 V octal buffer/line driver; 3-state
Rev. 03-3 March 2006
logo
Nexperia B.V. All right...
74LVTH244B NEXPERIA-74LVTH244B Datasheet
235Kb / 12P
   3.3 V octal buffer/line driver; 3-state
Rev. 6 - 12 August 2021
74LVT241 NEXPERIA-74LVT241 Datasheet
244Kb / 14P
   3.3 V octal buffer/line driver; 3-state
Rev. 4 - 27 March 2019
74LVT240 NEXPERIA-74LVT240 Datasheet
230Kb / 12P
   3.3 V Octal inverting buffer/line driver; 3-state
Rev. 4 - 28 July 2021
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com