Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBP5W.010D316 Datasheet(PDF) 3 Page - Baumer IVO GmbH & Co. KG

Part # GBP5W.010D316
Description  Absolute encoders - bus interfaces
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GBP5W.010D316 Datasheet(HTML) 3 Page - Baumer IVO GmbH & Co. KG

  GBP5W.010D316 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GBP5W.010D316 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG GBP5W.010D316 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG GBP5W.010D316 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.baumerivo.com
Absolute encoders - bus interfaces
3
www.baumerivo.com
www.baumerivo.com
M12-connector
Connector
Core colour
Assignment
Pin 1
brown
GND B
Pin 2
white
UB
Pin 3
blue
CAN_GND
Pin 4
black
CAN_H
Pin 5
grey
CAN_L
4
3
2
1
5
5
1
2
3
4
Please use cores twisted in
pairs (for example CAN_H /
CAN_L) for extension cables
of more than 10 m length.
D-SUB connector
Connector
Assignment
Pin 1
Pin 2
CAN_L
Pin 3
CAN_GND
Pin 4
Pin 5
Pin 6
GND B
Pin 7
CAN_H
Pin 8
Pin 9
UB
M23-connector
Connector
Core colour
Assignment
Pin 1
brown/green UB
Pin 2
white/green
GND B
Pin 3
pink
CAN_L
Pin 4
grey
CAN_H
Pin 5
white
CAN_GND
Pin 6-12
1
2
3
4
5
6
7
8
9
10
12
11
Please use cores twisted in
pairs (for example CAN_H /
CAN_L) for extension cables
of more than 10 m length.
Please use cores twisted in
pairs (for example CAN_H /
CAN_L) for extension cables
of more than 10 m length.
UB
Encoder voltage supply
GND B
Encoder ground connection relating to UB
CAN_L
CAN bus signal (dominant Low)
CAN_H
CAN bus signal (dominant High)
CAN_GND
GND relating to CAN interface.
Depending on model separated from
GND B either by galvanic isolation or by
inductive earthing.
Terminal significance
Terminal assignment
GBP5W - CANopen
Shaft with clamping or synchro flange
Multiturn encoder 18 bit ST / 14 bit MT, CANopen
Bus protocol
CANopen
Device profile
CANopen - CiA DSP 406, V 3.0
(Device Class 2, CAN 2.0B)
Operating modes Event-triggered / Time-triggered
Remotely-requested
Sync (cyclic) / Sync (acyclic)
Preset
Parameter for setting the encoder to a
requested position value assigned to a
defined shaft position of the system. The
offset of encoder zero point and mecha-
nical zero point is stored in the encoder.
Rotating direction Parameter for defining the rotating direc-
tion in which there have to be ascending
or descending position values.
Scaling
Parameter defining the steps per turn as
well as the total resolution.
Diagnosis
The encoder supports the following error
warnings:
- Position and parameter error
- Lithium battery voltage control
(Multiturn)
Node Monitoring Heartbeat or Nodeguarding
Default
50 kbit/s, Node ID 1
CANopen features


Similar Part No. - GBP5W.010D316

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
GBP5H IVO-GBP5H Datasheet
565Kb / 4P
   Absolute encoders - bus interfaces
GBP5H.010A306 IVO-GBP5H.010A306 Datasheet
565Kb / 4P
   Absolute encoders - bus interfaces
GBP5H.010A316 IVO-GBP5H.010A316 Datasheet
565Kb / 4P
   Absolute encoders - bus interfaces
GBP5H.010M106 IVO-GBP5H.010M106 Datasheet
565Kb / 4P
   Absolute encoders - bus interfaces
GBP5H.010M116 IVO-GBP5H.010M116 Datasheet
565Kb / 4P
   Absolute encoders - bus interfaces
More results

Similar Description - GBP5W.010D316

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
X700.P111205 IVO-X700.P111205 Datasheet
518Kb / 4P
   Absolute encoders - bus interfaces
GBP5H IVO-GBP5H Datasheet
565Kb / 4P
   Absolute encoders - bus interfaces
GXP5W IVO-GXP5W Datasheet
779Kb / 4P
   Absolute encoders - bus interfaces
GXM7W-RS485 IVO-GXM7W-RS485 Datasheet
688Kb / 4P
   Absolute encoders - bus interfaces
GXM7S-RS485 IVO-GXM7S-RS485 Datasheet
643Kb / 4P
   Absolute encoders - bus interfaces
GXP5S IVO-GXP5S Datasheet
610Kb / 4P
   Absolute encoders - bus interfaces
GXP6W IVO-GXP6W Datasheet
731Kb / 4P
   Absolute encoders - bus interfaces
GXP8W IVO-GXP8W Datasheet
571Kb / 4P
   Absolute encoders - bus interfaces
GXM7W.010A002 IVO-GXM7W.010A002 Datasheet
655Kb / 4P
   Absolute encoders - bus interfaces
G0P5H IVO-G0P5H Datasheet
564Kb / 4P
   Absolute encoders - bus interfaces
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com