Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF571 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLF571
Description  HF / VHF power LDMOS transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF571 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLF571 Datasheet HTML 4Page - NXP Semiconductors BLF571 Datasheet HTML 5Page - NXP Semiconductors BLF571 Datasheet HTML 6Page - NXP Semiconductors BLF571 Datasheet HTML 7Page - NXP Semiconductors BLF571 Datasheet HTML 8Page - NXP Semiconductors BLF571 Datasheet HTML 9Page - NXP Semiconductors BLF571 Datasheet HTML 10Page - NXP Semiconductors BLF571 Datasheet HTML 11Page - NXP Semiconductors BLF571 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
BLF571_1
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 01 — 11 December 2008
8 of 13
NXP Semiconductors
BLF571
HF / VHF power LDMOS transistor
8.2 Test circuit
[1]
American Technical Ceramics type 100B or capacitor of same quality.
[2]
Printed-Circuit Board (PCB): Rogers 5880;
εr = 2.2 F/m; height = 0.79 mm; Cu (top/bottom metallization);
thickness copper plating = 35
µm.
Table 9.
List of components
All capacitors should be soldered vertically. For test circuit, see Figure 9 and Figure 10.
Component
Description
Value
Remarks
C1, C3, C4,
C5, C14
multilayer ceramic chip capacitor 100 pF
[1]
C2
multilayer ceramic chip capacitor 39 pF
[1]
C6
multilayer ceramic chip capacitor 68 pF
[1]
C7, C9
multilayer ceramic chip capacitor 1 nF
[1]
C8
multilayer ceramic chip capacitor 4.7 F
TDK C4532X7R1E475MT020U or equivalent
C10
multilayer ceramic chip capacitor 8.2 pF
[1]
C11
electrolytic capacitor
470 F
C12
multilayer ceramic chip capacitor 33 pF
[1]
C13
multilayer ceramic chip capacitor 15 pF
[1]
L1
1 turn enamelled copper wire
D = 5.5 mm;
d=1mm;
length=1mm
L2
2 turns enamelled copper wire
D = 3.5 mm;
d=1mm;
length=3mm
L3
5 turns enamelled copper wire
D=6mm;
d=1mm;
length=5mm
L4
3.3 turns enamelled copper wire
D=3mm;
d=1mm;
length=4mm
L5
3 turns enamelled copper wire
D=3mm;
d=1mm;
length=3mm
L6
stripline
-
[2]
(L
× W) 16.5 mm × 2.4 mm
L7, L8, L10,
L11, L17, L19,
L20
stripline
-
[2]
(L
× W) 3.0 mm × 5.0 mm
L9
stripline
-
[2]
(L
× W) 43.0 mm × 2.4 mm
L12, L15
stripline
-
[2]
(L
× W) 3.5 mm × 2.4 mm
L13, L14
stripline
-
[2]
(L
× W) 8.0 mm × 8.0 mm
L16
stripline
-
[2]
(L
× W) 3.0 mm × 5.9 mm
L18
stripline
-
[2]
(L
× W) 27.0 mm × 2.4 mm
L21
stripline
-
[2]
(L
× W) 28.5 mm × 2.4 mm
R1
metal film resistor
1000
Ω; 0.6 W


Similar Part No. - BLF571

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF571 PHILIPS-BLF571 Datasheet
105Kb / 13P
   HF / VHF power LDMOS transistor
Rev. 02-24 February 2009
BLF571 NXP-BLF571 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Ampleon Netherlands B.V...
BLF571 AMPLEON-BLF571 Datasheet
1Mb / 14P
   HF / VHF power LDMOS transistor
Rev. 3 ??1 September 2015
logo
NXP Semiconductors
BLF571 PHILIPS-BLF571_15 Datasheet
113Kb / 13P
   HF / VHF power LDMOS transistor
Rev. 02-24 February 2009
More results

Similar Description - BLF571

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF573_BLF573S PHILIPS-BLF573_BLF573S_15 Datasheet
362Kb / 16P
   HF / VHF power LDMOS transistor
Rev. 3-8 July 2010
BLF573S NXP-BLF573S Datasheet
84Kb / 14P
   HF / VHF power LDMOS transistor
Rev. 01-8 December 2008
logo
Ampleon Netherlands B.V...
BLF574 AMPLEON-BLF574 Datasheet
1Mb / 19P
   HF / VHF power LDMOS transistor
Rev. 4 ??1 December 2016
BLF978P AMPLEON-BLF978P Datasheet
1Mb / 15P
   HF / VHF power LDMOS transistor
Rev. 1 ??3 April 2020
logo
NXP Semiconductors
BLF571 PHILIPS-BLF571_15 Datasheet
113Kb / 13P
   HF / VHF power LDMOS transistor
Rev. 02-24 February 2009
BLF574 PHILIPS-BLF574 Datasheet
171Kb / 18P
   HF / VHF power LDMOS transistor
Rev. 02-24 February 2009
BLF574 NXP-BLF574 Datasheet
171Kb / 18P
   HF / VHF power LDMOS transistor
Rev. 01-8 December 2008
BLF574 PHILIPS-BLF574_15 Datasheet
179Kb / 18P
   HF / VHF power LDMOS transistor
Rev. 02-24 February 2009
BLC573 NXP-BLC573 Datasheet
117Kb / 14P
   HF / VHF power LDMOS transistor
Rev. 01-11 December 2008
logo
Ampleon Netherlands B.V...
BLF571 AMPLEON-BLF571 Datasheet
1Mb / 14P
   HF / VHF power LDMOS transistor
Rev. 3 ??1 September 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com