Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF878 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BLF878
Description  UHF power LDMOS transistor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF878 Datasheet(HTML) 3 Page - NXP Semiconductors

  BLF878 Datasheet HTML 1Page - NXP Semiconductors BLF878 Datasheet HTML 2Page - NXP Semiconductors BLF878 Datasheet HTML 3Page - NXP Semiconductors BLF878 Datasheet HTML 4Page - NXP Semiconductors BLF878 Datasheet HTML 5Page - NXP Semiconductors BLF878 Datasheet HTML 6Page - NXP Semiconductors BLF878 Datasheet HTML 7Page - NXP Semiconductors BLF878 Datasheet HTML 8Page - NXP Semiconductors BLF878 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
BLF878_1
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 01 — 15 December 2008
3 of 18
NXP Semiconductors
BLF878
UHF power LDMOS transistor
4.
Limiting values
5.
Thermal characteristics
[1]
Rth(j-c) is measured under RF conditions.
[2]
Rth(c-h) is dependent on the applied thermal compound and clamping/mounting of the device.
6.
Characteristics
[1]
ID is the drain current.
[2]
Capacitance values without internal matching.
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
-
89
V
VGS
gate-source voltage
−0.5
+13
V
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
-
200
°C
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-c)
thermal resistance from junction to case
Tcase =80 °C;
PL(AV) = 150 W
[1]
0.23
K/W
Rth(c-h)
thermal resistance from case to heatsink
[2]
0.15
K/W
Table 6.
Characteristics
Tj =25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min Typ
Max Unit
V(BR)DSS drain-source breakdown voltage VGS =0V; ID = 2.25 mA [1] 89
-
105
V
VGS(th)
gate-source threshold voltage
VDS = 10 V; ID = 225 mA [1] 1.4
1.9
2.4
V
IDSS
drain leakage current
VGS =0V; VDS =40V
-
-
2.8
µA
IDSX
drain cut-off current
VGS =VGSth + 3.75 V;
VDS =10V
-39
-
A
IGSS
gate leakage current
VGS = 10 V; VDS = 0 V
-
-
280
nA
gfs
forward transconductance
VGS = 10 V; ID = 11.2 A
[1]
-
15.5
-
S
RDS(on)
drain-source on-state resistance VGS =VGSth + 3.75 V;
ID = 7.6 A
[1]
-
110
-
m
Ciss
input capacitance
VGS = 0 V; VDS =40V;
f=1MHz
[2]
-
190
-
pF
Coss
output capacitance
VGS = 0 V; VDS =40V;
f=1MHz
[2]
-60
-
pF
Crss
reverse transfer capacitance
VGS = 0 V; VDS =40V;
f=1MHz
[2]
-2
-
pF


Similar Part No. - BLF878

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF878 NXP-BLF878 Datasheet
156Kb / 18P
   UHF power LDMOS transistor
Rev. 02-15 June 2009
BLF878 NXP-BLF878 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BLF878 NXP-BLF878_09 Datasheet
156Kb / 18P
   UHF power LDMOS transistor
Rev. 02-15 June 2009
More results

Similar Description - BLF878

ManufacturerPart #DatasheetDescription
logo
Analog Devices
BLC6G20-140 AD-BLC6G20-140 Datasheet
51Kb / 9P
   UHF power LDMOS transistor
logo
NXP Semiconductors
BLF881_1012 PHILIPS-BLF881_1012 Datasheet
202Kb / 18P
   UHF power LDMOS transistor
Rev. 3-7 December 2010
BLF3G21-6 NXP-BLF3G21-6 Datasheet
103Kb / 12P
   UHF power LDMOS transistor
Rev. 01-25 June 2008
BLF4G20LS-130 NXP-BLF4G20LS-130 Datasheet
85Kb / 11P
   UHF power LDMOS transistor
Rev. 01-1 June 2007
BLF4G22-130 NXP-BLF4G22-130 Datasheet
91Kb / 13P
   UHF power LDMOS transistor
Rev. 01-3 July 2007
BLF647 PHILIPS-BLF647 Datasheet
127Kb / 16P
   UHF power LDMOS transistor
2001 Nov 27
BLF2047 PHILIPS-BLF2047 Datasheet
101Kb / 12P
   UHF power LDMOS transistor
1999 Dec 02
BLF2047L PHILIPS-BLF2047L Datasheet
103Kb / 12P
   UHF power LDMOS transistor
1999 Dec 06
BLF6G20-180P PHILIPS-BLF6G20-180P Datasheet
49Kb / 8P
   UHF power LDMOS transistor
Rev. 01-19 April 2006
BLF6G20-45 PHILIPS-BLF6G20-45 Datasheet
46Kb / 8P
   UHF power LDMOS transistor
Rev. 01-20 February 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com