Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK3F00-50WDFY Datasheet(PDF) 11 Page - NXP Semiconductors

Part # BUK3F00-50WDFY
Description  Controller for TrenchPLUS FETs
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK3F00-50WDFY Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button BUK3F00-50WDFY Datasheet HTML 7Page - NXP Semiconductors BUK3F00-50WDFY Datasheet HTML 8Page - NXP Semiconductors BUK3F00-50WDFY Datasheet HTML 9Page - NXP Semiconductors BUK3F00-50WDFY Datasheet HTML 10Page - NXP Semiconductors BUK3F00-50WDFY Datasheet HTML 11Page - NXP Semiconductors BUK3F00-50WDFY Datasheet HTML 12Page - NXP Semiconductors BUK3F00-50WDFY Datasheet HTML 13Page - NXP Semiconductors BUK3F00-50WDFY Datasheet HTML 14Page - NXP Semiconductors BUK3F00-50WDFY Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
BUK3F00-50WDXX_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 4 September 2008
11 of 52
NXP Semiconductors
BUK3F00-50WDxx
Controller for TrenchPLUS FETs
19h
OT_TRIPLEV_CH74
overtemperature trip level channels 7 to 4;
see Section 9.5.1
Y[4]
AAh
AAh
AAh
1Ah
IFSC_CH30
full-scale reference current channels 3 to 0;
see Section 9.5.2
Y[4]
AAh
FFh
FFh
1Bh
IFSC_CH74
full-scale reference current channels 7 to 4;
see Section 9.5.2
Y[4]
AAh
FFh
FFh
1Ch
CURR_TRIPLEV_CH0
current trip level for channel 0;
see Section 9.5.2
N[4]
FFh
FFh
FFh
1Dh
CURR_TRIPLEV_CH1
current trip level for channel 1;
see Section 9.5.2
N[4]
FFh
FFh
FFh
1Eh
CURR_TRIPLEV_CH2
current trip level for channel 2;
see Section 9.5.2
N[4]
FFh
FFh
FFh
1Fh
CURR_TRIPLEV_CH3
current trip level for channel 3;
see Section 9.5.2
N[4]
FFh
FFh
FFh
20h
CURR_TRIPLEV_CH4
current trip level for channel 4;
see Section 9.5.2
N[4]
FFh
FFh
FFh
21h
CURR_TRIPLEV_CH5
current trip level for channel 5;
see Section 9.5.2
N[4]
FFh
FFh
FFh
22h
CURR_TRIPLEV_CH6
current trip level for channel 6;
see Section 9.5.2
N[4]
FFh
FFh
FFh
23h
CURR_TRIPLEV_CH7
current trip level for channel 7;
see Section 9.5.2
N[4]
FFh
FFh
FFh
24h
IRQ_MAP
interrupt request mapping; see Section 9.5.2
Y[4]
04h
19h
00h
25h
CURR_TRIP_
BLANKTIME
current trip blanking time; see Section 9.5.2
Y[4]
2Fh
2Fh
2Fh
26h
OLDET_ONOFF
off-state open-circuit detection;
see Section 9.5.6
N
FFh
FFh
FFh
27h
READBACK
register and diagnostic read back;
see Section 9.3.2
N
30h
30h
30h
28h
IRQ_CHAN_MAP
interrupt generating channels;
see Section 9.3.5
N[4]
FFh
FFh
FFh
Write-only registers[6]
29h
CLEAR_CHAN_INTN
clear channels and interrupt; see Section 11.1
2Ah
CLEAR_WD
clear watchdog state; see Section 11.1
Read-only registers[7]
30h
DIAG_BASIC
basic diagnostics; see Section 11.2
31h
DIAG_CTRL
controller diagnostics; see Section 11.2
32h
ISR
interrupt status register; see Section 11.2
33h
VERSION
device version number; see Section 11.2
34h
DIAG_CHAN_01
VOUTHIGH and VOUTLOW states[8];
see Section 11.2
35h
DIAG_CHAN_02
TSNSOPEN signal state[9]; see Section 11.2
38h
DIAG_DETAIL_CH0
detail diagnostics; channel 0; see Section 11.2
39h
DIAG_DETAIL_CH1
detail diagnostics; channel 1; see Section 11.2
Table 5.
User-accessible registers …continued
Register[1]
Name
Description
Mask
option
Version default value[2]
FE
FM
FY


Similar Part No. - BUK3F00-50WDFY

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK100-50DL PHILIPS-BUK100-50DL Datasheet
85Kb / 10P
   PowerMOS transistor Logic level TOPFET
November 1996 Rev 1.200
BUK100-50DL PHILIPS-BUK100-50DL Datasheet
84Kb / 10P
   PowerMOS transistor Logic level TOPFET
November 1996 Rev 1.200
BUK100-50GL PHILIPS-BUK100-50GL Datasheet
123Kb / 11P
   PowerMOS transistor Logic level TOPFET
November 1996 Rev 1.300
BUK100-50GS PHILIPS-BUK100-50GS Datasheet
115Kb / 11P
   PowerMOS transistor TOPFET
November 1996 Rev 1.300
BUK101-50DL PHILIPS-BUK101-50DL Datasheet
89Kb / 10P
   PowerMOS transistor Logic level TOPFET
April 1993 Rev 1.100
More results

Similar Description - BUK3F00-50WDFY

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC7891 AD-LTC7891 Datasheet
1Mb / 36P
   100 V, Low IQ, Synchronous Step-Down Controller for GaN FETs
Rev. 0
LTC7890 AD-LTC7890 Datasheet
1Mb / 41P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller for GaN FETs
Rev. 0
logo
NXP Semiconductors
BUK7105-40AIE PHILIPS-BUK7105-40AIE Datasheet
143Kb / 16P
   TrenchPLUS standard level FET
Rev. 04-6 February 2004
BUK7107-40ATC PHILIPS-BUK7107-40ATC Datasheet
322Kb / 16P
   TrenchPLUS standard level FET
Rev. 01-9 August 2002
logo
Guangdong Kexin Industr...
KUK7105-40AIE KEXIN-KUK7105-40AIE Datasheet
63Kb / 2P
   TrenchPLUS standard level FET
KUK7105-40ATE KEXIN-KUK7105-40ATE Datasheet
61Kb / 2P
   TrenchPLUS standard level FET
logo
NXP Semiconductors
BUK7L06-34ARC PHILIPS-BUK7L06-34ARC Datasheet
318Kb / 14P
   TrenchPLUS standard level FET
Rev. 03-3 December 2003
BUK7C08-55AITE PHILIPS-BUK7C08-55AITE Datasheet
313Kb / 15P
   TrenchPLUS standard level FET
Rev. 01-19 August 2003
BUK7L11-34ARC PHILIPS-BUK7L11-34ARC Datasheet
108Kb / 14P
   TrenchPLUS standard level FET
Rev. 03-3 December 2003
BUK7108-40AIE PHILIPS-BUK7108-40AIE Datasheet
332Kb / 16P
   TrenchPLUS standard level FET
Rev. 02-24 October 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com