Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G1IOS.H22C328 Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

Part # G1IOS.H22C328
Description  Incremental encoders
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

G1IOS.H22C328 Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  G1IOS.H22C328 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG G1IOS.H22C328 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG G1IOS.H22C328 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG G1IOS.H22C328 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.baumerivo.com
www.baumerivo.com
Incremental encoders
www.baumerivo.com
2
G1I0H, G1I0S
Part number
G1I0H.
C3
See part number (pulses)
E-connection
C3 Connector M23, 12-pin, radial
Voltage supply / signals
22 5 VDC / Linedriver RS422 (≤6000 pulses)
25 5 VDC / linedriver RS422 (>6000 pulses)
70 4.75...30 VDC / push-pull (≤6000 pulses)
75 4.75...30 VDC / push-pull (>6000 pulses)
Hollow shaft
G Hollow shaft ø25 mm without pin
H Hollow shaft ø20 mm without pin
G1I0S.
C3
See part number (pulses)
E-connection
C3 Connector M23, 12-pin, radial
Voltage supply / signals
22 5 VDC / linedriver RS422
70 4.75...30 VDC / push-pull
Hollow shaft
G End shaft ø25 mm without pin
H End shaft ø20 mm without pin
Part number (pulses)
49 (5)
06 (200)
24 (1250)
35 (5000)
36 (10)
09 (250)
26 (1500)
48 (6000)
50 (25)
13 (360)
28 (2000)
70 (8192)
39 (50)
14 (400)
29 (2048)
73 (10000)
40 (60)
15 (500)
30 (2500)
71 (16384)
41 (100)
22 (1000)
31 (3600)
57 (128)
23 (1024)
34 (4096)
Accessories
Connectors and cables (page %S)
Z 141.001
Female connector M23, 12-pin, less cable
Z 141.003
Female connector M23, 12-pin, 2 m cable
Z 141.005
Female connector M23, 12-pin, 5 m cable
Z 141.007
Female connector M23, 12-pin, 10 m cable
Mounting accessories (page %S)
Z 119.050
Spring coupling
Z 119.053
Spring coupling height 19.1 mm
Z 119.070
Spring coupling height 29.1 mm
Z 119.076
Spring coupling for encoders with ø58 mm
housing
Hollow or end shaft max. ø25 mm
Resolution 5...16384 pulses
Other pulse numbers upon request.
Example: ordering key 35 = 5000 pulses
Hollow shaft
End shaft


Similar Description - G1IOS.H22C328

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
GI320 IVO-GI320 Datasheet
323Kb / 2P
   Incremental encoders
GI341 IVO-GI341 Datasheet
576Kb / 4P
   Incremental encoders
X700.I113249 IVO-X700.I113249 Datasheet
415Kb / 2P
   Incremental encoders
GE355 IVO-GE355 Datasheet
526Kb / 4P
   Incremental encoders
GI321 IVO-GI321 Datasheet
366Kb / 2P
   Incremental encoders
logo
List of Unclassifed Man...
P4111-AQ120 ETC1-P4111-AQ120 Datasheet
31Kb / 2P
   Incremental Encoders
logo
Baumer IVO GmbH & Co. K...
GE333 IVO-GE333 Datasheet
537Kb / 4P
   Incremental encoders
GI331 IVO-GI331 Datasheet
592Kb / 4P
   Incremental encoders
GI328 IVO-GI328 Datasheet
423Kb / 2P
   Incremental encoders
GI338 IVO-GI338 Datasheet
474Kb / 2P
   Incremental encoders
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com