Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GA241.1322105 Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

Part # GA241.1322105
Description  Absolute encoders - SSI
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GA241.1322105 Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  GA241.1322105 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GA241.1322105 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG GA241.1322105 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG GA241.1322105 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.baumerivo.com
www.baumerivo.com
Absolute encoders - SSI
www.baumerivo.com
2
GA240, GA241 - SSI
Part number
GA240.
05
E-connection
A0 Connector M23, 12-pin, axial
A1 Connector M23, 12-pin, radial
11 Cable 1 m, axial
21 Cable 1 m, radial
Voltage supply / signals
30 10...30 VDC / gray code 13 bit
32 10...30 VDC / binary code 13 bit
90 10...30 VDC / gray code 14 bit
92 10...30 VDC / binary code 14 bit
Flange / Shaft
0 Clamping flange / ø10 mm IP 54
A Clamping flange / ø10 mm IP 65
GA241.
05
E-connection
A0 Connector M23, 12-pin, axial
A1 Connector M23, 12-pin, radial
11 Cable 1 m, axial
21 Cable 1 m, radial
Voltage supply / signals
30 10...30 VDC / gray code 13 bit
32 10...30 VDC / binary code 13 bit
90 10...30 VDC / gray code 14 bit
92 10...30 VDC / binary code 14 bit
Flange / Shaft
1 Synchro flange / ø6 mm IP 54
B Synchro flange / ø6 mm IP 65
Shaft with clamping or synchro flange
Optical singleturn encoder 14 bit
Accessories
Connectors and cables (page %S)
Z 130.001
Female connector M23, 12-pin, less cable
Z 130.003
Female connector M23, 12-pin, 2 m cable
Z 130.005
Female connector M23, 12-pin, 5 m cable
Z 130.007
Female connector M23, 12-pin, 10 m cable
Mounting accessories for GA240 - SSI (page %S)
Z 119.006
Eccentric fixing, single
Z 119.013
Adaptor plate for clamping flange for
modification into synchro flange
Z 119.017
Mounting angle for clamping flange
Z 119.025
Adaptor plate for clamping flange, mounting
by eccentric fixings (order separately)
Mounting accessories for GA241 - SSI (page %S)
Z 119.006
Eccentric fixing, single
Z 119.015
Mounting adaptor for synchro flange
Z 119.035
Bearing flange for encoders with synchro
flange
tv
bit n bit n-1
tm
bit 3 bit 2
bit 1
T=1/f
clock
data
tp
Clock frequency f
62.5...1500 kHz
Scan ratio of T
40...60 %
Time lag tv
150 ns
Monoflop time tm
25 µs + T/2
Clock interval tp
30 µs
Data transfer
Clamping flange
Synchro flange


Similar Part No. - GA241.1322105

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
GA241.0105102 IVO-GA241.0105102 Datasheet
594Kb / 4P
   Absolute encoders - parallel
GA241.0106102 IVO-GA241.0106102 Datasheet
594Kb / 4P
   Absolute encoders - parallel
GA241.010C002 IVO-GA241.010C002 Datasheet
594Kb / 4P
   Absolute encoders - parallel
GA241.010C102 IVO-GA241.010C102 Datasheet
594Kb / 4P
   Absolute encoders - parallel
GA241.0125102 IVO-GA241.0125102 Datasheet
594Kb / 4P
   Absolute encoders - parallel
More results

Similar Description - GA241.1322105

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
G1M2H IVO-G1M2H Datasheet
630Kb / 4P
   Absolute encoders - SSI
GE400 IVO-GE400 Datasheet
592Kb / 4P
   Absolute encoders - SSI
GXA2S IVO-GXA2S Datasheet
653Kb / 4P
   Absolute encoders - SSI
GCM2S IVO-GCM2S Datasheet
605Kb / 4P
   Absolute encoders - SSI
GXM2S IVO-GXM2S Datasheet
655Kb / 4P
   Absolute encoders - SSI
G0M2H IVO-G0M2H Datasheet
597Kb / 4P
   Absolute encoders - SSI
GCM2W IVO-GCM2W Datasheet
641Kb / 4P
   Absolute encoders - SSI
X700-SSI IVO-X700-SSI Datasheet
568Kb / 4P
   Absolute encoders - SSI
G1S2B IVO-G1S2B Datasheet
637Kb / 4P
   Absolute encoders - SSI
GXP2W IVO-GXP2W Datasheet
666Kb / 4P
   Absolute encoders - SSI
GM400 IVO-GM400 Datasheet
774Kb / 6P
   Absolute encoders - SSI
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com