Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBT16212 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # CBT16212
Description  24-bit bus exchange switch with 12-bit output enables
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CBT16212 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button CBT16212 Datasheet HTML 4Page - NXP Semiconductors CBT16212 Datasheet HTML 5Page - NXP Semiconductors CBT16212 Datasheet HTML 6Page - NXP Semiconductors CBT16212 Datasheet HTML 7Page - NXP Semiconductors CBT16212 Datasheet HTML 8Page - NXP Semiconductors CBT16212 Datasheet HTML 9Page - NXP Semiconductors CBT16212 Datasheet HTML 10Page - NXP Semiconductors CBT16212 Datasheet HTML 11Page - NXP Semiconductors CBT16212 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CBT16212_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 3 November 2008
8 of 12
NXP Semiconductors
CBT16212
24-bit bus exchange switch with 12-bit output enables
12. Package outline
Fig 7.
Package outline SOT364-1 (TSSOP56)
UNIT
A1
A2
A3
bp
cD(1)
E(2)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.15
0.05
0.2
0.1
8
0
o
o
0.1
DIMENSIONS (mm are the original dimensions).
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic interlead protrusions of 0.25 mm maximum per side are not included.
SOT364-1
99-12-27
03-02-19
w M
θ
A
A1
A2
D
L p
Q
detail X
E
Z
e
c
L
X
(A )
3
0.25
128
56
29
y
pin 1 index
b
H
1.05
0.85
0.28
0.17
0.2
0.1
14.1
13.9
6.2
6.0
0.5
1
8.3
7.9
0.50
0.35
0.5
0.1
0.08
0.25
0.8
0.4
p
E
v M A
A
TSSOP56: plastic thin shrink small outline package; 56 leads; body width 6.1 mm
SOT364-1
A
max.
1.2
0
2.5
5 mm
scale
MO-153


Similar Part No. - CBT16212

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
CBT16212 ICST-CBT16212 Datasheet
75Kb / 8P
   24-bit bus exchange switch with 12-bit output enables
logo
Nexperia B.V. All right...
CBT16212 NEXPERIA-CBT16212 Datasheet
203Kb / 13P
   24-bit bus exchange switch with 12-bit output enables
Rev. 02 - 3 November 2008
logo
Texas Instruments
CBT16212A TI-CBT16212A Datasheet
405Kb / 14P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCHES
logo
Integrated Circuit Syst...
CBT16212DGG ICST-CBT16212DGG Datasheet
75Kb / 8P
   24-bit bus exchange switch with 12-bit output enables
logo
Nexperia B.V. All right...
CBT16212DGG NEXPERIA-CBT16212DGG Datasheet
203Kb / 13P
   24-bit bus exchange switch with 12-bit output enables
Rev. 02 - 3 November 2008
More results

Similar Description - CBT16212

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
CBT16212 ICST-CBT16212 Datasheet
75Kb / 8P
   24-bit bus exchange switch with 12-bit output enables
logo
NXP Semiconductors
CBT16213 PHILIPS-CBT16213 Datasheet
76Kb / 10P
   24-bit bus exchange switch with 12-bit output enables
2001 Jan 19
CBT16212 PHILIPS-CBT16212_15 Datasheet
89Kb / 12P
   24-bit bus exchange switch with 12-bit output enables
Rev. 02-3 November 2008
logo
Nexperia B.V. All right...
CBT16212 NEXPERIA-CBT16212 Datasheet
203Kb / 13P
   24-bit bus exchange switch with 12-bit output enables
Rev. 02 - 3 November 2008
CBTD16211 NEXPERIA-CBTD16211 Datasheet
201Kb / 11P
   24-bit level shifting bus exchange switch with 12-bit output enables
2001 Jun 13
logo
Integrated Circuit Syst...
CBTD16211 ICST-CBTD16211 Datasheet
77Kb / 10P
   24-bit level shifting bus exchange switch with 12-bit output enables
logo
NXP Semiconductors
CBTD16211 PHILIPS-CBTD16211_15 Datasheet
88Kb / 10P
   24-bit level shifting bus exchange switch with 12-bit output enables
2001 Jun 13
logo
Nexperia B.V. All right...
CBT16211 NEXPERIA-CBT16211 Datasheet
195Kb / 9P
   24-bit bus switch with 12-bit output enables
2001 Jun 13
logo
NXP Semiconductors
CBT16211 PHILIPS-CBT16211_15 Datasheet
82Kb / 8P
   24-bit bus switch with 12-bit output enables
2001 Jun 13
CBTD16212 PHILIPS-CBTD16212 Datasheet
85Kb / 10P
   24-bit level shifting bus exchange switch WITH 12-BIT OUTPUT ENABIES
2001 Sep 28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com