Electronic Components Datasheet Search |
|
CBT16212DL Datasheet(PDF) 4 Page - NXP Semiconductors |
|
CBT16212DL Datasheet(HTML) 4 Page - NXP Semiconductors |
4 / 12 page CBT16212_2 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 02 — 3 November 2008 4 of 12 NXP Semiconductors CBT16212 24-bit bus exchange switch with 12-bit output enables 6. Functional description [1] H = HIGH voltage level; L = LOW voltage level; Z = high-impedance OFF-state. 7. Limiting values [1] The input and output voltage ratings may be exceeded if the input and output current ratings are observed. [2] The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150 °C. [3] Above 55 °C the value of P tot derates linearly with 11.3 mW/K. [4] Above 55 °C the value of P tot derates linearly with 8 mW/K. 8. Recommended operating conditions Table 3. Function selection[1] Port select input Input/output Function S2 S1 S0 nA1 nA2 L L L Z Z disconnect L L H nB1 Z nA1 = nB1 L H L nB2 Z nA1 = nB2 L H H Z nB1 nA2 = nB1 H L L Z nB2 nA2 = nB2 H L H Z Z disconnect H H L nB1 nB2 nA1 = nB1 and nA2 = nB2 H H H nB2 nB1 nA1 = nB2 and nA2 = nB1 Table 4. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Parameter Conditions Min Max Unit VCC supply voltage −0.5 +7.0 V VI input voltage [1] −0.5 +7.0 V IIK input clamping current VI <0V −50 - mA VO output voltage output at HIGH level or OFF-state −0.5 +5.5 V IO output current output at LOW level - 128 mA Tstg storage temperature −65 +150 °C Ptot total power dissipation Tamb = −40 °C to +125 °C SSOP56 package [3] - 850 mW TSSOP56 package [4] - 600 mW Table 5. Operating conditions All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Symbol Parameter Conditions Min Max Unit VCC supply voltage 4.0 5.5 V VIH HIGH-level input voltage 2.0 - V VIL LOW-level input voltage - 0.8 V Tamb ambient temperature operating in free-air −40 +85 °C |
Similar Part No. - CBT16212DL |
|
Similar Description - CBT16212DL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |