Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4027BP Datasheet(PDF) 3 Page - NXP Semiconductors

Part # HEF4027BP
Description  Dual JK flip-flop
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HEF4027BP Datasheet(HTML) 3 Page - NXP Semiconductors

  HEF4027BP Datasheet HTML 1Page - NXP Semiconductors HEF4027BP Datasheet HTML 2Page - NXP Semiconductors HEF4027BP Datasheet HTML 3Page - NXP Semiconductors HEF4027BP Datasheet HTML 4Page - NXP Semiconductors HEF4027BP Datasheet HTML 5Page - NXP Semiconductors HEF4027BP Datasheet HTML 6Page - NXP Semiconductors HEF4027BP Datasheet HTML 7Page - NXP Semiconductors HEF4027BP Datasheet HTML 8Page - NXP Semiconductors HEF4027BP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
HEF4027B_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 10 November 2008
3 of 13
NXP Semiconductors
HEF4027B
Dual JK flip-flop
6.
Pinning information
6.1 Pinning
6.2 Pin description
7.
Functional description
Fig 3.
Pin configuration
HEF4027B
2Q
VDD
2Q
1Q
2CP
1Q
2CD
1CP
2K
1CD
2J
1K
2SD
1J
VSS
1SD
001aae594
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
Table 2.
Pin description
Symbol
Pin
Description
VSS
8
ground supply voltage
1SD, 2SD
9, 7
asynchronous set-direct input (active HIGH)
1J, 2J
10, 6
synchronous input
1K, 2K
11, 5
synchronous input
1CD, 2CD
12, 4
asynchronous clear-direct input (active HIGH)
1CP, 2CP
13, 3
clock input (LOW-to-HIGH edge-triggered)
1Q, 2Q
14, 2
complement output
1Q, 2Q
15, 1
true output
VDD
16
supply voltage
Table 3.
Function table[1]
Inputs
Outputs
nSD
nCD
nCP
nJ
nK
nQ
nQ
HL
X
X
X
HL
LH
X
X
X
LH
HHX
X
X
HH


Similar Part No. - HEF4027BP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4027BP PHILIPS-HEF4027BP Datasheet
64Kb / 5P
   Dual JK flip-flop
January 1995
HEF4027BP NXP-HEF4027BP Datasheet
108Kb / 14P
   Dual JK flip-flop Rev. 9 ??18 November 2011
Rev. 9-18 November 2011
HEF4027BP652 NXP-HEF4027BP652 Datasheet
108Kb / 14P
   Dual JK flip-flop Rev. 9 ??18 November 2011
Rev. 9-18 November 2011
HEF4027BPN PHILIPS-HEF4027BPN Datasheet
64Kb / 5P
   Dual JK flip-flop
January 1995
More results

Similar Description - HEF4027BP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
HEF4027B NEXPERIA-HEF4027B Datasheet
220Kb / 11P
   Dual JK flip-flop
Rev. 11 - 7 December 2021
logo
Integral Corp.
IW4027B INTEGRAL-IW4027B Datasheet
48Kb / 6P
   Dual JK Flip-Flop
logo
KODENSHI_AUK CORP.
KK4027B KODENSHI-KK4027B Datasheet
232Kb / 6P
   Dual JK Flip-Flop
logo
NXP Semiconductors
HEF4027B PHILIPS-HEF4027B Datasheet
64Kb / 5P
   Dual JK flip-flop
January 1995
logo
IK Semicon Co., Ltd
IW4027B IKSEMICON-IW4027B Datasheet
158Kb / 6P
   Dual JK Flip-Flop
logo
List of Unclassifed Man...
GD4027B ETC1-GD4027B Datasheet
89Kb / 3P
   DUAL JK FLIP-FLOP
logo
Nexperia B.V. All right...
HEF4027B-Q100 NEXPERIA-HEF4027B-Q100 Datasheet
684Kb / 13P
   Dual JK flip-flop
logo
List of Unclassifed Man...
74LS76 ETC-74LS76 Datasheet
146Kb / 2P
   DUAL JK FLIP - FLOP
logo
Micrel Semiconductor
SY10EL35 MICREL-SY10EL35_06 Datasheet
50Kb / 4P
   JK FLIP-FLOP
logo
ON Semiconductor
MC10EP35 ONSEMI-MC10EP35 Datasheet
81Kb / 8P
   JK Flip Flop
Sep, 1999 ??Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com