Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4043B Datasheet(PDF) 9 Page - NXP Semiconductors

Part # HEF4043B
Description  Quad R/S latch with 3-state outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HEF4043B Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button HEF4043B Datasheet HTML 5Page - NXP Semiconductors HEF4043B Datasheet HTML 6Page - NXP Semiconductors HEF4043B Datasheet HTML 7Page - NXP Semiconductors HEF4043B Datasheet HTML 8Page - NXP Semiconductors HEF4043B Datasheet HTML 9Page - NXP Semiconductors HEF4043B Datasheet HTML 10Page - NXP Semiconductors HEF4043B Datasheet HTML 11Page - NXP Semiconductors HEF4043B Datasheet HTML 12Page - NXP Semiconductors HEF4043B Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
HEF4043B_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 11 November 2008
9 of 13
NXP Semiconductors
HEF4043B
Quad R/S latch with 3-state outputs
13. Package outline
Fig 7.
Package outline SOT38-4 (DIP16)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT38-4
95-01-14
03-02-13
MH
c
(e )
1
ME
A
L
A1
w M
b1
b2
e
D
A2
Z
16
1
9
8
E
pin 1 index
b
0
5
10 mm
scale
Note
1. Plastic or metal protrusions of 0.25 mm (0.01 inch) maximum per side are not included.
UNIT
A
max.
12
b1
(1)
(1)
(1)
b2
cD
E
e
M
Z
H
L
mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
A
min.
A
max.
b
max.
w
M E
e 1
1.73
1.30
0.53
0.38
0.36
0.23
19.50
18.55
6.48
6.20
3.60
3.05
0.254
2.54
7.62
8.25
7.80
10.0
8.3
0.76
4.2
0.51
3.2
inches
0.068
0.051
0.021
0.015
0.014
0.009
1.25
0.85
0.049
0.033
0.77
0.73
0.26
0.24
0.14
0.12
0.01
0.1
0.3
0.32
0.31
0.39
0.33
0.03
0.17
0.02
0.13
DIP16: plastic dual in-line package; 16 leads (300 mil)
SOT38-4


Similar Part No. - HEF4043B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4043B PHILIPS-HEF4043B Datasheet
46Kb / 5P
   Quadruple R/S latch with 3-state outputs
January 1995
logo
Nexperia B.V. All right...
HEF4043B NEXPERIA-HEF4043B Datasheet
215Kb / 11P
   Quad R/S latch with 3-state outputs
Rev. 13 - 8 December 2021
HEF4043B-Q100 NEXPERIA-HEF4043B-Q100 Datasheet
685Kb / 14P
   Quad R/S latch with 3-state outputs
logo
NXP Semiconductors
HEF4043BD PHILIPS-HEF4043BD Datasheet
46Kb / 5P
   Quadruple R/S latch with 3-state outputs
January 1995
HEF4043BF PHILIPS-HEF4043BF Datasheet
46Kb / 5P
   Quadruple R/S latch with 3-state outputs
January 1995
More results

Similar Description - HEF4043B

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
HEF4043B-Q100 NEXPERIA-HEF4043B-Q100 Datasheet
685Kb / 14P
   Quad R/S latch with 3-state outputs
logo
NXP Semiconductors
HEF4043B PHILIPS-HEF4043B_15 Datasheet
158Kb / 14P
   Quad R/S latch with 3-state outputs
Rev. 10-18 November 2011
HEF4044B NXP-HEF4044B Datasheet
81Kb / 13P
   Quad R/S latch with 3-state outputs
Rev. 06-11 November 2008
logo
Nexperia B.V. All right...
HEF4043B NEXPERIA-HEF4043B Datasheet
215Kb / 11P
   Quad R/S latch with 3-state outputs
Rev. 13 - 8 December 2021
logo
Toshiba Semiconductor
TC4044BP TOSHIBA-TC4044BP Datasheet
238Kb / 6P
   QUAD 3-STATE R/S LATCH(Quad NAND R/S Latch)
TC4044BP TOSHIBA-TC4044BP_07 Datasheet
290Kb / 9P
   Quad 3-State R/S Latch
logo
System Logic Semiconduc...
SL4043B SLS-SL4043B Datasheet
44Kb / 6P
   Quad 3-State R/S Latch
logo
NXP Semiconductors
HEF4043B PHILIPS-HEF4043B Datasheet
46Kb / 5P
   Quadruple R/S latch with 3-state outputs
January 1995
HEF4044B PHILIPS-HEF4044B Datasheet
47Kb / 5P
   Quadruple R/S latch with 3-state outputs
January 1995
logo
Fairchild Semiconductor
CD4043BC FAIRCHILD-CD4043BC Datasheet
68Kb / 6P
   Quad 3-STATE NOR R/S Latches . Quad 3-STATE NAND R/S Latches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com