Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4027BT Datasheet(PDF) 11 Page - NXP Semiconductors

Part # HEF4027BT
Description  Dual JK flip-flop
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HEF4027BT Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button HEF4027BT Datasheet HTML 5Page - NXP Semiconductors HEF4027BT Datasheet HTML 6Page - NXP Semiconductors HEF4027BT Datasheet HTML 7Page - NXP Semiconductors HEF4027BT Datasheet HTML 8Page - NXP Semiconductors HEF4027BT Datasheet HTML 9Page - NXP Semiconductors HEF4027BT Datasheet HTML 10Page - NXP Semiconductors HEF4027BT Datasheet HTML 11Page - NXP Semiconductors HEF4027BT Datasheet HTML 12Page - NXP Semiconductors HEF4027BT Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
HEF4027B_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 10 November 2008
11 of 13
NXP Semiconductors
HEF4027B
Dual JK flip-flop
14. Abbreviations
15. Revision history
Table 11.
Abbreviations
Acronym
Description
DUT
Device Under Test
ESD
ElectroStatic Discharge
HBM
Human Body Model
MM
Machine Model
Table 12.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
HEF4027B_5
20081110
Product data sheet
-
HEF4027B_4
Modifications:
Maximum Tamb changed to 85 °C and Tamb = 125 °C parameter data removed throughout.
• Section 1 “General description” temperature range statement modified.
• Section 10 “Static characteristics” IDD, IOL, IOH and II values revised.
HEF4027B_4
20080703
Product specification
-
HEF4027B_CNV_3
HEF4027B_CNV_3
19950101
Product specification
-
HEF4027B_CNV_2
HEF4027B_CNV_2
19950101
Product specification
-
-


Similar Part No. - HEF4027BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4027BT PHILIPS-HEF4027BT Datasheet
64Kb / 5P
   Dual JK flip-flop
January 1995
HEF4027BT NXP-HEF4027BT Datasheet
108Kb / 14P
   Dual JK flip-flop Rev. 9 ??18 November 2011
Rev. 9-18 November 2011
logo
Nexperia B.V. All right...
HEF4027BT NEXPERIA-HEF4027BT Datasheet
220Kb / 11P
   Dual JK flip-flop
Rev. 11 - 7 December 2021
HEF4027BT-Q100 NEXPERIA-HEF4027BT-Q100 Datasheet
684Kb / 13P
   Dual JK flip-flop
logo
NXP Semiconductors
HEF4027BTD PHILIPS-HEF4027BTD Datasheet
64Kb / 5P
   Dual JK flip-flop
January 1995
More results

Similar Description - HEF4027BT

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
HEF4027B NEXPERIA-HEF4027B Datasheet
220Kb / 11P
   Dual JK flip-flop
Rev. 11 - 7 December 2021
logo
Integral Corp.
IW4027B INTEGRAL-IW4027B Datasheet
48Kb / 6P
   Dual JK Flip-Flop
logo
KODENSHI_AUK CORP.
KK4027B KODENSHI-KK4027B Datasheet
232Kb / 6P
   Dual JK Flip-Flop
logo
NXP Semiconductors
HEF4027B PHILIPS-HEF4027B Datasheet
64Kb / 5P
   Dual JK flip-flop
January 1995
logo
IK Semicon Co., Ltd
IW4027B IKSEMICON-IW4027B Datasheet
158Kb / 6P
   Dual JK Flip-Flop
logo
List of Unclassifed Man...
GD4027B ETC1-GD4027B Datasheet
89Kb / 3P
   DUAL JK FLIP-FLOP
logo
Nexperia B.V. All right...
HEF4027B-Q100 NEXPERIA-HEF4027B-Q100 Datasheet
684Kb / 13P
   Dual JK flip-flop
logo
List of Unclassifed Man...
74LS76 ETC-74LS76 Datasheet
146Kb / 2P
   DUAL JK FLIP - FLOP
logo
Micrel Semiconductor
SY10EL35 MICREL-SY10EL35_06 Datasheet
50Kb / 4P
   JK FLIP-FLOP
logo
ON Semiconductor
MC10EP35 ONSEMI-MC10EP35 Datasheet
81Kb / 8P
   JK Flip Flop
Sep, 1999 ??Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com