Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4049BP Datasheet(PDF) 3 Page - NXP Semiconductors

Part # HEF4049BP
Description  Hex inverting buffers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HEF4049BP Datasheet(HTML) 3 Page - NXP Semiconductors

  HEF4049BP Datasheet HTML 1Page - NXP Semiconductors HEF4049BP Datasheet HTML 2Page - NXP Semiconductors HEF4049BP Datasheet HTML 3Page - NXP Semiconductors HEF4049BP Datasheet HTML 4Page - NXP Semiconductors HEF4049BP Datasheet HTML 5Page - NXP Semiconductors HEF4049BP Datasheet HTML 6Page - NXP Semiconductors HEF4049BP Datasheet HTML 7Page - NXP Semiconductors HEF4049BP Datasheet HTML 8Page - NXP Semiconductors HEF4049BP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
HEF4049B_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 11 November 2008
3 of 11
NXP Semiconductors
HEF4049B
Hex inverting buffers
7.
Functional description
8.
Limiting values
[1]
For DIP16 package: Ptot derates linearly with 12 mW/K above 70 °C.
[2]
For SO16 package: Ptot derates linearly with 8 mW/K above 70 °C.
9.
Recommended operating conditions
1A to 6A
3, 5, 7, 9, 11, 14
input
VSS
8
ground supply voltage
n.c.
13, 16
not connected
Table 2.
Pin description …continued
Symbol
Pin
Description
Table 3.
Guaranteed fan-out
Driven element
Guaranteed fan-out
Standard TTL
2
74 LS
9
74 L
16
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
−0.5
+18
V
VI
input voltage
any input
−0.5
VDD + 0.5
V
II/O
input/output current
-
±10
mA
Tstg
storage temperature
−65
+150
°C
Tamb
ambient temperature
−40
+85
°C
Ptot
total power dissipation
Tamb −40 °C to +85 °C
DIP16 package
[1] -
750
mW
SO16 package
[2] -
500
mW
P
power dissipation
per output
-
100
mW
Table 5.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
supply voltage
3
-
15
V
VI
input voltage
0
-
VDD
V
Tamb
ambient temperature
in free air
−40
-
+85
°C
∆t/∆V
input transition rise and fall rate
VDD = 5 V
-
-
3.75
ns/V
VDD = 10 V
-
-
0.5
ns/V
VDD = 15 V
-
-
0.08
ns/V


Similar Part No. - HEF4049BP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4049BP NXP-HEF4049BP Datasheet
141Kb / 12P
   Hex inverting buffers
Rev. 9-18 November 2011
HEF4049BP NXP-HEF4049BP Datasheet
141Kb / 12P
   Accepts input voltages in excess of the supply voltage
Rev. 9-18 November 2011
HEF4049BP.652 NXP-HEF4049BP.652 Datasheet
141Kb / 12P
   Hex inverting buffers
Rev. 9-18 November 2011
More results

Similar Description - HEF4049BP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4049B PHILIPS-HEF4049B_15 Datasheet
141Kb / 12P
   Hex inverting buffers
Rev. 9-18 November 2011
logo
Nexperia B.V. All right...
HEF4049B-Q100 NEXPERIA-HEF4049B-Q100 Datasheet
725Kb / 11P
   Hex inverting buffers
HEF4049B NEXPERIA-HEF4049B Datasheet
724Kb / 12P
   Hex inverting buffers
Rev. 11 - 23 June 2016
logo
NXP Semiconductors
HEF4049BP.652 NXP-HEF4049BP.652 Datasheet
141Kb / 12P
   Hex inverting buffers
Rev. 9-18 November 2011
logo
National Semiconductor ...
CD4009C NSC-CD4009C Datasheet
112Kb / 4P
   Hex Buffers (Inverting)
logo
Texas Instruments
SN54ALS1005 TI1-SN54ALS1005_14 Datasheet
756Kb / 14P
[Old version datasheet]   HEX INVERTING BUFFERS
logo
NXP Semiconductors
HEF4049B PHILIPS-HEF4049B Datasheet
19Kb / 1P
   HEX inverting buffers
January 1995
HEF4050B PHILIPS-HEF4050B Datasheet
31Kb / 4P
   HEX non-inverting buffers
January 1995
logo
Nexperia B.V. All right...
HEF4050B-Q100 NEXPERIA-HEF4050B-Q100 Datasheet
760Kb / 11P
   Hex non-inverting buffers
logo
Fairchild Semiconductor
CD4010C FAIRCHILD-CD4010C Datasheet
53Kb / 5P
   Hex Buffers (Non-Inverting)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com