Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF40098BP Datasheet(PDF) 4 Page - NXP Semiconductors

Part # HEF40098BP
Description  3-state hex inverting buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HEF40098BP Datasheet(HTML) 4 Page - NXP Semiconductors

  HEF40098BP Datasheet HTML 1Page - NXP Semiconductors HEF40098BP Datasheet HTML 2Page - NXP Semiconductors HEF40098BP Datasheet HTML 3Page - NXP Semiconductors HEF40098BP Datasheet HTML 4Page - NXP Semiconductors HEF40098BP Datasheet HTML 5Page - NXP Semiconductors HEF40098BP Datasheet HTML 6Page - NXP Semiconductors HEF40098BP Datasheet HTML 7Page - NXP Semiconductors HEF40098BP Datasheet HTML 8Page - NXP Semiconductors HEF40098BP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
HEF40098B_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 31 October 2008
4 of 12
NXP Semiconductors
HEF40098B
3-state hex inverting buffer
9.
Recommended operating conditions
10. Static characteristics
Table 5.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
supply voltage
3
-
15
V
VI
input voltage
0
-
VDD
V
Tamb
ambient temperature
in free air
−40
-
+85
°C
∆t/∆V
input transition rise and fall rate
VDD = 5 V
-
-
3.75
ns/V
VDD = 10 V
-
-
0.5
ns/V
VDD = 15 V
-
-
0.08
ns/V
Table 6.
Static characteristics
VSS = 0 V; VI = VSS or VDD; unless otherwise specified.
Symbol Parameter
Conditions
VDD
Tamb = −40 °C Tamb = 25 °C Tamb = 85 °C Unit
Min
Max
Min
Max
Min
Max
VIH
HIGH-level input voltage
|IO| < 1 µA
5 V
3.5
-
3.5
-
3.5
-
V
10 V
7.0
-
7.0
-
7.0
-
V
15 V
11.0
-
11.0
-
11.0
-
V
VIL
LOW-level input voltage
|IO| < 1 µA
5 V
-
1.5
-
1.5
-
1.5
V
10 V
-
3.0
-
3.0
-
3.0
V
15 V
-
4.0
-
4.0
-
4.0
V
VOH
HIGH-level output voltage
|IO| <1 µA
5 V
4.95
-
4.95
-
4.95
-
V
10 V
9.95
-
9.95
-
9.95
-
V
15 V
14.95
-
14.95
-
14.95
-
V
VOL
LOW-level output voltage
|IO| <1 µA
5 V
-
0.05
-
0.05
-
0.05
V
10 V
-
0.05
-
0.05
-
0.05
V
15 V
-
0.05
-
0.05
-
0.05
V
IOH
HIGH-level output current VO = 2.5 V
5 V
−3.8
-
−3.2
-
−2.5
-
mA
VO = 4.6 V
5 V
−1.2
-
−1.0
-
−0.8
-
mA
VO = 9.5 V
10 V
−3.8
-
−3.2
-
−2.5
-
mA
VO = 13.5 V
15 V
−12.0
-
−10.0
-
−8.0
-
mA
IOL
LOW-level output current
VO = 0.4 V;
4.75 V
3.5
-
2.9
-
2.3
-
mA
VO = 0.5 V;
10 V
12.0
-
10.0
-
8.0
-
mA
VO = 1.5 V;
15 V
24.0
-
20.0
-
16.0
-
mA
II
input leakage current
VI = 0 V or 15 V
15 V
-
0.3
-
0.3
-
1.0
µA
IDD
supply current
IO = 0A
5V
-
4
-
4
-
30
µA
10 V
-
8
-
8
-
60
µA
15 V
-
16
-
16
-
120
µA
IOZ
OFF-state output current
15 V
-
1.6
-
1.6
-
12.0
µA
CI
input capacitance
-
-
-
7.5
-
-
pF


Similar Part No. - HEF40098BP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF40098BP PHILIPS-HEF40098BP Datasheet
39Kb / 4P
   3-state hex inverting buffer
January 1995
More results

Similar Description - HEF40098BP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF40098B PHILIPS-HEF40098B_15 Datasheet
180Kb / 13P
   Hex inverting buffer; 3-state
Rev. 8-21 November 2011
logo
Nexperia B.V. All right...
HEF40098B NEXPERIA-HEF40098B Datasheet
735Kb / 12P
   Hex inverting buffer; 3-state
Rev. 9 - 18 March 2016
logo
ON Semiconductor
MC74HCT366A ONSEMI-MC74HCT366A_14 Datasheet
131Kb / 7P
   Hex 3-State Inverting Buffer
March, 2014 ??Rev. 2
logo
NXP Semiconductors
HEF40098B PHILIPS-HEF40098B Datasheet
39Kb / 4P
   3-state hex inverting buffer
January 1995
logo
ON Semiconductor
MC74HC368A ONSEMI-MC74HC368A Datasheet
123Kb / 7P
   Hex 3-State Inverting Buffer
June, 2013 ??Rev. 2
MC14503B ONSEMI-MC14503B Datasheet
185Kb / 8P
   Hex Non-Inverting 3-State Buffer
March, 2000 ??Rev. 3
MC14503B ONSEMI-MC14503B_11 Datasheet
136Kb / 7P
   Hex Non-Inverting 3-State Buffer
June, 2011 ??Rev. 8
logo
NXP Semiconductors
HEF40097B PHILIPS-HEF40097B Datasheet
38Kb / 4P
   3-state hex non-inverting buffer
January 1995
logo
Motorola, Inc
MC14503B MOTOROLA-MC14503B Datasheet
214Kb / 6P
   Hex Non-Inverting 3-State Buffer
logo
ON Semiconductor
MC14503B ONSEMI-MC14503B_14 Datasheet
106Kb / 5P
   Hex Non-Inverting 3-State Buffer
July, 2014 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com