Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4094BTS Datasheet(PDF) 1 Page - NXP Semiconductors

Part # HEF4094BTS
Description  8-stage shift-and-store bus register
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HEF4094BTS Datasheet(HTML) 1 Page - NXP Semiconductors

  HEF4094BTS Datasheet HTML 1Page - NXP Semiconductors HEF4094BTS Datasheet HTML 2Page - NXP Semiconductors HEF4094BTS Datasheet HTML 3Page - NXP Semiconductors HEF4094BTS Datasheet HTML 4Page - NXP Semiconductors HEF4094BTS Datasheet HTML 5Page - NXP Semiconductors HEF4094BTS Datasheet HTML 6Page - NXP Semiconductors HEF4094BTS Datasheet HTML 7Page - NXP Semiconductors HEF4094BTS Datasheet HTML 8Page - NXP Semiconductors HEF4094BTS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1.
General description
The HEF4094B is an 8-stage serial shift register. It has a storage latch associated with
each stage for strobing data from the serial input to parallel buffered 3-state outputs
QP0 to QP7. The parallel outputs may be connected directly to common bus lines. Data is
shifted on positive-going clock transitions. The data in each shift register stage is
transferred to the storage register when the strobe (STR) input is HIGH. Data in the
storage register appears at the outputs whenever the output enable (OE) signal is HIGH.
Two serial outputs (QS1 and QS2) are available for cascading a number of HEF4094B
devices. Serial data is available at QS1 on positive-going clock edges to allow high-speed
operation in cascaded systems with a fast clock rise time. The same serial data is
available at QS2 on the next negative going clock edge. This is used for cascading
HEF4094B devices when the clock has a slow rise time.
It operates over a recommended VDD power supply range of 3 V to 15 V referenced to VSS
(usually ground). Unused inputs must be connected to VDD, VSS, or another input. It is
also suitable for use over the industrial (
−40 °C to +85 °C) and automotive (−40 °C to
+125
°C) temperature ranges.
2.
Features
I Fully static operation
I 5 V, 10 V, and 15 V parametric ratings
I Standardized symmetrical output characteristics
I Operates across the automotive temperature range −40 °C to +125 °C
I Complies with JEDEC standard JESD 13-B
I ESD protection:
N HBM JESD22-A114E exceeds 2000 V
N MM JESD22-A115-A exceeds 200 V
3.
Ordering information
HEF4094B
8-stage shift-and-store bus register
Rev. 04 — 30 October 2008
Product data sheet
Table 1.
Ordering information
All types operate from
−40 °C to +125 °C.
Type number
Package
Name
Description
Version
HEF4094BP
DIP16
plastic dual in-line package; 16-leads (300 mil)
SOT38-4
HEF4094BT
SO16
plastic small outline package; 16 leads; body width 3.9 mm
SOT109-1
HEF4094BTS
SSOP16
plastic shrink small outline package; 16 leads; body width 5.3 mm
SOT338-1


Similar Part No. - HEF4094BTS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4094BTS NXP-HEF4094BTS Datasheet
169Kb / 19P
   8-stage shift-and-store register
Rev. 08-2 April 2010
HEF4094BTS NXP-HEF4094BTS Datasheet
204Kb / 20P
   8-stage shift-and-store register Rev. 11 ??29 August 2013
Rev. 11-29 August 2013
HEF4094BTS PHILIPS-HEF4094BTS Datasheet
204Kb / 20P
   8-stage shift-and-store register
Rev. 11-29 August 2013
More results

Similar Description - HEF4094BTS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC4094-Q100 NEXPERIA-74HC4094-Q100 Datasheet
288Kb / 19P
   8-stage shift-and-store bus register
logo
NXP Semiconductors
HEF4094B PHILIPS-HEF4094B Datasheet
81Kb / 7P
   8-stage shift-and-store bus register
January 1995
74HC4094D NXP-74HC4094D Datasheet
203Kb / 23P
   8-stage shift-and-store bus register
Rev. 6-31 December 2012
74HC4094 PHILIPS-74HC4094 Datasheet
72Kb / 10P
   8-stage shift-and-store bus register
December 1990
logo
Nexperia B.V. All right...
74LV4094 NEXPERIA-74LV4094 Datasheet
282Kb / 17P
   8-stage shift-and-store bus register
Rev. 8 - 18 March 2021
logo
STMicroelectronics
HCC4094B STMICROELECTRONICS-HCC4094B Datasheet
318Kb / 14P
   8-STAGE SHIFT-AND-STORE BUS REGISTER
logo
Toshiba Semiconductor
TC4094BP TOSHIBA-TC4094BP_07 Datasheet
641Kb / 13P
   8-Stage Shift-and-Store Bus-Register
logo
Nexperia B.V. All right...
74HCT4094-Q100 NEXPERIA-74HCT4094-Q100 Datasheet
284Kb / 18P
   8-stage shift-and-store bus register
Rev. 3 - 22 October 2021
74HCT4094 NEXPERIA-74HCT4094 Datasheet
300Kb / 19P
   8-stage shift-and-store bus register
Rev. 9 - 22 October 2021
logo
NXP Semiconductors
74LV4094 PHILIPS-74LV4094 Datasheet
105Kb / 14P
   8-stage shift-and-store bus register
1998 Jun 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com