Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GI352.B21A036 Datasheet(PDF) 1 Page - Baumer IVO GmbH & Co. KG

Part # GI352.B21A036
Description  Incremental encoders
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GI352.B21A036 Datasheet(HTML) 1 Page - Baumer IVO GmbH & Co. KG

  GI352.B21A036 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GI352.B21A036 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG GI352.B21A036 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG GI352.B21A036 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.baumerivo.com
Incremental encoders
1
www.baumerivo.com
www.baumerivo.com
GI352 with square flange
Features
Encoder with inch dimensions
Resolution max. 6000 ppr
Optical sensing
Shaft ø9.52 mm
Square flange 63.5 x 63.5 mm
MIL connector 7-pin and 10-pin
High rotation speed max.10000 rpm
High resistance to shock and vibrations
Technical data - electrical ratings
Voltage supply
5 VDC ±10 %
4.75...30 VDC
Reverse polarity protection Yes (4.75...30 VDC)
Consumption w/o load
≤30 mA (24 VDC)
≤60 mA (5 VDC)
Resolution (steps/turn)
5...6000
Reference signal
Zero pulse, width 90°
Sensing method
Optical
Output frequency
≤150 kHz
Output signals
A 90° B, N + inverted
Output circuit
Linedriver RS422
Push-pull short-circuit proof
Interference immunity
DIN EN 61000-6-2
Emitted interference
DIN EN 61000-6-4
Approval
UL approval / E63076
GI352
Technical data - mechanical design
Housing
ø58 mm
Shaft
ø9.52 mm
Flange
Clamping flange square
63.5 x 63.5 mm
Protection DIN EN 60529 IP 54 without shaft seal
IP 65 with shaft seal
Operating speed
≤10000 rpm
Starting torque
≤0.015 Nm IP 54
≤0.03 Nm IP 65
Rotor moment of inertia
14.5 gcm²
Admitted shaft load
≤20 N axial
≤40 N radial
Materials
Housing: aluminium
Flange: aluminium
Operating temperature
-25...+100 °C (5 VDC)
-25...+85 °C (24 VDC)
Relative humidity
95 % non-condensing
Resistance
DIN EN 60068-2-6
Vibration 10 g, 16-2000 Hz
DIN EN 60068-2-27
Shock 200 g, 6 ms
Weight approx.
280 g
E-connection
Connector
Shaft and flange in inch dimensions
Resolution 5...6000 pulses


Similar Part No. - GI352.B21A036

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
GI355 IVO-GI355 Datasheet
592Kb / 4P
   Incremental encoders
GI355.0224106 IVO-GI355.0224106 Datasheet
592Kb / 4P
   Incremental encoders
GI355.0224109 IVO-GI355.0224109 Datasheet
592Kb / 4P
   Incremental encoders
GI355.0224136 IVO-GI355.0224136 Datasheet
592Kb / 4P
   Incremental encoders
GI355.0224139 IVO-GI355.0224139 Datasheet
592Kb / 4P
   Incremental encoders
More results

Similar Description - GI352.B21A036

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
G1I0H IVO-G1I0H Datasheet
566Kb / 4P
   Incremental encoders
GI320 IVO-GI320 Datasheet
323Kb / 2P
   Incremental encoders
GI341 IVO-GI341 Datasheet
576Kb / 4P
   Incremental encoders
X700.I113249 IVO-X700.I113249 Datasheet
415Kb / 2P
   Incremental encoders
GE355 IVO-GE355 Datasheet
526Kb / 4P
   Incremental encoders
GI321 IVO-GI321 Datasheet
366Kb / 2P
   Incremental encoders
logo
List of Unclassifed Man...
P4111-AQ120 ETC1-P4111-AQ120 Datasheet
31Kb / 2P
   Incremental Encoders
logo
Baumer IVO GmbH & Co. K...
GE333 IVO-GE333 Datasheet
537Kb / 4P
   Incremental encoders
GI331 IVO-GI331 Datasheet
592Kb / 4P
   Incremental encoders
GI328 IVO-GI328 Datasheet
423Kb / 2P
   Incremental encoders
GI338 IVO-GI338 Datasheet
474Kb / 2P
   Incremental encoders
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com