Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GXA1W Datasheet(PDF) 3 Page - Baumer IVO GmbH & Co. KG

Part # GXA1W
Description  Absolute encoders - parallel
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GXA1W Datasheet(HTML) 3 Page - Baumer IVO GmbH & Co. KG

  GXA1W Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GXA1W Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG GXA1W Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG GXA1W Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.baumerivo.com
Absolute encoders - parallel
3
www.baumerivo.com
www.baumerivo.com
Connector Core colour
Assignment 01 Assignment 02
Pin 1
violet
Output D0
Output D0
Pin 2
white/brown Output D1
Output D1
Pin 3
white/green
Output D2
Output D2
Pin 4
white/yellow Output D3
Output D3
Pin 5
white/grey
Output D4
Output D4
Pin 6
white/pink
Output D5
Output D5
Pin 7
white/blue
Output D6
Output D6
Pin 8
white/red
Output D7
Output D7
Pin 9
white/black
Output D8
Output D8
Pin 10
green/brown Output D9
Output D8
Pin 11
green/grey
Output D10
N.C.
Pin 12
blue
GND
GND
Pin 13
yellow
ENABLE
ENABLE
Pin 14
brown
UP/DOWN
UP/DOWN
Pin 15
red
UB
UB
Pin 16
pink
Output D11
STORE
1
2
3
4
5
6
7
8
9
10
12
11
15
13
14
16
UB
Encoder voltage supply.
GND
Encoder ground connection relating to UB.
Outputs
Up to 12 parallel output signals.
D0-D11
UP/DOWN
UP/DOWN counting direction input.
This input is standard on High. UP/DOWN
means ascending output data with clock-
wise shaft rotation when looking at flange.
UP/DOWN-Low means ascending values
with counterclockwise shaft rotation when
looking at flange.
ENABLE
Input for activating the output drivers that
are triggered by input level Low. Upon
being on High (or less potential) the output
drivers switch to high-impedance (Tristate).
STORE
Input for output data storage. Upon a Low
input level the encoder data are stored in
the intermediate memory. Upon being on
High (or less potential) the current encoder
position data are switched to the output
drivers. This line must be applied for
reliable data readout in binary code.
Terminal significance
Terminal assignment
GXA1W - parallel
Shaft with clamping or synchro flange
Singleturn encoder, capped gray code
Control inputs
Input circuit
Input level High
>0.7 UB
Input level Low
<0.3 UB
Input resistance
10 kΩ
Parallel outputs
Output circuit
Push-pull circuit-proof
Output level High
>UB -3.5 V (I = -20 mA)
Output level Low
<0.5 V (I = 20 mA)
Load High
<-30 mA
Load Low
<30 mA
Tristate
<10 µA
Trigger level


Similar Part No. - GXA1W

ManufacturerPart #DatasheetDescription
logo
AIC tech Inc.
GXA AICTECH-GXA Datasheet
65Kb / 2P
   Useful of 8,000 hours at 105ºC
GXA2G102YC075PH AICTECH-GXA2G102YC075PH Datasheet
65Kb / 2P
   Useful of 8,000 hours at 105ºC
GXA2G103YF196PH AICTECH-GXA2G103YF196PH Datasheet
65Kb / 2P
   Useful of 8,000 hours at 105ºC
GXA2G122YC096PH AICTECH-GXA2G122YC096PH Datasheet
65Kb / 2P
   Useful of 8,000 hours at 105ºC
GXA2G123YF236PH AICTECH-GXA2G123YF236PH Datasheet
65Kb / 2P
   Useful of 8,000 hours at 105ºC
More results

Similar Description - GXA1W

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
GXN1W IVO-GXN1W Datasheet
594Kb / 4P
   Absolute encoders - parallel
GXP1H IVO-GXP1H Datasheet
573Kb / 4P
   Absolute encoders - parallel
GXN1H IVO-GXN1H Datasheet
570Kb / 4P
   Absolute encoders - parallel
RXA1H IVO-RXA1H Datasheet
569Kb / 4P
   Absolute encoders - parallel
GXP1W IVO-GXP1W Datasheet
594Kb / 4P
   Absolute encoders - parallel
GA210 IVO-GA210 Datasheet
591Kb / 4P
   Absolute encoders - parallel
GA240.010C002 IVO-GA240.010C002 Datasheet
594Kb / 4P
   Absolute encoders - parallel
X700-SSI IVO-X700-SSI Datasheet
568Kb / 4P
   Absolute encoders - SSI
G1S2B IVO-G1S2B Datasheet
637Kb / 4P
   Absolute encoders - SSI
GXP2W IVO-GXP2W Datasheet
666Kb / 4P
   Absolute encoders - SSI
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com