Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATR0885-PFQW Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATR0885-PFQW
Description  3-output Laser Driver for HD-DVD/ Blu-ray/DVD/ CD-ROM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0885-PFQW Datasheet(HTML) 5 Page - ATMEL Corporation

  ATR0885-PFQW Datasheet HTML 1Page - ATMEL Corporation ATR0885-PFQW Datasheet HTML 2Page - ATMEL Corporation ATR0885-PFQW Datasheet HTML 3Page - ATMEL Corporation ATR0885-PFQW Datasheet HTML 4Page - ATMEL Corporation ATR0885-PFQW Datasheet HTML 5Page - ATMEL Corporation ATR0885-PFQW Datasheet HTML 6Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
4923CS–DVD–02/08
ATR0885 [Preliminary]
7.
Package Information
8.
Revision History
6.
Ordering Information
Extended Type Number
Package
Remarks
ATR0885-PFQW
Green QFN24 (4 mm
× 4 mm)
Taped and reeled
Package: QFN 24 - 4 x 4
Exposed pad 2.6 x 2.6
(acc. JEDEC OUTLINE No. MO - 220)
Dimensions in mm
specifications
according to DIN
technical drawings
0.9±0.1
0.05-0.05
0.5 nom.
4
7
12
18
24
13
1
6
1
6
24
19
+0
Not indicated tolerances ±0.05
Issue: 1; 03.06.05
Drawing-No.: 6.543-5101.02-4
2.6
2.5
Please note that the following page numbers referred to in this section refer to the specific revision
mentioned, not to this document.
Revision No.
History
4923CC-DVD-02/08
• Put datasheet in a new template
• Pin Description table (page 3): Function of Pin 2 and 3 changed


Similar Part No. - ATR0885-PFQW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR0881 ATMEL-ATR0881 Datasheet
160Kb / 6P
   3-output Laser Driver with 5 Channels and Serial Interface
ATR0881-PTQW ATMEL-ATR0881-PTQW Datasheet
160Kb / 6P
   3-output Laser Driver with 5 Channels and Serial Interface
More results

Similar Description - ATR0885-PFQW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR1841 ATMEL-ATR1841 Datasheet
160Kb / 8P
   Front Monitor Diode for Blu-ray/HD-DVD/DVD/CD with TWI
ATR1842 ATMEL-ATR1842 Datasheet
157Kb / 8P
   Front Monitor Diode for Blu-ray/HD-DVD/ DVD/CD with Serial Interface
logo
Rohm
BA5973FP ROHM-BA5973FP Datasheet
137Kb / 7P
   3-channel BTL driver for CD, CD-ROM, DVD, and DVD-ROM
BD7956FS ROHM-BD7956FS Datasheet
246Kb / 5P
   7ch Power Driver for CD-ROM, DVD-ROM
BD7904FS ROHM-BD7904FS Datasheet
202Kb / 18P
   5ch Power Driver for CD-ROM, DVD-ROM
BD7903FS ROHM-BD7903FS Datasheet
199Kb / 16P
   5CH Power Driver for CD-ROM, DVD-ROM
BD7902CFS ROHM-BD7902CFS Datasheet
200Kb / 18P
   6CH Power Driver for CD-ROM, DVD-ROM
logo
List of Unclassifed Man...
AMC5902 ETC1-AMC5902 Datasheet
272Kb / 14P
   6CH Motor Driver for CD-ROM, DVD-ROM
logo
Rohm
BD7996EFV ROHM-BD7996EFV Datasheet
171Kb / 5P
   7ch Power Driver for CD-ROM, DVD-ROM
BD7998EFS ROHM-BD7998EFS Datasheet
171Kb / 5P
   6ch Power Driver for CD-ROM, DVD-ROM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com