Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GXMMW.B503VA2 Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

Part # GXMMW.B503VA2
Description  Absolute encoders - modular bus covers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GXMMW.B503VA2 Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  GXMMW.B503VA2 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GXMMW.B503VA2 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG GXMMW.B503VA2 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG GXMMW.B503VA2 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.baumerivo.com
www.baumerivo.com
Absolute encoders - modular bus covers
www.baumerivo.com
2
GXMMW + incremental - multivo
Part number
GXMMW.
Interface
3P32
Profibus-DPV0 / cable gland
3PA2
Profibus-DPV0 / connector
M12
3V32
Profibus-DPV2 / cable gland
3VA2
Profibus-DPV2 / connector
M12
EPA2 EtherCAT / connector M12
5P32
CANopen / cable gland
5PA2
CANopen / connector M12
8P22
DeviceNet / cable gland
8PA2
DeviceNet / connector M12
LM32 Fiber-optic / cable gland
2PA2
SSI / connector M12
Pulses / Incremental output
50 2048 pulses / push-pull +inverted
F0 2048 pulses / RS422
Flange / Shaft
0 Clamping flange / ø10 mm IP 54
A Clamping flange / ø10 mm IP 65
1 Synchro flange / ø6 mm IP 54
B Synchro flange / ø6 mm IP 65
multivo: optical sensing, shaft
Multiturn encoder 13 bit ST / 16 bit MT, incremental tracks
CANopen / DeviceNet / EtherCAT / Profibus / SSI / fibre-optic
Accessories
Connectors and cables
Z 119.034
Connector for data cable fibre-optic
Mounting accessories
Z 119.006
Eccentric fixing, single
Z 119.013
Adaptor plate for clamping flange for
modification into synchro flange
Z 119.015
Mounting adaptor for synchro flange
Z 119.017
Mounting angle for clamping flange
Z 119.035
Bearing flange for encoders with synchro
flange
Programming accessories
Z 150.022
CD with describing files & manuals
Z 139.008
Programming cable for encoders with SSI bus
cover, CD with software and manual
Incremental connector
Connector
Assignment
Pin 1
A
Pin 2
B
Pin 3
A inv.
Pin 4
B inv.
Pin 5
GND
1
2
3
4
5
Terminal assignment


Similar Part No. - GXMMW.B503VA2

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
GXMMW.B202PA2 IVO-GXMMW.B202PA2 Datasheet
686Kb / 4P
   Absolute encoders - modular bus covers
GXMMW.B203P32 IVO-GXMMW.B203P32 Datasheet
686Kb / 4P
   Absolute encoders - modular bus covers
GXMMW.B203PA2 IVO-GXMMW.B203PA2 Datasheet
686Kb / 4P
   Absolute encoders - modular bus covers
GXMMW.B203V32 IVO-GXMMW.B203V32 Datasheet
686Kb / 4P
   Absolute encoders - modular bus covers
GXMMW.B203VA2 IVO-GXMMW.B203VA2 Datasheet
686Kb / 4P
   Absolute encoders - modular bus covers
More results

Similar Description - GXMMW.B503VA2

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
GXAMW IVO-GXAMW Datasheet
686Kb / 4P
   Absolute encoders - modular bus covers
G1MMH IVO-G1MMH Datasheet
512Kb / 4P
   Absolute encoders - modular bus covers
GEMMW IVO-GEMMW Datasheet
384Kb / 2P
   Absolute encoders - modular bus covers
GXMMS IVO-GXMMS Datasheet
716Kb / 4P
   Absolute encoders - modular bus covers
GBAMS IVO-GBAMS Datasheet
667Kb / 4P
   Absolute encoders - modular bus covers
GBAMW IVO-GBAMW Datasheet
686Kb / 4P
   Absolute encoders - modular bus covers
G0AMH IVO-G0AMH Datasheet
512Kb / 4P
   Absolute encoders - modular bus covers
GCMMW IVO-GCMMW Datasheet
683Kb / 4P
   Absolute encoders - modular bus covers
GEMMH IVO-GEMMH Datasheet
494Kb / 4P
   Absolute encoders - modular bus covers
GCMMS IVO-GCMMS Datasheet
664Kb / 4P
   Absolute encoders - modular bus covers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com