Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATR0622-DK1 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATR0622-DK1
Description  GPS Baseband Processor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0622-DK1 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATR0622-DK1 Datasheet HTML 1Page - ATMEL Corporation ATR0622-DK1 Datasheet HTML 2Page - ATMEL Corporation ATR0622-DK1 Datasheet HTML 3Page - ATMEL Corporation ATR0622-DK1 Datasheet HTML 4Page - ATMEL Corporation ATR0622-DK1 Datasheet HTML 5Page - ATMEL Corporation ATR0622-DK1 Datasheet HTML 6Page - ATMEL Corporation ATR0622-DK1 Datasheet HTML 7Page - ATMEL Corporation ATR0622-DK1 Datasheet HTML 8Page - ATMEL Corporation ATR0622-DK1 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
NOTE: This is a summary document.
The complete document is available.
For more information, please contact
your local Atmel sales office.
Features
16-channel GPS Correlator
– 8192 Search Bins with GPS Acquisition Accelerator
– Accuracy: 2.5m CEP (Stand-Alone, S/A off)
– Time to First Fix: 34s (Cold Start)
– Acquisition Sensitivity: –140 dBm
– Tracking Sensitivity: –150 dBm
Utilizes the ARM7TDMI® ARM® Thumb® Processor Core
– High-performance 32-bit RISC Architecture
– High-density 16-bit Instruction Set
– EmbeddedICE(In-circuit Emulator)
128 Kbyte Internal RAM
384 Kbyte Internal ROM, Firmware Version V5.0
Position Technology Provided by u-blox
6-channel Peripheral Data Controller (PDC)
8-level Priority, Individually Maskable, Vectored Interrupt Controller
– 2 External Interrupts
24 User-programmable I/O Lines
1 USB Device Port
– Universal Serial Bus (USB) V2.0 Full-speed Device
– Embedded USB V2.0 Full-speed Transceiver
– Suspend/Resume Logic
– Ping-pong Mode for Isochronous and Bulk Endpoints
2 USARTs
– 2 Dedicated Peripheral Data Controller (PDC) Channels per USART
Master/Slave SPI Interface
– 2 Dedicated Peripheral Data Controller (PDC) Channels
– 8-bit to 16-bit Programmable Data Length
– 4 External Slave Chip Selects
Programmable Watchdog Timer
Advanced Power Management Controller (APMC)
– Peripherals Can Be Deactivated Individually
– Geared Master Clock to Reduce Power Consumption
– Sleep State with Disabled Master Clock
– Hibernate State with 32.768 kHz Master Clock
Real Time Clock (RTC)
2.3V to 3.6V or 1.8V Core Supply Voltage
Includes Power Supervisor
1.8V to 3.3V User-definable I/O Voltage for Several GPIOs with 5V Tolerance
4 Kbytes Battery Backup Memory
8 mm
× 8 mm 56 Pin QFN56 Package
RoHS-compliant, Green
GPS Baseband
Processor
ATR0622P1
Automotive
Summary
4973AS–GPS–12/07


Similar Part No. - ATR0622-DK1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR0622-DK1 ATMEL-ATR0622-DK1 Datasheet
346Kb / 14P
   GPS Baseband Processor
ATR0622-DK1 ATMEL-ATR0622-DK1 Datasheet
504Kb / 27P
   GPS Baseband Processor
ATR0622-DK1 ATMEL-ATR0622-DK1 Datasheet
604Kb / 31P
   GPS Baseband GPS Baseband
More results

Similar Description - ATR0622-DK1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR0621P1 ATMEL-ATR0621P1 Datasheet
346Kb / 14P
   GPS Baseband Processor
ATR0622 ATMEL-ATR0622 Datasheet
410Kb / 26P
   GPS Baseband Processor
ATR0620 ATMEL-ATR0620 Datasheet
365Kb / 15P
   GPS BASEBAND PROCESSOR
ATR0621 ATMEL-ATR0621 Datasheet
396Kb / 20P
   GPS Baseband Processor
ATR0622P ATMEL-ATR0622P_08 Datasheet
504Kb / 27P
   GPS Baseband Processor
ATR0625 ATMEL-ATR0625 Datasheet
335Kb / 26P
   GPS Baseband Processor SuperSense
logo
Zarlink Semiconductor I...
GP4020 ZARLINK-GP4020 Datasheet
207Kb / 17P
   GPS Receiver Baseband Processor
logo
ATMEL Corporation
ATR0625P1 ATMEL-ATR0625P1 Datasheet
262Kb / 12P
   GPS Baseband Processor SuperSense
ATR0625P ATMEL-ATR0625P Datasheet
497Kb / 27P
   GPS Baseband Processor SuperSense
logo
List of Unclassifed Man...
PL-6313 ETC1-PL-6313 Datasheet
314Kb / 2P
   Single-Chip GPS Baseband Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com