Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSS5160K Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PBSS5160K
Description  60 V, 1 A PNP low VCEsat (BISS) transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBSS5160K Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PBSS5160K Datasheet HTML 6Page - NXP Semiconductors PBSS5160K Datasheet HTML 7Page - NXP Semiconductors PBSS5160K Datasheet HTML 8Page - NXP Semiconductors PBSS5160K Datasheet HTML 9Page - NXP Semiconductors PBSS5160K Datasheet HTML 10Page - NXP Semiconductors PBSS5160K Datasheet HTML 11Page - NXP Semiconductors PBSS5160K Datasheet HTML 12Page - NXP Semiconductors PBSS5160K Datasheet HTML 13Page - NXP Semiconductors PBSS5160K Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
PBSS5160K_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 6 October 2008
10 of 14
NXP Semiconductors
PBSS5160K
60 V, 1 A PNP low VCEsat (BISS) transistor
9.
Package outline
10. Packing information
[1]
For further information and the availability of packing methods, see Section 14.
Fig 15. Package outline SOT346 (SC-59A)
04-11-11
Dimensions in mm
3.0
2.5
1.7
1.3
0.26
0.10
12
3
1.9
0.50
0.35
1.3
1.0
3.1
2.7
0.6
0.2
Table 8.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
10000
PBSS5160K
SOT346
4 mm pitch, 8 mm tape and reel
-115
-135


Similar Part No. - PBSS5160K

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5160K PHILIPS-PBSS5160K Datasheet
125Kb / 14P
   60 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 02-30 June 2005
More results

Similar Description - PBSS5160K

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS5160QA NEXPERIA-PBSS5160QA Datasheet
743Kb / 17P
   60 V, 1 A PNP low VCEsat (BISS) transistor
23 August 2013
PBSS5160T NEXPERIA-PBSS5160T Datasheet
696Kb / 11P
   60 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 04 - 15 January 2010
logo
NXP Semiconductors
PBSS5160K PHILIPS-PBSS5160K Datasheet
125Kb / 14P
   60 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 02-30 June 2005
logo
Nexperia B.V. All right...
PBSS5160U NEXPERIA-PBSS5160U Datasheet
247Kb / 15P
   60 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 04 - 2 October 2008
logo
NXP Semiconductors
PBSS5160DS PHILIPS-PBSS5160DS Datasheet
143Kb / 14P
   60 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 02-28 June 2005
PBSS5160V NXP-PBSS5160V Datasheet
153Kb / 14P
   60 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 03-14 December 2009
PBSS5160U NXP-PBSS5160U Datasheet
133Kb / 14P
   60 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 04-2 October 2008
PBSS5160U PHILIPS-PBSS5160U_15 Datasheet
134Kb / 14P
   60 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 04-2 October 2008
PBSS5160QA NXP-PBSS5160QA Datasheet
264Kb / 17P
   60 V, 1 A PNP low VCEsat (BISS) transistor
23 August 2013
PBSS5160T PHILIPS-PBSS5160T_15 Datasheet
154Kb / 11P
   60 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 04-15 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com