Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GXA2S.192A104 Datasheet(PDF) 1 Page - Baumer IVO GmbH & Co. KG

Part # GXA2S.192A104
Description  Absolute encoders - SSI
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GXA2S.192A104 Datasheet(HTML) 1 Page - Baumer IVO GmbH & Co. KG

  GXA2S.192A104 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GXA2S.192A104 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG GXA2S.192A104 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG GXA2S.192A104 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.baumerivo.com
Absolute encoders - SSI
1
www.baumerivo.com
www.baumerivo.com
GXA2S with end shaft
Features
Encoder singleturn / SSI
Optical sensing
Resolution: 14 bit
End shaft ø12 mm / ø14 mm
Electronic setting of zero point
Permanent check of code continuity
Counting direction input
For high positive and negative acceleration
Available with additional incremental output
Technical data - electrical ratings
Voltage supply
10...30 VDC
Reverse polarity protection Yes
Consumption w/o load
≤50 mA (24 VDC)
Initializing time (typ.)
20 ms after power on
Interfaces
SSI, Incremental A 90° B
(optional)
Steps per turn
16384 / 14 bit
Incremental output
2048 pulses A90°B
+ inverted
Absolute accuracy
±0.025°
Sensing method
Optical
Code
Gray or binary
Code sequence
CW/CCW coded by connection
Inputs
SSI clock
Control signals UP/DOWN and
zero
Output circuit
SSI data linedriver RS485
Diagnostic and incremental
outputs
Interference immunity
DIN EN 61000-6-2
Emitted interference
DIN EN 61000-6-4
Diagnostic functions
Self-diagnosis
Code continuity check
Approval
UL approval / E63076
GXA2S - SSI
Technical data - mechanical design
Housing
ø58 mm
Shaft
ø12 mm end shaft
ø14 mm end shaft
Protection DIN EN 60529 IP 54
Operating speed
≤6000 rpm (mechanical)
≤6000 rpm (electric)
Starting torque
≤0.015 Nm IP 54
Rotor moment of inertia
20 gcm²
Materials
Housing: steel
Flange: aluminium
Operating temperature
-25...+85 °C
-40...+85 °C (optional)
Relative humidity
95 % non-condensing
Resistance
DIN EN 60068-2-6
Vibration 10 g, 16-2000 Hz
DIN EN 60068-2-27
Shock 100 g, 6 ms
Weight approx.
250 g
E-connection
Connector, 12-pin
End shaft max. ø14 mm
Optical singleturn encoder 14 bit


Similar Part No. - GXA2S.192A104

ManufacturerPart #DatasheetDescription
logo
AIC tech Inc.
GXA2G102YC075PH AICTECH-GXA2G102YC075PH Datasheet
65Kb / 2P
   Useful of 8,000 hours at 105ºC
GXA2G103YF196PH AICTECH-GXA2G103YF196PH Datasheet
65Kb / 2P
   Useful of 8,000 hours at 105ºC
GXA2G122YC096PH AICTECH-GXA2G122YC096PH Datasheet
65Kb / 2P
   Useful of 8,000 hours at 105ºC
GXA2G123YF236PH AICTECH-GXA2G123YF236PH Datasheet
65Kb / 2P
   Useful of 8,000 hours at 105ºC
GXA2G152YC115PH AICTECH-GXA2G152YC115PH Datasheet
65Kb / 2P
   Useful of 8,000 hours at 105ºC
More results

Similar Description - GXA2S.192A104

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
G1M2H IVO-G1M2H Datasheet
630Kb / 4P
   Absolute encoders - SSI
GE400 IVO-GE400 Datasheet
592Kb / 4P
   Absolute encoders - SSI
GCM2S IVO-GCM2S Datasheet
605Kb / 4P
   Absolute encoders - SSI
GXM2S IVO-GXM2S Datasheet
655Kb / 4P
   Absolute encoders - SSI
G0M2H IVO-G0M2H Datasheet
597Kb / 4P
   Absolute encoders - SSI
GCM2W IVO-GCM2W Datasheet
641Kb / 4P
   Absolute encoders - SSI
X700-SSI IVO-X700-SSI Datasheet
568Kb / 4P
   Absolute encoders - SSI
G1S2B IVO-G1S2B Datasheet
637Kb / 4P
   Absolute encoders - SSI
GXP2W IVO-GXP2W Datasheet
666Kb / 4P
   Absolute encoders - SSI
GM400 IVO-GM400 Datasheet
774Kb / 6P
   Absolute encoders - SSI
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com