Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65EL11DGK Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65EL11DGK
Description  5-V PECL/ECL 1:2 Fanout Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65EL11DGK Datasheet(HTML) 3 Page - Texas Instruments

  SN65EL11DGK Datasheet HTML 1Page - Texas Instruments SN65EL11DGK Datasheet HTML 2Page - Texas Instruments SN65EL11DGK Datasheet HTML 3Page - Texas Instruments SN65EL11DGK Datasheet HTML 4Page - Texas Instruments SN65EL11DGK Datasheet HTML 5Page - Texas Instruments SN65EL11DGK Datasheet HTML 6Page - Texas Instruments SN65EL11DGK Datasheet HTML 7Page - Texas Instruments SN65EL11DGK Datasheet HTML 8Page - Texas Instruments SN65EL11DGK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PECL DC CHARACTERISTICS
(1) (V
CC = 5 V; VEE = 0 V)
(2)
NECL DC CHARACTERISTICS
(1) (V
CC = 0 V; VEE = 5 V)
(2)
SN65EL11
www.ti.com............................................................................................................................................................................................ SLLS920 – DECEMBER 2008
–40°C
25°C
85°C
PARAMETER
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
ICC
Power-supply current
18
26
21
26
23
26
mA
VOH
Output HIGH voltage(3)
3915
4120
3915
4000
4120
3915
4120
mV
VOL
Output LOW voltage(3)
3170
3380
3170
3288
3380
3170
3380
mV
VIH
Input HIGH voltage (single-ended)
3835
4120
3835
4120
3835
4120
mV
VIL
Input LOW voltage (single-ended)
3190
3525
3190
3525
3190
3525
mV
Input HIGH voltage, common-mode
VIHCMR
2.5
4.6
2.5
4.6
2.5
4.6
V
range (differential)(4)
IIH
Input HIGH current
150
150
150
µA
IIL
Input LOW current
0.5
0.5
0.5
µA
(1)
The device meets these specifications after thermal equilibrium has been established when mounted in a test socket or printed-circuit
board with maintained transverse airflow greater than 500 lfpm (2.54 m/s). Electrical parameters are assured only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
(2)
Input and output parameters vary 1:1 with VCC. VEE can vary +0.25 V / –0.5 V.
(3)
Outputs are terminated through a 50-
Ω resistor to VCC – 2 V.
(4)
VIHCMR min varies 1:1 with VEE; VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the more-positive side of the
differential input signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies
between VPP min and 1 V.
PARAMETER
–40°C
25°C
85°C
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
IEE
Power-supply current
19
26
21
26
23
26
mA
VOH
Output HIGH voltage(3)
–1085
–880
–1025
–995
–880
–1025
–880
mV
VOL
Output LOW voltage(3)
–1830
–1620
–1810
–1712
–1620
–1810
–1620
mV
VIH
Input HIGH voltage (single-ended)
–1165
–880
–1165
–880
–1165
–880
mV
VIL
Input LOW voltage (single-ended)
–1810
–1475
–1810
–1475
–1810
–1475
mV
Input HIGH voltage, common-mode
VIHCMR
–2.5
–0.4
–2.5
–0.4
–2.5
–0.4
V
range (differential)(4)
IIH
Input HIGH current
150
150
150
µA
IIL
Input LOW current
0.5
0.5
0.5
µA
(1)
The device meets these specifications after thermal equilibrium has been established when mounted in a test socket or printed-circuit
board with maintained transverse airflow greater than 500 lfpm (2.54 m/s). Electrical parameters are assured only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
(2)
Input and output parameters vary 1:1 with VCC. VEE can vary +0.25 V / –0.5 V.
(3)
Outputs are terminated through a 50-
Ω resistor to VCC – 2 V.
(4)
VIHCMR min varies 1:1 with VEE; VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the more-positive side of the
differential input signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies
between VPP min and 1 V.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): SN65EL11


Similar Part No. - SN65EL11DGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65EL16 TI1-SN65EL16 Datasheet
599Kb / 13P
[Old version datasheet]   5-V ECL Differential Receiver
SN65EL16D TI1-SN65EL16D Datasheet
599Kb / 13P
[Old version datasheet]   5-V ECL Differential Receiver
SN65EL16DGK TI1-SN65EL16DGK Datasheet
599Kb / 13P
[Old version datasheet]   5-V ECL Differential Receiver
SN65EL16DGKR TI1-SN65EL16DGKR Datasheet
599Kb / 13P
[Old version datasheet]   5-V ECL Differential Receiver
SN65EL16DR TI1-SN65EL16DR Datasheet
599Kb / 13P
[Old version datasheet]   5-V ECL Differential Receiver
More results

Similar Description - SN65EL11DGK

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ10EL11 AZM-AZ10EL11 Datasheet
76Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
AZ10LVEL11 AZM-AZ10LVEL11 Datasheet
88Kb / 7P
   ECL/PECL 1:2 Differential Fanout Buffer
logo
List of Unclassifed Man...
AZ10EL11 ETC-AZ10EL11 Datasheet
137Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
logo
Arizona Microtek, Inc
AZ100LVEL11 AZM-AZ100LVEL11_12 Datasheet
476Kb / 8P
   PECL/ECL 1:2 Differential Fanout Buffer
logo
Texas Instruments
SN65LVEP11 TI-SN65LVEP11 Datasheet
273Kb / 10P
[Old version datasheet]   2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
SN65LVEP11 TI-SN65LVEP11_10 Datasheet
405Kb / 12P
[Old version datasheet]   2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
SN65LVEP11_101 TI-SN65LVEP11_101 Datasheet
454Kb / 13P
[Old version datasheet]   2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
SN65LVEL11 TI-SN65LVEL11 Datasheet
438Kb / 12P
[Old version datasheet]   3.3 V ECL 1:2 Fanout Buffer
SN65LVEL11_101 TI-SN65LVEL11_101 Datasheet
460Kb / 13P
[Old version datasheet]   3.3 V ECL 1:2 Fanout Buffer
SN65LVEL11 TI-SN65LVEL11_09 Datasheet
405Kb / 12P
[Old version datasheet]   3.3 V ECL 1:2 Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com