Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9518AD Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCA9518AD
Description  Expandable 5-channel I2C-bus hub
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9518AD Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA9518AD Datasheet HTML 2Page - NXP Semiconductors PCA9518AD Datasheet HTML 3Page - NXP Semiconductors PCA9518AD Datasheet HTML 4Page - NXP Semiconductors PCA9518AD Datasheet HTML 5Page - NXP Semiconductors PCA9518AD Datasheet HTML 6Page - NXP Semiconductors PCA9518AD Datasheet HTML 7Page - NXP Semiconductors PCA9518AD Datasheet HTML 8Page - NXP Semiconductors PCA9518AD Datasheet HTML 9Page - NXP Semiconductors PCA9518AD Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
PCA9518A_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 3 December 2008
6 of 23
NXP Semiconductors
PCA9518A
Expandable 5-channel I2C-bus hub
Standard-mode devices and multiple masters are possible. Please see application note
AN255, I2C/SMBus Repeaters, Hubs and Expanders for additional information on sizing
resistors.
7.
Application design-in information
A typical application is shown in Figure 5. In this example, the system master is running
on a 3.3 V I2C-bus while the slaves are connected to a 3.3 V or 5 V bus. All buses run at
100 kHz unless slave 3, slave 4 and slave 5 are isolated from the bus. Then the master
bus and slave 1, slave 2 and slave 6 can run at 400 kHz.
Any segment of the hub can talk to any other segment of the hub. Bus masters and slaves
can be located on any segment with 400 pF load allowed on each segment.
The PCA9518A is 5 V tolerant, so it does not require any additional circuitry to translate
between the different bus voltages.
When one port of the PCA9518A is pulled LOW by a device on the I2C-bus, a CMOS
hysteresis type input detects the falling edge and drives the EXPxxx1 line LOW, when the
EXPxxx1 voltage is less than 0.5VDD, the other ports are pulled down to the VOL of the
PCA9518A which is typically 0.5 V.


Similar Part No. - PCA9518AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9518A NXP-PCA9518A Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - PCA9518AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9518 NXP-PCA9518 Datasheet
121Kb / 21P
   Expandable 5-channel I2C-bus hub
Rev. 05-2 December 2008
PCA9518 PHILIPS-PCA9518 Datasheet
109Kb / 12P
   Expandable 5-channel I2C hub
2004 Sep 29
logo
Texas Instruments
PCA9518 TI-PCA9518 Datasheet
489Kb / 20P
[Old version datasheet]   EXPANDABLE FIVE-CHANNEL I2C HUB
logo
NXP Semiconductors
PCA9516A NXP-PCA9516A Datasheet
115Kb / 19P
   5-channel I2C-bus hub
Rev. 03-23 April 2009
PCA9516 PHILIPS-PCA9516 Datasheet
112Kb / 10P
   5-channel I2C hub
2002 May 13
PCA9516A PHILIPS-PCA9516A Datasheet
122Kb / 13P
   5-channel I2C hub
2004 Sep 29
logo
Mallory performance clu...
7740 MALLORY-7740 Datasheet
160Kb / 2P
   CAN-Bus Hub
logo
NXP Semiconductors
PCA9540B NXP-PCA9540B Datasheet
128Kb / 22P
   2-channel I2C-bus multiplexer
Rev. 04-3 September 2009
logo
Pericom Semiconductor C...
PI4MSD5V9545B PERICOM-PI4MSD5V9545B Datasheet
542Kb / 13P
   4 Channel I2C bus Switch
PI4MSD5V9544A PERICOM-PI4MSD5V9544A Datasheet
513Kb / 12P
   4 Channel I2C bus Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com