Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT88SC6416C-PU Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT88SC6416C-PU
Description  CryptoMemory 64 Kbit
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC6416C-PU Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT88SC6416C-PU Datasheet HTML 6Page - ATMEL Corporation AT88SC6416C-PU Datasheet HTML 7Page - ATMEL Corporation AT88SC6416C-PU Datasheet HTML 8Page - ATMEL Corporation AT88SC6416C-PU Datasheet HTML 9Page - ATMEL Corporation AT88SC6416C-PU Datasheet HTML 10Page - ATMEL Corporation AT88SC6416C-PU Datasheet HTML 11Page - ATMEL Corporation AT88SC6416C-PU Datasheet HTML 12Page - ATMEL Corporation AT88SC6416C-PU Datasheet HTML 13Page - ATMEL Corporation AT88SC6416C-PU Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
5015HS–SMEM–11/08
AT88SC6416C
Figure 11. Synchronous 2-wire Protocol (Gemplus Patent)
Note:
Five clock pulses must be sent before the first command is issued.
Communication
Security Modes
Communications between the device and host operate in three basic modes. Standard mode is
the default mode for the device after power-up. Authentication mode is activated by a successful
authentication sequence. Encryption mode is activated by a successful encryption activation fol-
lowing a successful authentication.
Note:
1. Configuration data include viewable areas of the Configuration Zone except the passwords:
MDC: Modification Detection Code
MAC: Message Authentication Code.
Security
Options
Anti-tearing
In the event of a power loss during a write cycle, the integrity of the device’s stored data may be
recovered. This function is optional: the host may choose to activate the anti-tearing function,
depending on application requirements. When anti-tearing is active, write commands take longer
to execute, since more write cycles are required to complete them, and data are limited to eight
bytes.
Data are written first to a buffer zone in EEPROM instead of the intended destination address,
but with the same access conditions. The data are then written in the required location. If this
second write cycle is interrupted due to a power loss, the device will automatically recover the
data from the system buffer zone at the next power-up.
In 2-wire mode, the host is required to perform ACK polling for up to 8 ms after write commands
when anti-tearing is active. At power-up, the host is required to perform ACK polling, in some
cases for up to 2 ms, in the event that the device needs to carry out the data recovery process.
Write Lock
If a user zone is configured in the write lock mode, the lowest address byte of an 8-byte page
constitutes a write access byte for the bytes of that page.
Example: The write lock byte at $080 controls the bytes from $080 to $087.
Vcc
I/O-SDA
RST
CLK-SCL
1
2
3
45
Table 4. Communication Security Modes(1)
Mode
Configuration Data
User Data
Passwords
Data Integrity Check
Standard
Clear
Clear
Clear
MDC
Authentication
Clear
Clear
Encrypted
MAC
Encryption
Clear
Encrypted
Encrypted
MAC


Similar Part No. - AT88SC6416C-PU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC6416C-PU ATMEL-AT88SC6416C-PU Datasheet
191Kb / 20P
   CryptoMemory 64 Kbit
More results

Similar Description - AT88SC6416C-PU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC6416C ATMEL-AT88SC6416C Datasheet
195Kb / 14P
   CryptoMemory 64 Kbit
AT88SC6416C ATMEL-AT88SC6416C_09 Datasheet
191Kb / 20P
   CryptoMemory 64 Kbit
AT88SC0104C ATMEL-AT88SC0104C_07 Datasheet
423Kb / 18P
   CryptoMemory 1 Kbit
AT88SC25616C ATMEL-AT88SC25616C_08 Datasheet
438Kb / 18P
   CryptoMemory 256 Kbit
AT88SC0808C ATMEL-AT88SC0808C_09 Datasheet
192Kb / 20P
   CryptoMemory 8 Kbit
AT88SC3216C ATMEL-AT88SC3216C_09 Datasheet
208Kb / 21P
   CryptoMemory 32 Kbit
AT88SC0808C ATMEL-AT88SC0808C Datasheet
199Kb / 14P
   CryptoMemory 8 Kbit
AT88SC0104C ATMEL-AT88SC0104C Datasheet
345Kb / 17P
   CryptoMemory 1 Kbit
AT88SC0808C ATMEL-AT88SC0808C_07 Datasheet
409Kb / 18P
   CryptoMemory 8 Kbit
AT88SC12816C ATMEL-AT88SC12816C Datasheet
453Kb / 18P
   CryptoMemory 128 Kbit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com