Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF5030AIDG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # REF5030AIDG4
Description  Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF5030AIDG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button REF5030AIDG4 Datasheet HTML 7Page - Texas Instruments REF5030AIDG4 Datasheet HTML 8Page - Texas Instruments REF5030AIDG4 Datasheet HTML 9Page - Texas Instruments REF5030AIDG4 Datasheet HTML 10Page - Texas Instruments REF5030AIDG4 Datasheet HTML 11Page - Texas Instruments REF5030AIDG4 Datasheet HTML 12Page - Texas Instruments REF5030AIDG4 Datasheet HTML 13Page - Texas Instruments REF5030AIDG4 Datasheet HTML 14Page - Texas Instruments REF5030AIDG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
APPLICATION CIRCUITS
DATA ACQUISITION
NEGATIVE REFERENCE VOLTAGE
ADS8326
REF5040
REF
V
OUT
GND
+IN
-
IN
V
IN
+5V
OPA365
Input
Signal
0Vto4V
+5V
+5V
V
DD
GND
C
BYPASS
1 F
m
R
1
50W
C
1
1.2nF
C
2
22 F
m
-
2.5V
+2.5V
+5V
NOTE:Bypasscapacitorsnotshown.
R
1
10kW
R
2
10kW
-
5V
OPA735
+5V
DNC
TEMP
V
OUT
V
IN
GND
DNC
NC
TRIM/NR
REF5025
1 F
m
REF5010
,, REF5020
REF5025, REF5030
REF5040, REF5045, REF5050
www.ti.com.................................................................................................................................................. SBOS410C – JUNE 2007 – REVISED DECEMBER 2008
Data acquisition systems often require stable voltage
For applications requiring a negative and positive
references to maintain accuracy. The REF50xx family
reference voltage, the REF50xx and OPA735 can be
features low noise, very low drift, and high initial
used to provide a dual-supply reference from a 5V
accuracy
for
high-performance
data
converters.
supply. Figure 26 shows the REF5025 used to
Figure 27 shows the REF5040 in a basic data
provide a 2.5V supply reference voltage. The low drift
acquisition system.
performance of the REF50xx complements the low
offset voltage and zero drift of the OPA735 to provide
an accurate solution for split-supply applications.
Care must be taken to match the temperature
coefficients of R1 and R2.
Figure 27. Basic Data Acquisition System
Figure 26. The REF5025 and OPA735 Create
Positive and Negative Reference Voltages
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): REF5010 REF5020 REF5025 REF5030 REF5040 REF5045 REF5050


Similar Part No. - REF5030AIDG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF5030AIDG4 BURR-BROWN-REF5030AIDG4 Datasheet
468Kb / 16P
   Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5030AIDG4 BURR-BROWN-REF5030AIDG4 Datasheet
610Kb / 18P
   Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
logo
Texas Instruments
REF5030AIDG4 TI-REF5030AIDG4 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision OLTAGE REFERENCE
REF5030AIDG4 TI-REF5030AIDG4 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision OLTAGE REFERENCE
REF5030AIDG4 TI-REF5030AIDG4 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Noise, Very Low Drift Precision
More results

Similar Description - REF5030AIDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF5010 TI-REF5010_15 Datasheet
2Mb / 28P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision Voltage Reference
REF5010 TI-REF5010_13 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5020A-Q1 TI1-REF5020A-Q1 Datasheet
888Kb / 19P
[Old version datasheet]   LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5020-EP TI1-REF5020-EP Datasheet
1Mb / 29P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision Voltage Reference
REF5020-EP TI-REF5020-EP_1 Datasheet
541Kb / 18P
[Old version datasheet]   LOW-NOISE,VERY LOW DRIFT,PRECISION VOLTAGE REFERENCE
REF5050AQDRQ1 TI1-REF5050AQDRQ1 Datasheet
1Mb / 21P
[Old version datasheet]   LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5010 TI1-REF5010 Datasheet
3Mb / 38P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision Voltage Reference
REF5025-HT TI1-REF5025-HT Datasheet
446Kb / 16P
[Old version datasheet]   LOW NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5025-HT TI1-REF5025-HT_14 Datasheet
383Kb / 17P
[Old version datasheet]   LOW NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5020A-Q1 TI1-REF5020A-Q1_15 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com