Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9535C Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA9535C
Description  16-bit I2C-bus and SMBus, low power I/O port with interrupt
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9535C Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA9535C Datasheet HTML 7Page - NXP Semiconductors PCA9535C Datasheet HTML 8Page - NXP Semiconductors PCA9535C Datasheet HTML 9Page - NXP Semiconductors PCA9535C Datasheet HTML 10Page - NXP Semiconductors PCA9535C Datasheet HTML 11Page - NXP Semiconductors PCA9535C Datasheet HTML 12Page - NXP Semiconductors PCA9535C Datasheet HTML 13Page - NXP Semiconductors PCA9535C Datasheet HTML 14Page - NXP Semiconductors PCA9535C Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
PCA9535_PCA9535C_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 15 September 2008
11 of 31
NXP Semiconductors
PCA9535; PCA9535C
16-bit I2C-bus and SMBus, low power I/O port with interrupt
6.5.2 Reading the port registers
In order to read data from the PCA9535/PCA9535C, the bus master must first send the
PCA9535/PCA9535C address with the least significant bit set to a logic 0 (see Figure 6
“PCA9535; PCA9535C device address”). The command byte is sent after the address and
determines which register will be accessed. After a restart, the device address is sent
again, but this time the least significant bit is set to a logic 1. Data from the register
defined by the command byte will then be sent by the PCA9535/PCA9535C (see
Figure 10, Figure 11 and Figure 12). Data is clocked into the register on the falling edge of
the acknowledge clock pulse. After the first byte is read, additional bytes may be read but
the data will now reflect the information in the other register in the pair. For example, if you
read Input Port 1, then the next byte read would be Input Port 0. There is no limitation on
the number of data bytes received in one read transmission but the final byte received, the
bus master must not acknowledge the data.
Remark: Transfer can be stopped at any time by a STOP condition.
Fig 10. Read from register
A
S
START condition
R/W
acknowledge
from slave
002aac222
A
acknowledge
from slave
SDA
A
P
acknowledge
from master
DATA (first byte)
slave address
STOP
condition
S
(repeated)
START condition
(cont.)
(cont.)
1
0
0
A2 A1 A0
1
A
0
R/W
acknowledge
from slave
slave address
at this moment master-transmitter becomes master-receiver
and slave-receiver becomes slave-transmitter
NA
no acknowledge
from master
COMMAND BYTE
1
0
0
A2 A1 A0
0
0
data from lower or
upper byte of register
LSB
MSB
DATA (last byte)
data from upper or
lower byte of register
LSB
MSB


Similar Part No. - PCA9535C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9535C NXP-PCA9535C Datasheet
190Kb / 32P
   16-bit I2C-bus and SMBus, low power I/O port with interrupt
Rev. 03-4 October 2007
PCA9535C NXP-PCA9535C Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9535CD NXP-PCA9535CD Datasheet
190Kb / 32P
   16-bit I2C-bus and SMBus, low power I/O port with interrupt
Rev. 03-4 October 2007
PCA9535CHF NXP-PCA9535CHF Datasheet
190Kb / 32P
   16-bit I2C-bus and SMBus, low power I/O port with interrupt
Rev. 03-4 October 2007
PCA9535CPW NXP-PCA9535CPW Datasheet
190Kb / 32P
   16-bit I2C-bus and SMBus, low power I/O port with interrupt
Rev. 03-4 October 2007
More results

Similar Description - PCA9535C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9535 NXP-PCA9535 Datasheet
190Kb / 32P
   16-bit I2C-bus and SMBus, low power I/O port with interrupt
Rev. 03-4 October 2007
PCA9555 NXP-PCA9555_13 Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
logo
Pericom Semiconductor C...
PI4IOE5V9555 PERICOM-PI4IOE5V9555 Datasheet
127Kb / 1P
   16-bit I2C-bus and SMBus I/O port with interrupt
logo
NXP Semiconductors
PCA9555D-T NXP-PCA9555D-T Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
PCA9555 NXP-PCA9555 Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
PCA9535 PHILIPS-PCA9535 Datasheet
139Kb / 19P
   16-bit I2C and SMBus, low power I/O port with interrupt
2003 Jun 27
PCA9539 NXP-PCA9539 Datasheet
191Kb / 31P
   16-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-28 July 2008
logo
Catalyst Semiconductor
CAT9555 CATALYST-CAT9555 Datasheet
212Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
logo
NXP Semiconductors
PCA9555 PHILIPS-PCA9555 Datasheet
185Kb / 22P
   16-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
PCA9534 NXP-PCA9534 Datasheet
163Kb / 25P
   8-bit I2C-bus and SMBus low power I/O port with interrupt
Rev. 03-6 November 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com