Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91CAP7S450A Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT91CAP7S450A
Description  Customizable Microcontroller
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91CAP7S450A Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT91CAP7S450A Datasheet HTML 6Page - ATMEL Corporation AT91CAP7S450A Datasheet HTML 7Page - ATMEL Corporation AT91CAP7S450A Datasheet HTML 8Page - ATMEL Corporation AT91CAP7S450A Datasheet HTML 9Page - ATMEL Corporation AT91CAP7S450A Datasheet HTML 10Page - ATMEL Corporation AT91CAP7S450A Datasheet HTML 11Page - ATMEL Corporation AT91CAP7S450A Datasheet HTML 12Page - ATMEL Corporation AT91CAP7S450A Datasheet HTML 13Page - ATMEL Corporation AT91CAP7S450A Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
10
5119CS–CAP–10/08
AT91CAP7S450A/AT91CAP7S250A [Preliminary]
4.2
Mechanical Overview of the 225-ball LFBGA Package
Figure 4-1 shows the orientation of the 225-ball LFBGA Package. A detailed mechanical
description is given in the Mechanical Characteristics section of the product datasheet.
Figure 4-1.
225-ball LFBGA Pinout (Bottom View)
4.3
225-ball LFBGA Package Pinout
Warning: This package pinout is preliminary and is subject to change.
N
N
R
R
P
P
13
13
14
14
15
15
A
A
B
B
C
C
1
1
2
2
3
3
4
4
5
5
6
6
8
8
10
10
9
9
11
11
12
12
7
7
D
D
E
E
G
G
F
F
J
J
H
H
K
K
L
L
M
M
Table 4-2.
AT91CAP7 Pinout for 225-ball LFBGA Package
Pin
Signal Name
Pin
Signal Name
Pin
Signal Name
Pin
Signal Name
A1
MPIO81
D13
MPIO01
H10
VDDC
M7
PA22
A2
PA9
D14
MPIO75
H11
D5
M8
MPIO89/AD7
A3
PA8
D15
MPIO34
H12
PA3
M9
PA14
A4
MPIO45
E1
A3
H13
PA2
M10
MPIO70
A5
MPIO25
E2
A4
H14
A9
M11
GNDPLLA
A6
PA4
E3
MPIO80
H15
A10
M12
TDO
A7
MPIO13
E4
MPIO56
J1
D7
M13
TDI
A8
MPIO23
E5
BMS
J2
D6
M14
PA28
A9
MPIO20
E6
PA10
J3
MPIO31
M15
NWR0
A10
MPIO43
E7
NCS2
J4
D8
N1
MPIO61
A11
MPIO41
E8
MPIO09
J5
DDP
N2
MPIO64
A12
MPIO40
E9
MPIO08
J6
D2
N3
VDDBU
A13
MPIO03
E10
MPIO05
J7
GND
N4
XOUT32
A14
MPIO76
E11
MPIO39
J8
GND
N5
MPIO85/AD3
A15
A18
E12
MPIO00
J9
GND
N6
AVDD
B1
A6
E13
MPIO35
J10
A12
N7
PA20
B2
MPIO49
E14
MPIO32
J11
MPIO17
N8
PA13
B3
MPIO48
E15
SDA10
J12
PA0
N9
MPIO67
B4
MPIO46
F1
SDWE
J13
PA1
N10
NRD
B5
PA5
F2
A2
J14
MPIO19
N11
PLLRCA
B6
MPIO24
F3
MPIO55
J15
A8
N12
XIN
B7
MPIO15
F4
SDRAMCKE
K1
MPIO29
N13
VDDPLLA


Similar Part No. - AT91CAP7S450A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91CAP7S450A ATMEL-AT91CAP7S450A Datasheet
1Mb / 47P
   Customizable Microcontroller
AT91CAP7S450A ATMEL-AT91CAP7S450A Datasheet
10Mb / 517P
   Customizable Microcontroller
AT91CAP7S450A-CJ ATMEL-AT91CAP7S450A-CJ Datasheet
1Mb / 47P
   Customizable Microcontroller
AT91CAP7S450A-CJ ATMEL-AT91CAP7S450A-CJ Datasheet
10Mb / 517P
   Customizable Microcontroller
AT91CAP7S450A ATMEL-AT91CAP7S450A_09 Datasheet
1Mb / 47P
   Customizable Microcontroller
More results

Similar Description - AT91CAP7S450A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91CAP7S450A ATMEL-AT91CAP7S450A_09 Datasheet
1Mb / 47P
   Customizable Microcontroller
AT91CAP7E ATMEL-AT91CAP7E Datasheet
10Mb / 520P
   Customizable Microcontroller
AT91CAP7L200A ATMEL-AT91CAP7L200A Datasheet
1Mb / 47P
   Customizable Microcontroller
AT91CAP7S450A ATMEL-AT91CAP7S450A_1 Datasheet
10Mb / 517P
   Customizable Microcontroller
AT91CAP9S500A ATMEL-AT91CAP9S500A_1 Datasheet
17Mb / 1137P
   Customizable Microcontroller Processor
AT91CAP9S500A ATMEL-AT91CAP9S500A Datasheet
888Kb / 52P
   Customizable Microcontroller Processor
AT91CAP9SC500A ATMEL-AT91CAP9SC500A Datasheet
1Mb / 60P
   Customizable Microcontroller Processor
AT91CAP9S500A_0711 ATMEL-AT91CAP9S500A_0711 Datasheet
1Mb / 58P
   Customizable Microcontroller Processor
AT91CAP9S500A ATMEL-AT91CAP9S500A_09 Datasheet
1Mb / 60P
   Customizable Microcontroller Processor
logo
STMicroelectronics
STEVAL-ISA028V1 STMICROELECTRONICS-STEVAL-ISA028V1 Datasheet
125Kb / 4P
   Customizable output voltage
December 2007 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com