Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9543CPW Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA9543CPW
Description  2-channel I2C-bus switch with interrupt logic and reset
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9543CPW Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA9543CPW Datasheet HTML 1Page - NXP Semiconductors PCA9543CPW Datasheet HTML 2Page - NXP Semiconductors PCA9543CPW Datasheet HTML 3Page - NXP Semiconductors PCA9543CPW Datasheet HTML 4Page - NXP Semiconductors PCA9543CPW Datasheet HTML 5Page - NXP Semiconductors PCA9543CPW Datasheet HTML 6Page - NXP Semiconductors PCA9543CPW Datasheet HTML 7Page - NXP Semiconductors PCA9543CPW Datasheet HTML 8Page - NXP Semiconductors PCA9543CPW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
PCA9543A_43B_43C_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 17 November 2008
5 of 23
NXP Semiconductors
PCA9543A/43B/43C
2-channel I2C-bus switch with interrupt logic and reset
6.
Functional description
Refer to Figure 1 “Block diagram of PCA9543A/43B/43C”.
6.1 Device address
Following a START condition, the bus master must output the address of the slave it is
accessing. The address of the PCA9543A is shown in Figure 4. To conserve power, no
internal pull-up resistors are incorporated on the hardware selectable address pins and
they must be pulled HIGH or LOW.
The last bit of the slave address defines the operation to be performed. When set to
logic 1 a read is selected, while a logic 0 selects a write operation.
The PCA9543B and PCA9543C are alternate address versions if needed for larger
systems or to resolve address conflicts. The data sheet will reference the PCA9543A, but
the PCA9543B and PCA9543C function identically except for the slave address.
6.2 Control register
Following the successful acknowledgement of the slave address, the bus master will send
a byte to the PCA9543A, which will be stored in the control register. If multiple bytes are
received by the PCA9543A, it will save the last byte received. This register can be written
and read via the I2C-bus.
Fig 4.
Slave address PCA9543A
Fig 5.
Slave address PCA9543B
Fig 6.
Slave address PCA9543C
002aab169
1
1
1
0
0
A1
A0 R/W
fixed
hardware
selectable
002aab799
1
1
1
1
0
A1
A0 R/W
fixed
hardware
selectable
002aab800
0
1
1
0
0
A1
A0 R/W
fixed
hardware
selectable
Fig 7.
Control register
002aab181
X
X
INT
1
INT
0
X
X
B1
B0
channel selection bits
(read/write)
76543210
interrupt bits
(read only)
channel 0
channel 1
INT0
INT1


Similar Part No. - PCA9543CPW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9543CPW NXP-PCA9543CPW Datasheet
139Kb / 23P
   2-channel I2C-bus switch with interrupt logic and reset
Rev. 06-15 June 2009
More results

Similar Description - PCA9543CPW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9543A NXP-PCA9543A_09 Datasheet
139Kb / 23P
   2-channel I2C-bus switch with interrupt logic and reset
Rev. 06-15 June 2009
PCA9543 PHILIPS-PCA9543 Datasheet
120Kb / 15P
   2-channel I2C switch with interrupt logic and reset
2004 Oct 01
logo
Nuvoton Technology Corp...
NCT5945Y NUVOTON-NCT5945Y Datasheet
1,017Kb / 29P
   4-channel I2C-bus switch with interrupt logic and reset
logo
NXP Semiconductors
PCA9545A NXP-PCA9545A Datasheet
160Kb / 28P
   4-channel I2C-bus switch with interrupt logic and reset
Rev. 07-19 June 2009
logo
Texas Instruments
PCA9543A TI-PCA9543A Datasheet
499Kb / 20P
[Old version datasheet]   TWO-CHANNEL I2C-BUS SWITCH WITH INTERRUPT LOGIC AND RESET
logo
NXP Semiconductors
PCA9545A NXP-PCA9545A_V01 Datasheet
455Kb / 33P
   4-channel I2C-bus switch with interrupt logic and reset
Rev. 10 - 27 September 2022
logo
Texas Instruments
TCA9543A TI1-TCA9543A_15 Datasheet
1Mb / 32P
[Old version datasheet]   TCA9543A Low Voltage 2-Channel I2C Bus Switch With Interrupt Logic And Reset
logo
NXP Semiconductors
PCA9545 PHILIPS-PCA9545 Datasheet
118Kb / 14P
   4-channel I2C switch with interrupt logic and reset
2002 Mar 28
PCA9545APW PHILIPS-PCA9545APW Datasheet
155Kb / 27P
   4-channel I2C switch with interrupt logic and reset
Rev. 03-3 March 2005
PCA9542A NXP-PCA9542A Datasheet
130Kb / 22P
   2-channel I2C-bus multiplexer and interrupt logic
Rev. 04-15 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com