Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65ELT20 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN65ELT20
Description  5-V TTL-to-Differential PECL Translator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65ELT20 Datasheet(HTML) 4 Page - Texas Instruments

  SN65ELT20 Datasheet HTML 1Page - Texas Instruments SN65ELT20 Datasheet HTML 2Page - Texas Instruments SN65ELT20 Datasheet HTML 3Page - Texas Instruments SN65ELT20 Datasheet HTML 4Page - Texas Instruments SN65ELT20 Datasheet HTML 5Page - Texas Instruments SN65ELT20 Datasheet HTML 6Page - Texas Instruments SN65ELT20 Datasheet HTML 7Page - Texas Instruments SN65ELT20 Datasheet HTML 8Page - Texas Instruments SN65ELT20 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Typical Termination for Output Driver
S0078-02
V
TT
V
=V
TT
CC
– 2V
Z
=50
O
W
50 W
50 W
Z
=50
O
W
P
N
Receiver
P
N
Driver
IN
OUT
OUT
1.5V
1.5V
T0405-01
t
PHL
t
PLH
80%
20%
t
r
t
f
T0402-01
SN65ELT20
SLLS922 – DECEMBER 2008............................................................................................................................................................................................ www.ti.com
Figure 1. Typical Termination for Output Driver
Figure 2. Output Propagation Delay
Figure 3. Output Rise and Fall Times
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): SN65ELT20


Similar Part No. - SN65ELT20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ELT20 TI-SN65ELT20 Datasheet
432Kb / 12P
[Old version datasheet]   5-V TTL-to-Differential PECL Translator
SN65ELT206D TI-SN65ELT206D Datasheet
432Kb / 12P
[Old version datasheet]   5-V TTL-to-Differential PECL Translator
SN65ELT20D TI-SN65ELT20D Datasheet
432Kb / 12P
[Old version datasheet]   5-V TTL-to-Differential PECL Translator
SN65ELT20DGK TI-SN65ELT20DGK Datasheet
432Kb / 12P
[Old version datasheet]   5-V TTL-to-Differential PECL Translator
SN65ELT20DGKR TI-SN65ELT20DGKR Datasheet
432Kb / 12P
[Old version datasheet]   5-V TTL-to-Differential PECL Translator
More results

Similar Description - SN65ELT20

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28_06 Datasheet
142Kb / 9P
   5 V TTL to Differential PECL and Differential PECL to TTL Translator
December, 2006 ??Rev. 9
logo
Texas Instruments
SN65ELT20 TI-SN65ELT20_1 Datasheet
432Kb / 12P
[Old version datasheet]   5-V TTL-to-Differential PECL Translator
logo
ON Semiconductor
MC10ELT21 ONSEMI-MC10ELT21_06 Datasheet
138Kb / 8P
   5 V Differential PECL to TTL Translator
December, 2006 ??Rev. 11
MC10ELT21 ONSEMI-MC10ELT21_15 Datasheet
86Kb / 7P
   5 V Differential PECL to TTL Translator
August, 2015 ??Rev. 13
MC100ELT23 ONSEMI-MC100ELT23_06 Datasheet
134Kb / 8P
   5 V Dual Differential PECL to TTL Translator
December, 2006 ??Rev. 14
MC100ELT23 ONSEMI-MC100ELT23_15 Datasheet
81Kb / 6P
   5 V Dual Differential PECL to TTL Translator
August, 2015 ??Rev. 17
logo
Texas Instruments
SN65ELT22 TI-SN65ELT22 Datasheet
430Kb / 11P
[Old version datasheet]   5-V Dual TTL-to-Differential PECL Translator
SN65ELT22 TI-SN65ELT22_2 Datasheet
454Kb / 12P
[Old version datasheet]   5-V Dual TTL-to-Differential PECL Translator
SN65ELT22 TI-SN65ELT22_1 Datasheet
397Kb / 11P
[Old version datasheet]   5-V Dual TTL-to-Differential PECL Translator
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com