Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GI355.A22C257 Datasheet(PDF) 3 Page - Baumer IVO GmbH & Co. KG

Part # GI355.A22C257
Description  Incremental encoders
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GI355.A22C257 Datasheet(HTML) 3 Page - Baumer IVO GmbH & Co. KG

  GI355.A22C257 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GI355.A22C257 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG GI355.A22C257 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG GI355.A22C257 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.baumerivo.com
Incremental encoders
3
www.baumerivo.com
www.baumerivo.com
Connector
Core colour
Assignment
Pin 1
pink
Track B inv.
Pin 2
blue
UB-Sense
Pin 3
red
Track N (zero pulse)
Pin 4
black
Track N inv. (zero pulse inv.)
Pin 5
brown
Track A
Pin 6
green
Track A inv.
Pin 7
Pin 8
grey
Track B
Pin 9
Pin 10
white/green
GND
Pin 11
white
GND-Sense
Pin 12
brown/green UB
1
2
3
4
5
6
7
8
9
10
12
11
UB-Sense and GND-Sense are
directly connected to UB resp. GND.
Please use cores twisted in pairs
(for example track A / track A inv.) for
extension cables of more than 10 m
length.
Terminal assignment
GI355, GI356
Shaft with clamping or synchro flange
Resolution 5...6000 pulses
90°
Track A
Track A
Track B
Track B
Zero pulse
Zero pulse
Clockwise rotating direction when looking at flange.
Output signals
Outputs
Linedriver RS422
Output level High
>2.5 V (I = -20 mA)
Output level Low
<0.5 V (I = 20 mA)
Load High
<20 mA
Load Low
<20 mA
Outputs
Push-pull short-circuit proof
Output level High
>UB -3 V (I = -20 mA)
Output level Low
<0.5 V (I = 20 mA)
Load High
<20 mA
Load Low
<20 mA
Trigger level


Similar Part No. - GI355.A22C257

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
GI352 IVO-GI352 Datasheet
543Kb / 4P
   Incremental encoders
GI352.121A035 IVO-GI352.121A035 Datasheet
543Kb / 4P
   Incremental encoders
GI352.121A036 IVO-GI352.121A036 Datasheet
543Kb / 4P
   Incremental encoders
GI352.121A039 IVO-GI352.121A039 Datasheet
543Kb / 4P
   Incremental encoders
GI352.121A048 IVO-GI352.121A048 Datasheet
543Kb / 4P
   Incremental encoders
More results

Similar Description - GI355.A22C257

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
G1I0H IVO-G1I0H Datasheet
566Kb / 4P
   Incremental encoders
GI320 IVO-GI320 Datasheet
323Kb / 2P
   Incremental encoders
GI341 IVO-GI341 Datasheet
576Kb / 4P
   Incremental encoders
X700.I113249 IVO-X700.I113249 Datasheet
415Kb / 2P
   Incremental encoders
GE355 IVO-GE355 Datasheet
526Kb / 4P
   Incremental encoders
GI321 IVO-GI321 Datasheet
366Kb / 2P
   Incremental encoders
logo
List of Unclassifed Man...
P4111-AQ120 ETC1-P4111-AQ120 Datasheet
31Kb / 2P
   Incremental Encoders
logo
Baumer IVO GmbH & Co. K...
GE333 IVO-GE333 Datasheet
537Kb / 4P
   Incremental encoders
GI331 IVO-GI331 Datasheet
592Kb / 4P
   Incremental encoders
GI328 IVO-GI328 Datasheet
423Kb / 2P
   Incremental encoders
GI338 IVO-GI338 Datasheet
474Kb / 2P
   Incremental encoders
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com