Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GXAMW.A208PA2 Datasheet(PDF) 1 Page - Baumer IVO GmbH & Co. KG

Part # GXAMW.A208PA2
Description  Absolute encoders - modular bus covers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GXAMW.A208PA2 Datasheet(HTML) 1 Page - Baumer IVO GmbH & Co. KG

  GXAMW.A208PA2 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GXAMW.A208PA2 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG GXAMW.A208PA2 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG GXAMW.A208PA2 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.baumerivo.com
Absolute encoders - modular bus covers
1
www.baumerivo.com
www.baumerivo.com
GXMMW with modular bus cover
Features
Encoder single- or multiturn / bus cover
Optical sensing
Resolution: singleturn 13 bit, multiturn 16 bit
Clamping flange or synchro flange
Modular bus interfaces
CANopen/DeviceNet/EtherCAT/Profibus/SSI/fibre-
optic
Code continuity check optional by bus
Technical data - electrical ratings
Voltage supply
10...30 VDC
Reverse polarity protection Yes
Consumption w/o load
≤100 mA (24 VDC)
Initializing time (typ.)
250 ms after power on
Interfaces
Profibus-DPV0 / V2, CANopen,
DeviceNet, EtherCAT, Fiber-
optic bus, SSI
User address
Rotary switch in bus cover
(type-specific)
Steps per turn
8192 / 13 bit
Incremental output
2048 pulses A90°B (optional)
Absolute accuracy
±0.025°
Sensing method
Optical
Code
Binary
Code sequence
CW/CCW programmable
Interference immunity
DIN EN 61000-6-2
Emitted interference
DIN EN 61000-6-4
Programmable
parameters
Steps per revolution
Number of revolutions
Preset
Scaling
Rotational direction
Diagnostic functions
Position or parameter error
Multiturn sensing
Status indicator
DUO-LED integrated in bus
cover
Approval
UL approval / E63076
GXAMW
Function
Singleturn
GXMMW
Function
Multiturn
Number of turns
65536 / 16 bit
GXAMW, GXMMW - multivo
Technical data - mechanical design
Housing
ø58 mm
Shaft
ø10 mm (clamping flange)
ø6 mm (synchro flange)
Flange
Clamping or synchro flange
Protection DIN EN 60529 IP 54 without shaft seal
IP 65 with shaft seal
Operating speed
≤10000 rpm (mechanical)
≤6000 rpm (electric)
Starting torque
≤0.015 Nm IP 54
≤0.03 Nm IP 65
Rotor moment of inertia
20 gcm²
Admitted shaft load
≤20 N axial
≤40 N radial
Materials
Housing: steel
Flange: aluminium
Bus cover: zinc die-cast
or aluminium
Operating temperature
-25...+85 °C
-40...+85 °C (optional)
Relative humidity
95 % non-condensing
Resistance
DIN EN 60068-2-6
Vibration 10 g, 16-2000 Hz
DIN EN 60068-2-27
Shock 200 g, 6 ms
Weight approx.
650 g
E-connection
Bus cover
Optical sensing, shaft
Single and multiturn encoder 13 bit ST / 16 bit MT
CANopen / DeviceNet / EtherCAT / Profibus / SSI / fiber-optic
Optional
Incremental outputs
Stainless steel design


Similar Part No. - GXAMW.A208PA2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GXAM04 ETC2-GXAM04 Datasheet
515Kb / 22P
   MICROTEMP Thermal Cutoffs INTRODUCTION
GXAM06 ETC2-GXAM06 Datasheet
515Kb / 22P
   MICROTEMP Thermal Cutoffs INTRODUCTION
More results

Similar Description - GXAMW.A208PA2

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
G1MMH IVO-G1MMH Datasheet
512Kb / 4P
   Absolute encoders - modular bus covers
GXMMW IVO-GXMMW Datasheet
735Kb / 4P
   Absolute encoders - modular bus covers
GEMMW IVO-GEMMW Datasheet
384Kb / 2P
   Absolute encoders - modular bus covers
GXMMS IVO-GXMMS Datasheet
716Kb / 4P
   Absolute encoders - modular bus covers
GBAMS IVO-GBAMS Datasheet
667Kb / 4P
   Absolute encoders - modular bus covers
GBAMW IVO-GBAMW Datasheet
686Kb / 4P
   Absolute encoders - modular bus covers
G0AMH IVO-G0AMH Datasheet
512Kb / 4P
   Absolute encoders - modular bus covers
GCMMW IVO-GCMMW Datasheet
683Kb / 4P
   Absolute encoders - modular bus covers
GEMMH IVO-GEMMH Datasheet
494Kb / 4P
   Absolute encoders - modular bus covers
GCMMS IVO-GCMMS Datasheet
664Kb / 4P
   Absolute encoders - modular bus covers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com