Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT88SC0808CA-PU Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT88SC0808CA-PU
Description  CryptoMemory
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0808CA-PU Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT88SC0808CA-PU Datasheet HTML 6Page - ATMEL Corporation AT88SC0808CA-PU Datasheet HTML 7Page - ATMEL Corporation AT88SC0808CA-PU Datasheet HTML 8Page - ATMEL Corporation AT88SC0808CA-PU Datasheet HTML 9Page - ATMEL Corporation AT88SC0808CA-PU Datasheet HTML 10Page - ATMEL Corporation AT88SC0808CA-PU Datasheet HTML 11Page - ATMEL Corporation AT88SC0808CA-PU Datasheet HTML 12Page - ATMEL Corporation AT88SC0808CA-PU Datasheet HTML 13Page - ATMEL Corporation AT88SC0808CA-PU Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
5204AS–CRYPT–7/08
AT88SC0808CA
10.1
Security Fuses
There are three fuses on the device that must be blown during the device personalization pro-
cess. Each fuse locks certain portions of the configuration zone as OTP (One-Time
Programmable) memory. Fuses are designed for the module manufacturer, card manufacturer
and card issuer and should be blown in sequence, although all programming of the device and
blowing of the fuses may be performed at one final step.
11. Communication Security Modes
Communications between the device and host operate in three basic modes. Standard mode is
the default mode for the device after power-up. Authentication mode is activated by a successful
authentication sequence. Encryption mode is activated by a successful encryption activation fol-
lowing a successful authentication.
Note:
1. Configuration data include viewable areas of the Configuration Zone except the passwords:
MDC: Modification Detection Code.
MAC: Message Authentication Code.
12. Security Options
12.1
Anti-Tearing
In the event of a power loss during a write cycle, the integrity of the device’s stored data is recov-
erable. This function is optional: the host may choose to activate the anti-tearing function,
depending on application requirements. When anti-tearing is active, write commands take longer
to execute, since more write cycles are required to complete them, and data is limited to a maxi-
mum of eight bytes for each write request.
Data is written first into a buffer zone in EEPROM instead of the intended destination address,
but with the same access conditions. The data is then written in the required location. If this sec-
ond write cycle is interrupted due to a power loss, the device will automatically recover the data
from the system buffer zone at the next power-up. Non-volatile buffering of the data is done
automatically by the device.
During power-up in applications using Anti-Tearing, the host is required to perform ACK polling
in the event that the device needs to carry out the data recovery process.
Table 11-1.
Communication Security Modes
(1)
Mode
Configuration Data
User Data
Passwords
Data Integrity Check
Standard
Clear
Clear
Clear
MDC
Authentication
Clear
Clear
Encrypted
MAC
Encryption
Clear
Encrypted
Encrypted
MAC


Similar Part No. - AT88SC0808CA-PU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC0808CA-PU ATMEL-AT88SC0808CA-PU Datasheet
219Kb / 24P
   CryptoMemory
AT88SC0808CA-PU ATMEL-AT88SC0808CA-PU Datasheet
304Kb / 23P
   Atmel CryptoMemory
More results

Similar Description - AT88SC0808CA-PU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC0104CA ATMEL-AT88SC0104CA Datasheet
530Kb / 20P
   CryptoMemory
AT88SC0404CA ATMEL-AT88SC0404CA Datasheet
574Kb / 20P
   CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA_09 Datasheet
219Kb / 24P
   CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA Datasheet
553Kb / 20P
   CryptoMemory
AT88SC0808CA ATMEL-AT88SC0808CA_09 Datasheet
219Kb / 24P
   CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA_11 Datasheet
307Kb / 23P
   Atmel CryptoMemory
AT88SC0104CA ATMEL-AT88SC0104CA_14 Datasheet
440Kb / 24P
   Atmel CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA_14 Datasheet
457Kb / 24P
   Atmel CryptoMemory
AT88SC0404CA ATMEL-AT88SC0404CA_14 Datasheet
444Kb / 24P
   Atmel CryptoMemory
AT88SC0104C ATMEL-AT88SC0104C_07 Datasheet
423Kb / 18P
   CryptoMemory 1 Kbit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com